Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSR16 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BSR16
Description  PNP switching transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BSR16 Datasheet(HTML) 8 Page - NXP Semiconductors

  BSR16 Datasheet HTML 1Page - NXP Semiconductors BSR16 Datasheet HTML 2Page - NXP Semiconductors BSR16 Datasheet HTML 3Page - NXP Semiconductors BSR16 Datasheet HTML 4Page - NXP Semiconductors BSR16 Datasheet HTML 5Page - NXP Semiconductors BSR16 Datasheet HTML 6Page - NXP Semiconductors BSR16 Datasheet HTML 7Page - NXP Semiconductors BSR16 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NXP Semiconductors
Contact information
For additional information please visit: http://www.nxp.com
For sales offices addresses send e-mail to: salesaddresses@nxp.com
© NXP B.V. 2009
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner.
The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed
without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license
under patent- or other industrial or intellectual property rights.
Customer notification
This data sheet was changed to reflect the new company name NXP Semiconductors, including new legal
definitions and disclaimers. No changes were made to the technical content, except for package outline
drawings which were updated to the latest version.
Printed in The Netherlands
R75/04/pp8
Date of release: 2004 Jan 13
Document order number: 9397 750 12421


Similar Part No. - BSR16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSR16 PHILIPS-BSR16 Datasheet
45Kb / 8P
   PNP switching transistors
1999 Apr 15
logo
Fairchild Semiconductor
BSR16 FAIRCHILD-BSR16 Datasheet
47Kb / 4P
   PNP General Purpose Amplifier
logo
Continental Device Indi...
BSR16 CDIL-BSR16 Datasheet
152Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Nexperia B.V. All right...
BSR16 NEXPERIA-BSR16 Datasheet
732Kb / 14P
   60V, 600 mA, PNP switching transistor
24 April 2015
logo
Guangdong Kexin Industr...
BSR16-HF KEXIN-BSR16-HF_15 Datasheet
961Kb / 2P
   PNP Transistors
More results

Similar Description - BSR16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBT2907 NXP-PMBT2907 Datasheet
136Kb / 8P
   PNP switching transistors
2004 Jan 16
logo
Micro Commercial Compon...
2N2907 MCC-2N2907_11 Datasheet
459Kb / 3P
   PNP Switching Transistors
logo
NXP Semiconductors
2N2907 PHILIPS-2N2907 Datasheet
52Kb / 8P
   PNP switching transistors
1997 May 30
BSR15 PHILIPS-BSR15 Datasheet
45Kb / 8P
   PNP switching transistors
1999 Apr 15
logo
Micro Commercial Compon...
2N2907 MCC-2N2907 Datasheet
415Kb / 3P
   PNP Switching Transistors
logo
NXP Semiconductors
2N2906 PHILIPS-2N2906 Datasheet
52Kb / 8P
   PNP switching transistors
1997 Jun 02
BCY78 PHILIPS-BCY78 Datasheet
54Kb / 8P
   PNP switching transistors
1997 Jun 18
logo
Guangdong Kexin Industr...
BSR15 KEXIN-BSR15 Datasheet
44Kb / 2P
   PNP Switching Transistors
logo
Comset Semiconductor
2N5679 COMSET-2N5679 Datasheet
79Kb / 3P
   PNP SWITCHING TRANSISTORS
logo
NXP Semiconductors
2N2905 PHILIPS-2N2905 Datasheet
55Kb / 8P
   PNP switching transistors
1997 May 28
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com