Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTN78000WAZT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PTN78000WAZT
Description  1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTN78000WAZT Datasheet(HTML) 10 Page - Texas Instruments

Back Button PTN78000WAZT Datasheet HTML 6Page - Texas Instruments PTN78000WAZT Datasheet HTML 7Page - Texas Instruments PTN78000WAZT Datasheet HTML 8Page - Texas Instruments PTN78000WAZT Datasheet HTML 9Page - Texas Instruments PTN78000WAZT Datasheet HTML 10Page - Texas Instruments PTN78000WAZT Datasheet HTML 11Page - Texas Instruments PTN78000WAZT Datasheet HTML 12Page - Texas Instruments PTN78000WAZT Datasheet HTML 13Page - Texas Instruments PTN78000WAZT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
APPLICATION INFORMATION
Adjusting the Output Voltage of the PTN78000 Wide-Output Adjust Power Modules
General
R
=54.9k
SET
W ´
1.25 V
V -V
O
min
-R
P
(1)
Input Voltage Considerations
PTN78000W, PTN78000H
SLTS230C – NOVEMBER 2004 – REVISED SEPTEMBER 2008...................................................................................................................................... www.ti.com
A resistor must be connected between the VO Adjust control (pin 4) and GND (pin 1) to set the output voltage.
The adjustment range is from 2.5 V to 12.6 V for PTN78000W. The adjustment range is from 11.85 V to 22 V for
PTN78000H. If pin 4 is left open, the output voltage defaults to the lowest value.
Table 2 gives the preferred value of the external resistor for several standard voltages, with the actual output
voltage that the value provides. For other output voltages, the value of the required resistor can be calculated
using Equation 1, and the constants for the applicable product in Table 1. Alternatilvey, RSET can be simply
selected from the range of values given in Table 3. Figure 27 shows the placement of the required resistor.
Table 1. RSET Formula Constants
PRODUCT
VMIN (V)
RP (kΩ)
PTN780x0W
2.5
6.49
PTN780x0H
11.824
6.65
The PTN78000 is a step-down switching regulator. In order that the output remains in regulation, the input
voltage must exceed the output by a minimum differential voltage. (Please refer to the input voltage range
requirements in the electrical characteristics table.)
Another consideration is the pulse width modulation (PWM) range of the regulator's internal control circuit. For
stable operation, its operating duty cycle should not be lower than some minimum percentage. This defines the
maximum advisable ratio between the regulator input and output voltage magnitudes.
As an example, for satisfactory performance, the operating input voltage range of the PTN78000x must adhere to
the following requirements.
1. For PTN78000W output voltages lower than 10 V, the minimum input voltage is (VO + 2 V ) or 7 V, whichever
is higher.
2. For PTN78000W output voltages equal to 10 V and higher, the minimum input voltage is (VO + 2.5 V ) .
3. For PTN78000W, the maximum input voltage is (10 x VO ) or 36 V, whichever is less.
4. For PTN78000H output voltages lower than 19 V, the minimum input voltage is (VO + 3 V ) or 15 V,
whichever is higher.
5. For PTN78000H output voltages equal to 19 V and higher, the minimum input voltage is (VO + 4 V ) .
10
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated
Product Folder Link(s): PTN78000W PTN78000H


Similar Part No. - PTN78000WAZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78000W TI-PTN78000W Datasheet
456Kb / 20P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
More results

Similar Description - PTN78000WAZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78000W TI-PTN78000W Datasheet
456Kb / 20P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78000A TI-PTN78000A_15 Datasheet
480Kb / 19P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
PTN78000A TI-PTN78000A Datasheet
1Mb / 18P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
PTH08080W TI-PTH08080W Datasheet
700Kb / 16P
[Old version datasheet]   2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W Datasheet
1Mb / 25P
[Old version datasheet]   6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78060W TI-PTN78060W_09 Datasheet
746Kb / 26P
[Old version datasheet]   3-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78060W TI-PTN78060W Datasheet
1Mb / 24P
[Old version datasheet]   3-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W_08 Datasheet
711Kb / 26P
[Old version datasheet]   6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08080W TI-PTH08080W_15 Datasheet
475Kb / 18P
[Old version datasheet]   2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W_15 Datasheet
432Kb / 27P
[Old version datasheet]   6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com