Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTN78000WAS Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PTN78000WAS
Description  1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTN78000WAS Datasheet(HTML) 3 Page - Texas Instruments

  PTN78000WAS Datasheet HTML 1Page - Texas Instruments PTN78000WAS Datasheet HTML 2Page - Texas Instruments PTN78000WAS Datasheet HTML 3Page - Texas Instruments PTN78000WAS Datasheet HTML 4Page - Texas Instruments PTN78000WAS Datasheet HTML 5Page - Texas Instruments PTN78000WAS Datasheet HTML 6Page - Texas Instruments PTN78000WAS Datasheet HTML 7Page - Texas Instruments PTN78000WAS Datasheet HTML 8Page - Texas Instruments PTN78000WAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
ELECTRICAL CHARACTERISTICS
PTN78000W, PTN78000H
www.ti.com...................................................................................................................................... SLTS230C – NOVEMBER 2004 – REVISED SEPTEMBER 2008
operating at 25°C free-air temperature, VI = 20 V, VO = 5 V, IO = IO (max), CI = 2.2 µF, CO = 100 µF (unless otherwise noted)
PTN78000W
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO
Output current
TA = 85°C, natural convection airflow
0
1.5
A
VI
Input voltage range
Over IO range
7 (1)
36 (2)
V
Set-point voltage tolerance
TA = 25°C
±2% (3)
Temperature variation
–40°C to +85°C
±0.5%
Line regulation
Over VI range
±10
mV
VO
Load regulation
Over IO range
±10
mV
Includes set point, line, load
Total output voltage variation
±3% (3)
–40°C < TA < 85°C
VI < 12 V
2.5
VI – 2
12 V
≤ VI ≤ 15.1 V
2.5
VI – 2.5
VO Adj
Output voltage adjust range
V
15.1 V < VI ≤ 25 V
2.5
12.6
VI > 25 V
0.1 x VI
12.6
VI = 24 V, RSET = 732 Ω, VO = 12 V
91%
η
Efficiency
VI = 15 V, RSET = 21 kΩ, VO = 5 V
86%
VI = 15 V, RSET = 78.7 kΩ, VO = 3.3 V
82%
Output voltage ripple
20 MHz bandwith
1% VO
V(PP)
IO (LIM)
Current limit threshold
ΔVO = –50 mV
3.2
A
1 A/µs load step from 50% to 100% IOmax
Transient response
Recovery time
100
µs
VO over/undershoot
2.5
%VO
VI increasing
5.5
UVLO
Undervoltage lockout
V
VI decreasing
5.2
Input high voltage (VIH)
1
Open (4)
V
Inhibit control (pin 3)
Input low voltage (VIL)
–0.1
0.3
Input low current (IIL)
0.25
mA
II (STBY)
Input standby current
Pin 3 connected to GND
17
mA
FS
Switching frequency
Over VI and IO ranges
440
550
660
kHz
CI
External input capacitance
Ceramic
2.2 (5)
µF
Nonceramic
100 (6)
µF
CO
External output capacitance
Ceramic
200
Equiv. series resistance (nonceramic)
10 (7)
m
Per Telcordia SR-332, 50% stress,
MTBF
Calculated reliability
8.9
106 Hr
TA = 40°C, ground benign
(1)
For output voltages less than 10 V, the minimum input voltage is 7 V or (VO + 2) V, whichever is greater. For output voltages of 10 V
and higher, the minimum input voltage is (VO + 2.5) V. See the Application Information section for further guidance.
(2)
For output voltages less than 3.6 V, the maximum input voltage is 10 × VO . See the Application Information section for further guidance.
(3)
The set-point voltage tolerance is affected by the tolerance and stability of RSET. The stated limit is unconditionally met if RSET has a
tolerance of 1% with with 100 ppm/°C or better temperature stability.
(4)
This control pin has an internal pullup, and if left open circuit, the module operates when input power is applied. The open-circuit voltage
is typically 1.5 V. A smal,l low-leakage (< 100 nA) MOSFET is recommended for control. See the Application Information section for
further guidance.
(5)
An external 2.2-µF ceramic capacitor is required across the input (VI and GND) for proper operation. Locate the capacitor close to the
module.
(6)
100 µF of output capacitance is required for proper operation. See the Application Information section for further guidance.
(7)
This is the typical ESR for all the electrolytic (nonceramic) capacitance. Use 17 m
Ω as the minimum when using maximum ESR values
to calculate.
Copyright © 2004–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): PTN78000W PTN78000H


Similar Part No. - PTN78000WAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78000W TI-PTN78000W Datasheet
456Kb / 20P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
More results

Similar Description - PTN78000WAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78000W TI-PTN78000W Datasheet
456Kb / 20P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78000A TI-PTN78000A_15 Datasheet
480Kb / 19P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
PTN78000A TI-PTN78000A Datasheet
1Mb / 18P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
PTH08080W TI-PTH08080W Datasheet
700Kb / 16P
[Old version datasheet]   2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W Datasheet
1Mb / 25P
[Old version datasheet]   6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78060W TI-PTN78060W_09 Datasheet
746Kb / 26P
[Old version datasheet]   3-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78060W TI-PTN78060W Datasheet
1Mb / 24P
[Old version datasheet]   3-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W_08 Datasheet
711Kb / 26P
[Old version datasheet]   6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08080W TI-PTH08080W_15 Datasheet
475Kb / 18P
[Old version datasheet]   2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W_15 Datasheet
432Kb / 27P
[Old version datasheet]   6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com