Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTN78000WAH Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PTN78000WAH
Description  1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTN78000WAH Datasheet(HTML) 1 Page - Texas Instruments

  PTN78000WAH Datasheet HTML 1Page - Texas Instruments PTN78000WAH Datasheet HTML 2Page - Texas Instruments PTN78000WAH Datasheet HTML 3Page - Texas Instruments PTN78000WAH Datasheet HTML 4Page - Texas Instruments PTN78000WAH Datasheet HTML 5Page - Texas Instruments PTN78000WAH Datasheet HTML 6Page - Texas Instruments PTN78000WAH Datasheet HTML 7Page - Texas Instruments PTN78000WAH Datasheet HTML 8Page - Texas Instruments PTN78000WAH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
STANDARD APPLICATION
PTN78000
(Top View)
1
1
2
3
5
4
+
R
SET
(B)
0.05 W, 1 %
(Required)
C
I
(A)
Ceramic
(Required)
C
O
(A)
100 mF
Electrolytic
(Required)
V
O
GND
V
I
Inhibit
GND
PTN78000W, PTN78000H
www.ti.com...................................................................................................................................... SLTS230C – NOVEMBER 2004 – REVISED SEPTEMBER 2008
1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
• 1.5-A Output Current
• Wide-Input Voltage
The
PTN78000
is
a
series
of
high-efficiency,
step-down Integrated Switching Regulators (ISR),
(7 V to 36 V) / (15 V to 36 V)
that represent the third generation in the evolution of
• Wide-Output Voltage Adjust
the popular 78ST100 series of products. In new
(2.5 V to 12.6 V) / (11.85 V to 22 V)
designs it should be considered in place of the
• High Efficiency (Up to 95%)
78ST100, PT78ST100, PT5100, and PT6100 series
of single in-line pin (SIP) products. The PTN78000 is
• On/Off Inhibit
smaller and lighter than its predecessors, and has
• Undervoltage Lockout
either similar or improved electrical performance
• Output Current Limit
characteristics. The case-less, double-sided package,
also exhibits improved thermal characteristics, and is
• Overtemperature Shutdown
compatible with TI's roadmap for RoHS and lead-free
• Operating Temperature: –40°C to 85°C
compliance.
• Surface Mount Package Available
Operating from a wide-input voltage range, the
PTN78000
provides
high-efficiency,
step-down
voltage conversion for loads of up to 1.5 A. The
• General-Purpose, Industrial Controls,
output voltage is set using a single external resistor.
HVAC Systems, Test and Measurement,
The PTN78000W may be set to any value within the
Medical Instrumentation, AC/DC Adaptors,
range, 2.5 V to 12.6 V, and the PTN78000H from
Vehicles, Marine, and Avionics
11.85 V to 22 V. The output voltage of the
PTN78000W can be as little as 2 V lower than the
input, allowing operation down to 7 V, with an output
voltage of 5 V. The output voltage of the PTN78000H
can be as little as 3 V lower than the input, alowing
operation down to 15 V, with an output voltage of
12 V.
The PTN78000 has undervoltage lockout and an
integral on/off inhibit. The modules are suited to a
wide variety of general-purpose applications that
operate off 12-V, 24-V, or 28-VDC power.
(A) See the Application Information section for
capacitor
recommendations.
The
minimum
input
capacitance is 2.2
µF for PTN78000W, and 9.4 µF (2
x 4.7
µF) for PTN78000H.
(B) RSET is required to adjust the output voltage
higher than 2.5 V for PTN78000W, and high than
11.824 V for PTN78000H. See the Application
Information section for specific values.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PTN78000WAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78000W TI-PTN78000W Datasheet
456Kb / 20P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
More results

Similar Description - PTN78000WAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78000W TI-PTN78000W Datasheet
456Kb / 20P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78000A TI-PTN78000A_15 Datasheet
480Kb / 19P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
PTN78000A TI-PTN78000A Datasheet
1Mb / 18P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
PTH08080W TI-PTH08080W Datasheet
700Kb / 16P
[Old version datasheet]   2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W Datasheet
1Mb / 25P
[Old version datasheet]   6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78060W TI-PTN78060W_09 Datasheet
746Kb / 26P
[Old version datasheet]   3-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78060W TI-PTN78060W Datasheet
1Mb / 24P
[Old version datasheet]   3-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W_08 Datasheet
711Kb / 26P
[Old version datasheet]   6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08080W TI-PTH08080W_15 Datasheet
475Kb / 18P
[Old version datasheet]   2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W_15 Datasheet
432Kb / 27P
[Old version datasheet]   6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com