Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2808AQPWR-1Q1 Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC2808AQPWR-1Q1
Description  LOW POWER CURRENT MODE PUSH-PULL PWM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2808AQPWR-1Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC2808AQPWR-1Q1 Datasheet HTML 2Page - Texas Instruments UCC2808AQPWR-1Q1 Datasheet HTML 3Page - Texas Instruments UCC2808AQPWR-1Q1 Datasheet HTML 4Page - Texas Instruments UCC2808AQPWR-1Q1 Datasheet HTML 5Page - Texas Instruments UCC2808AQPWR-1Q1 Datasheet HTML 6Page - Texas Instruments UCC2808AQPWR-1Q1 Datasheet HTML 7Page - Texas Instruments UCC2808AQPWR-1Q1 Datasheet HTML 8Page - Texas Instruments UCC2808AQPWR-1Q1 Datasheet HTML 9Page - Texas Instruments UCC2808AQPWR-1Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
UCC2808A1Q1, UCC2808A2Q1
LOW POWER CURRENT MODE PUSHPULL PWM
SGLS183A − AUGUST 2003 − REVISED APRIL 2008
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
pin assignments (continued)
SQ
R
4
OSCILLATOR
OUTPUT
0.2 V
VDD
2
RC
(APPROXIMATE
FREQUENCY)
FREQUENCY =
1.41
RC
UDG-00095
Figure 1. Block Diagram for Oscillator
NOTE A: The oscillator generates a sawtooth waveform on RC. During the RC rise time, the output stages alternate on time, but both stages are
off during the RC fall time. The output stages switch a 1/2 the oscillator frequency, with ensured duty cycle of < 50% for both outputs.
VDD: The power input connection for this device. Although quiescent VDD current is very low, total supply
current will be higher, depending on OUTA and OUTB current, and the programmed oscillator frequency. Total
VDD current is the sum of quiescent VDD current and the average OUT current. Knowing the operating
frequency and the MOSFET gate charge (Qg), average OUT current can be calculated from:
I
OUT +
Qg
F, where F is frequency
To prevent noise problems, bypass VDD to GND with a ceramic capacitor as close to the chip as possible along
with an electrolytic capacitor. A 1-
µF decoupling capacitor is recommended.
APPLICATION INFORMATION
A 200-kHz push-pull application circuit with a full-wave rectifier is shown in Figure 2. The output, VO, provides
5 V at 50 W maximum and is electrically isolated from the input. Since the UCC2808A is a peak-current-mode
controller the 2N2907 emitter following amplifier (buffers the CT waveform) provides slope compensation which
is necessary for duty ratios greater than 50%. Capacitor decoupling is very important with a single ground IC
controller, and a 1
µF is suggested as close to the IC as possible. The controller supply is a series RC for start-up,
paralleled with a bias winding on the output inductor used in steady state operation.
Isolation is provided by an optocoupler with regulation done on the secondary side using the TL431 adjustable
precision shunt regulator. Small signal compensation with tight voltage regulation is achieved using this part
on the secondary side. Many choices exist for the output inductor depending on cost, volume, and mechanicall
strength. Several design options are iron powder, molypermalloy (MPP), or a ferrite core with an air gap as
shown here. The main power transformer has a Magnetics Inc. ER28 size core made of P material for efficient
operation at this frequency and temperature. The input voltage may range from 36 V dc to 72 V dc.


Similar Part No. - UCC2808AQPWR-1Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2808AQPWR-1Q1 TI-UCC2808AQPWR-1Q1 Datasheet
248Kb / 11P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808AQPWR-1Q1 TI-UCC2808AQPWR-1Q1 Datasheet
250Kb / 11P
[Old version datasheet]   LOW POER CURRENT MODE PUSH-PULL PWM
More results

Similar Description - UCC2808AQPWR-1Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2808-1 TI-UCC2808-1 Datasheet
173Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1EP TI-UCC2808A-1EP Datasheet
181Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC3808 TI-UCC3808 Datasheet
152Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC1808- TI-UCC1808- Datasheet
148Kb / 7P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_15 Datasheet
812Kb / 17P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1 TI1-UCC2808A-1_16 Datasheet
719Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1EP TI1-UCC2808A-1EP_14 Datasheet
731Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808-1 TI1-UCC2808-1_15 Datasheet
957Kb / 22P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1 TI-UCC2808A-1 Datasheet
160Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808-1 TI1-UCC2808-1_13 Datasheet
912Kb / 18P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com