Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCD90124RGCT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCD90124RGCT
Description  12-Rail Sequencer and System Health Monitor With Fan Control
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD90124RGCT Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCD90124RGCT Datasheet HTML 2Page - Texas Instruments UCD90124RGCT Datasheet HTML 3Page - Texas Instruments UCD90124RGCT Datasheet HTML 4Page - Texas Instruments UCD90124RGCT Datasheet HTML 5Page - Texas Instruments UCD90124RGCT Datasheet HTML 6Page - Texas Instruments UCD90124RGCT Datasheet HTML 7Page - Texas Instruments UCD90124RGCT Datasheet HTML 8Page - Texas Instruments UCD90124RGCT Datasheet HTML 9Page - Texas Instruments UCD90124RGCT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
UCD90124
48
47
46
45
44
43
42
41
40
39
33
13
14
15
16
3
4
5
6
7
8
9
10
11
12
34
RESET
MON4
GPIO2
GPIO4
PMBUS _DATA
GPIO3
PMBUS _CLK
GPIO 16
TMS/GPIO22
TRST
TDI/GPIO21
TDO/GPIO 20
TCK/GPIO19
DVSS1
AVSS2
MON6
MON3
GPIO1
V33DIO1
38
37
MON5
1
2
MON2
MON1
35
36
BPCAP
TRCK
GPIO 17
GPIO 18
PWM4/GPI4
PWM 3/GPI3
DVSS3
V33DIO2
V33D
V33A
PMBUS_CLK
15
PMBUS_DATA
16
PMBUS_ALERT
27
PMBUS_CNTRL
28
PMBUS_ADDR0
61
PMBUS_ADDR1
60
NC1
51
NC2
53
7
8
26 43
44 45 46 47
48 49
58
64
RESET
9
PWM1/GPI1
31
PWM2/GPI2
32
PWM4/GPI4
41
PWM3/GPI3
42
NC3
55
NC4
57
TRCK
10
TRST
40
TCK/GPIO19
36
TDO/GPIO20
37
TDI/GPIO21
38
TMS/GPIO22
39
GPIO1
11
GPIO2
12
GPIO3
13
GPIO4
14
GPIO13
25
GPIO16
33
GPIO17
34
GPIO18
35
GPIO14
29
GPIO15
30
FPWM1/GPIO5
17
FPWM2/GPIO6
18
FPWM3/GPIO7
19
FPWM4/GPIO8
20
FPWM5/GPIO9
21
FPWM6/GPIO10
22
FPWM7/GPIO11
23
FPWM8/GPIO12
24
MON1
1
MON2
2
MON3
3
MON4
4
MON5
5
MON6
6
MON7
59
MON8
62
MON9
63
MON10
50
MON11
52
MON12
54
MON13
56
UCD90124
UCD90124
SLVSA29A – NOVEMBER 2009 – REVISED DECEMBER 2009
www.ti.com
DEVICE INFORMATION
UCD90124 PIN ASSIGNMENT
PIN FUNCTIONS
PIN NAME
PIN NO.
I/O TYPE
DESCRIPTION
ANALOG MONITOR INPUTS
MON1
1
I
Analog input (0 V–2.5 V)
MON2
2
I
Analog input (0 V–2.5 V)
MON3
3
I
Analog input (0 V–2.5 V)
MON4
4
I
Analog input (0 V–2.5 V)
MON5
5
I
Analog input (0 V–2.5 V)
MON6
6
I
Analog input (0 V–2.5 V)
MON7
59
I
Analog input (0 V–2.5 V)
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :UCD90124


Similar Part No. - UCD90124RGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD90124RGCT TI-UCD90124RGCT Datasheet
2Mb / 46P
[Old version datasheet]   12-Rail Sequencer and System Health Monitor With Fan Control
More results

Similar Description - UCD90124RGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD90124 TI-UCD90124_1 Datasheet
2Mb / 46P
[Old version datasheet]   12-Rail Sequencer and System Health Monitor With Fan Control
UCD90910 TI1-UCD90910 Datasheet
1Mb / 51P
[Old version datasheet]   10-Rail Sequencer and System Health Monitor With 10-Fan Control
UCD90120 TI-UCD90120 Datasheet
2Mb / 40P
[Old version datasheet]   UCD90120 12-Channel Sequencer and System Health Monitor
UCD90124A TI1-UCD90124A Datasheet
1Mb / 51P
[Old version datasheet]   12-Rail Power Supply Sequencer and Monitor with ACPI Support and Fan Control
UCD90120A TI1-UCD90120A Datasheet
1Mb / 43P
[Old version datasheet]   12-Rail Power Supply Sequencer and Monitor with ACPI Support
UCD90120A TI1-UCD90120A_15 Datasheet
1Mb / 58P
[Old version datasheet]   12-Rail Power Supply Sequencer and Monitor With ACPI Support
logo
Analog Devices
AD7294 AD-AD7294_17 Datasheet
1Mb / 48P
   12-Bit Monitor and Control System with Multichannel
AD7294-2 AD-AD7294-2 Datasheet
1,006Kb / 45P
   12-Bit Monitor and Control System
logo
Texas Instruments
UCD9090A TI1-UCD9090A Datasheet
1Mb / 54P
[Old version datasheet]   10-Rail Power Supply Sequencer and Monitor
UCD90160A TI1-UCD90160A Datasheet
2Mb / 59P
[Old version datasheet]   16-Rail Power Supply Sequencer and Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com