Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCD90124RGCT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCD90124RGCT
Description  12-Rail Sequencer and System Health Monitor With Fan Control
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD90124RGCT Datasheet(HTML) 4 Page - Texas Instruments

  UCD90124RGCT Datasheet HTML 1Page - Texas Instruments UCD90124RGCT Datasheet HTML 2Page - Texas Instruments UCD90124RGCT Datasheet HTML 3Page - Texas Instruments UCD90124RGCT Datasheet HTML 4Page - Texas Instruments UCD90124RGCT Datasheet HTML 5Page - Texas Instruments UCD90124RGCT Datasheet HTML 6Page - Texas Instruments UCD90124RGCT Datasheet HTML 7Page - Texas Instruments UCD90124RGCT Datasheet HTML 8Page - Texas Instruments UCD90124RGCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
UCD90124
SLVSA29A – NOVEMBER 2009 – REVISED DECEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN NOM
MAX
UNIT
SYSTEM PERFORMANCE
VDDSlew
Minimum VDD slew rate
VDD slew rate between 2.3 V and 2.9 V
0.25
V/ms
Supply voltage at which device
VRESET
For power-on reset (POR)
2.4
V
comes out of reset
Low-pulse duration needed at
tRESET
To reset device during normal operation
2
μS
RESET pin
f(PCLK)
Internal oscillator frequency
TA = 125°C, TA = 25°C
240
250
260
MHz
Retention of configuration
tretention
TJ = 25°C
100
Years
parameters
Number of nonvolatile erase/write
Write_Cycles
TJ = 25°C
20
K cycles
cycles
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :UCD90124


Similar Part No. - UCD90124RGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD90124RGCT TI-UCD90124RGCT Datasheet
2Mb / 46P
[Old version datasheet]   12-Rail Sequencer and System Health Monitor With Fan Control
More results

Similar Description - UCD90124RGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD90124 TI-UCD90124_1 Datasheet
2Mb / 46P
[Old version datasheet]   12-Rail Sequencer and System Health Monitor With Fan Control
UCD90910 TI1-UCD90910 Datasheet
1Mb / 51P
[Old version datasheet]   10-Rail Sequencer and System Health Monitor With 10-Fan Control
UCD90120 TI-UCD90120 Datasheet
2Mb / 40P
[Old version datasheet]   UCD90120 12-Channel Sequencer and System Health Monitor
UCD90124A TI1-UCD90124A Datasheet
1Mb / 51P
[Old version datasheet]   12-Rail Power Supply Sequencer and Monitor with ACPI Support and Fan Control
UCD90120A TI1-UCD90120A Datasheet
1Mb / 43P
[Old version datasheet]   12-Rail Power Supply Sequencer and Monitor with ACPI Support
UCD90120A TI1-UCD90120A_15 Datasheet
1Mb / 58P
[Old version datasheet]   12-Rail Power Supply Sequencer and Monitor With ACPI Support
logo
Analog Devices
AD7294 AD-AD7294_17 Datasheet
1Mb / 48P
   12-Bit Monitor and Control System with Multichannel
AD7294-2 AD-AD7294-2 Datasheet
1,006Kb / 45P
   12-Bit Monitor and Control System
logo
Texas Instruments
UCD9090A TI1-UCD9090A Datasheet
1Mb / 54P
[Old version datasheet]   10-Rail Power Supply Sequencer and Monitor
UCD90160A TI1-UCD90160A Datasheet
2Mb / 59P
[Old version datasheet]   16-Rail Power Supply Sequencer and Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com