Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2552DRV Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS2552DRV
Description  PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2552DRV Datasheet(HTML) 3 Page - Texas Instruments

  TPS2552DRV Datasheet HTML 1Page - Texas Instruments TPS2552DRV Datasheet HTML 2Page - Texas Instruments TPS2552DRV Datasheet HTML 3Page - Texas Instruments TPS2552DRV Datasheet HTML 4Page - Texas Instruments TPS2552DRV Datasheet HTML 5Page - Texas Instruments TPS2552DRV Datasheet HTML 6Page - Texas Instruments TPS2552DRV Datasheet HTML 7Page - Texas Instruments TPS2552DRV Datasheet HTML 8Page - Texas Instruments TPS2552DRV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TPS2552
TPS2553, TPS2552-1, TPS2553-1
www.ti.com...................................................................................................................................... SLVS841C – NOVEMBER 2008 – REVISED SEPTEMBER 2009
MIN
MAX
UNIT
VIN
Input voltage, IN
2.5
6.5
V
VEN
TPS2552/52-1
0
6.5
Enable voltage
V
VEN
TPS2553/53-1
0
6.5
VIH
High-level input voltage on EN or EN
1.1
V
VIL
Low-level input voltage on EN or EN
0.66
–40 °C
≤ TJ ≤ 125 °C
0
1.2
IOUT
Continuous output current, OUT
A
–40 °C
≤ TJ ≤ 105 °C
0
1.5
RILIM
Current-limit threshold resistor range (nominal 1%) from ILIM to GND
15
232
k
IO
Continuous FAULT sink current
0
10
mA
Input de-coupling capacitance, IN to GND
0.1
µF
IOUT ≤ 1.2 A
–40
125
Operating virtual junction
TJ
°C
temperature(1)
IOUT ≤ 1.5 A
-40
105
(1)
See "Dissipation Rating Table" and "Power Dissipation and Junction Temperature" sections for details on how to calculate maximum
junction temperature for specific applications and packages.
over recommended operating conditions, V/EN = 0 V, or VEN = VIN, RFAULT = 10 kΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
POWER SWITCH
DBV package, TJ = 25 °C
85
95
DBV package, –40 °C
≤TJ ≤125 °C
135
rDS(on)
Static drain-source on-state resistance DRV package, TJ = 25 °C
100
115
m
DRV package, –40 °C
≤TJ ≤105 °C
140
DRV package, –40 °C
≤TJ ≤125 °C
150
VIN = 6.5 V
1.1
1.5
tr
Rise time, output
VIN = 2.5 V
0.7
1
CL = 1 µF, RL = 100 Ω,
ms
(see Figure 2)
VIN = 6.5 V
0.2
0.5
tf
Fall time, output
VIN = 2.5 V
0.2
0.5
ENABLE INPUT EN OR EN
Enable pin turn on/off threshold
0.66
1.1
V
IEN
Input current
VEN = 0 V or 6.5 V, V/EN = 0 V or 6.5 V
–0.5
0.5
µA
ton
Turnon time
3
ms
CL = 1 µF, RL = 100 Ω, (see Figure 2)
toff
Turnoff time
3
ms
CURRENT LIMIT
RILIM =
–40 °C
≤TJ ≤105 °C
1610
1700
1800
15 k
TJ = 25 °C
1215
1295
1375
RILIM =
20 k
–40 °C
≤TJ ≤125 °C
1200
1295
1375
Current-limit threshold (Maximum DC output current IOUT delivered to load) and
IOS
mA
Short-circuit current, OUT connected to GND
TJ = 25 °C
490
520
550
RILIM =
49.9 k
–40 °C
≤TJ ≤125 °C
475
520
565
RILIM = 210 kΩ
110
130
150
ILIM shorted to IN
50
75
100
tIOS
Response time to short circuit
VIN = 5 V (see Figure 3)
2
µs
REVERSE-VOLTAGE PROTECTION
Reverse-voltage comparator trip point
95
135
190
mV
(VOUT – VIN)
Time from reverse-voltage condition
VIN = 5 V
3
5
7
ms
to MOSFET turn off
(1)
Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account
separately.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS2552 TPS2553 TPS2552-1 TPS2553-1


Similar Part No. - TPS2552DRV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2552DRV TI-TPS2552DRV Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552DRV TI-TPS2552DRV Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552DRV-1 TI-TPS2552DRV-1 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552DRV-1 TI-TPS2552DRV-1 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552DRVR TI-TPS2552DRVR Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2552DRV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
logo
Texas Instruments
TPS2552 TI-TPS2552_10 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552D TI1-TPS2552D Datasheet
743Kb / 31P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
TPS2554 TI1-TPS2554_16 Datasheet
1Mb / 24P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2554 TI1-TPS2554 Datasheet
1Mb / 23P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2556 TI1-TPS2556 Datasheet
1,000Kb / 23P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI1-TPS2552_17 Datasheet
1Mb / 38P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com