Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLF6G27LS-135 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLF6G27LS-135
Description  WiMAX power LDMOS transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF6G27LS-135 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLF6G27LS-135 Datasheet HTML 1Page - NXP Semiconductors BLF6G27LS-135 Datasheet HTML 2Page - NXP Semiconductors BLF6G27LS-135 Datasheet HTML 3Page - NXP Semiconductors BLF6G27LS-135 Datasheet HTML 4Page - NXP Semiconductors BLF6G27LS-135 Datasheet HTML 5Page - NXP Semiconductors BLF6G27LS-135 Datasheet HTML 6Page - NXP Semiconductors BLF6G27LS-135 Datasheet HTML 7Page - NXP Semiconductors BLF6G27LS-135 Datasheet HTML 8Page - NXP Semiconductors BLF6G27LS-135 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
BLF6G27-135_BLF6G27LS-135_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 26 May 2008
3 of 13
NXP Semiconductors
BLF6G27-135; BLF6G27LS-135
WiMAX power LDMOS transistor
6.
Characteristics
7.
Application information
[1]
Measured within 30 kHz bandwidth.
[2]
Measured at 2.7 GHz and 3 dB compression of the CCDF at 0.01 % probability.
7.1 Ruggedness in class-AB operation
The BLF6G27-135 and BLF6G27LS-135 are capable of withstanding a load mismatch
corresponding to VSWR = 10 : 1 through all phases under the following conditions:
VDS = 28 V; IDq = 1200 mA; PL =PL(1dB); f = 2700 MHz.
Table 6.
Characteristics
Tj =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
V(BR)DSS drain-source breakdown
voltage
VGS =0V; ID = 0.5 mA
65
-
-
V
VGS(th)
gate-source threshold voltage
VDS = 10 V;
ID = 216 mA
1.4
2
2.4
V
IDSS
drain leakage current
VGS =0V; VDS =28V
-
-
4.2
µA
IDSX
drain cut-off current
VGS =VGS(th) + 3.75 V;
VDS =10V
30.6
34
-
A
IGSS
gate leakage current
VGS = +11 V; VDS = 0 V
-
-
420
nA
gfs
forward transconductance
VDS = 10 V; ID = 6.3 A
-
12
-
S
RDS(on)
drain-source on-state
resistance
VGS =VGS(th) + 3.75 V;
ID = 7.2 A
-
0.085
0.135
Crs
feedback capacitance
VGS =0 V; VDS =28V;
f=1MHz
-
3.15
-
pF
Table 7.
Application information
Mode of operation: 1-carrier N-CDMA, single carrier IS-95 with pilot, paging, sync and 6 traffic
channels (Walsh codes 8 to 13). PAR = 9.7 dB at 0.01 % probability on the CCDF, channel
bandwidth is 1.2288 MHz; f1 = 2500 MHz; f2 = 2600 MHz; f3 = 2700 MHz; RF performance at
VDS =32V; IDq = 1200 mA; Tcase =25 °C; unless otherwise specified, in a class-AB production
circuit.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Gp
power gain
PL(AV) = 20 W
14
16
-
dB
RLin
input return loss
PL(AV) =20W
-
−10
-
dB
ηD
drain efficiency
PL(AV) = 20 W
19.0
22.5
-
%
ACPR885k
adjacent channel power ratio
(885 kHz)
PL(AV) =20W
[1]
−48
−52
-
dBc
ACPR1980k
adjacent channel power ratio
(1980 kHz)
PL(AV) =20W
[1]
−65
−67
-
dBc
PL(M)
peak output power
[2] 185
200
-
W


Similar Part No. - BLF6G27LS-135

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G27LS-135 NXP-BLF6G27LS-135 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BLF6G27LS-135

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G27-10 NXP-BLF6G27-10 Datasheet
117Kb / 15P
   WiMAX power LDMOS transistor
Rev. 01-4 February 2009
BLF6G38-10 PHILIPS-BLF6G38-10_15 Datasheet
351Kb / 16P
   WiMAX power LDMOS transistor
Rev. 2-6 January 2015
BLF6G38-50 NXP-BLF6G38-50 Datasheet
93Kb / 12P
   WiMAX power LDMOS transistor
Rev. 01-12 February 2008
BLF6G27S-45 NXP-BLF6G27S-45_08 Datasheet
124Kb / 16P
   WiMAX power LDMOS transistor
Rev. 03-15 December 2008
BLF6G27-10 PHILIPS-BLF6G27-10_15 Datasheet
282Kb / 15P
   WiMAX power LDMOS transistor
Rev. 4-16 December 2014
BLF6G38-25 PHILIPS-BLF6G38-25_15 Datasheet
271Kb / 14P
   WiMAX power LDMOS transistor
Rev. 3-11 March 2013
BLF6G38-10 NXP-BLF6G38-10 Datasheet
111Kb / 15P
   WiMAX power LDMOS transistor
Rev. 01-3 February 2009
BLF6G38-25 NXP-BLF6G38-25 Datasheet
104Kb / 13P
   WiMAX power LDMOS transistor
Rev. 02-23 December 2008
BLF6G38-50 NXP-BLF6G38-50_10 Datasheet
162Kb / 13P
   WiMAX power LDMOS transistor
Rev. 02-1 June 2010
BLF6G27-45 NXP-BLF6G27-45 Datasheet
123Kb / 15P
   WiMAX power LDMOS transistor
Rev. 02-7 February 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com