Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS72711YFFR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS72711YFFR
Description  250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS72711YFFR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS72711YFFR Datasheet HTML 4Page - Texas Instruments TPS72711YFFR Datasheet HTML 5Page - Texas Instruments TPS72711YFFR Datasheet HTML 6Page - Texas Instruments TPS72711YFFR Datasheet HTML 7Page - Texas Instruments TPS72711YFFR Datasheet HTML 8Page - Texas Instruments TPS72711YFFR Datasheet HTML 9Page - Texas Instruments TPS72711YFFR Datasheet HTML 10Page - Texas Instruments TPS72711YFFR Datasheet HTML 11Page - Texas Instruments TPS72711YFFR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
100
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
10M
Frequency(Hz)
I
=10mA
OUT
I
=200mA
OUT
100
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
10M
Frequency(Hz)
I
=10mA
OUT
I
=200mA
OUT
80
70
60
50
40
30
20
10
0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
V
(V)
IN
10kHz
1kHz
100kHz
10.00
1.00
0.10
0.01
0
10
100
1k
10k
100k
1M
10M
Frequency(Hz)
I
=10mA
C
=C
=1 F
m
OUT
IN
OUT
200mA
0.1mA
V
=2.3V
IN
t =t =1 s
m
R
F
100 s/div
m
I
OUT
V
OUT
200mA
1mA
V
=2.3V
IN
t =t =1 s
m
R
F
50 s/div
m
I
OUT
V
OUT
TPS727xx
SBVS128B – JUNE 2009 – REVISED APRIL 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.3V or 2.0V, whichever is greater; IOUT = 10mA,
VEN = VIN, and COUT = 1.0mF, unless otherwise noted. Typical values are at TJ = +25°C.
PSRR vs FREQUENCY
PSRR vs FREQUENCY
(VIN – VOUT = 0.5V, TPS72718)
(VIN – VOUT = 0.3V, TPS72718)
Figure 14.
Figure 15.
OUTPUT SPECTRAL NOISE DENSITY
PSRR vs INPUT VOLTAGE
vs OUTPUT VOLTAGE
(TPS72718)
(TPS72718)
Figure 16.
Figure 17.
LOAD TRANSIENT RESPONSE: 0.1mA TO 200mA
LOAD TRANSIENT RESPONSE: 1mA TO 200mA
(TPS72718)
(TPS72718)
Figure 18.
Figure 19.
8
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated


Similar Part No. - TPS72711YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72711YFFR TI-TPS72711YFFR Datasheet
546Kb / 20P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS72711YFFR TI1-TPS72711YFFR Datasheet
681Kb / 23P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
JANUARY2011
TPS72711YFFR TI1-TPS72711YFFR Datasheet
772Kb / 23P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS72711YFFR TI-TPS72711YFFR Datasheet
841Kb / 21P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS72711YFFR TI1-TPS72711YFFR Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow IQ Fast Transient Response RF Low-Dropout Linear Regulator
More results

Similar Description - TPS72711YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72710 TI1-TPS72710 Datasheet
772Kb / 23P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727XX TI1-TPS727XX_11 Datasheet
681Kb / 23P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
JANUARY2011
TPS727XX TI-TPS727XX_1 Datasheet
546Kb / 20P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS72718DSEEVM-406 TI-TPS72718DSEEVM-406 Datasheet
841Kb / 21P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727 TI1-TPS727_15 Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow IQ Fast Transient Response RF Low-Dropout Linear Regulator
TPS727 TI-TPS727 Datasheet
1Mb / 37P
[Old version datasheet]   TPS727xx 250-mA, Ultralow IQ, Fast Transient Response,RF Low-Dropout Linear Regulator
TPS727 TI-TPS727_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS727 250-mA, Ultralow IQ, Fast Transient Response, RF Low-Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS2115 ADMOS-AMS2115 Datasheet
209Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
AMS2115 ADMOS-AMS2115_07 Datasheet
213Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
logo
Monolithic Power System...
EVQ20056-G-00A MPS-EVQ20056-G-00A Datasheet
696Kb / 6P
   Fast Transient Response, Ultra-Small 250mA Linear Regulator EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com