Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC9201N Datasheet(PDF) 11 Page - Texas Instruments

Part # TPIC9201N
Description  MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC9201N Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPIC9201N Datasheet HTML 7Page - Texas Instruments TPIC9201N Datasheet HTML 8Page - Texas Instruments TPIC9201N Datasheet HTML 9Page - Texas Instruments TPIC9201N Datasheet HTML 10Page - Texas Instruments TPIC9201N Datasheet HTML 11Page - Texas Instruments TPIC9201N Datasheet HTML 12Page - Texas Instruments TPIC9201N Datasheet HTML 13Page - Texas Instruments TPIC9201N Datasheet HTML 14Page - Texas Instruments TPIC9201N Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.ti.com
PCB Layout
Application Using a Multilayer PCB
PackageThermalPad
SolderPad(LandPattern)
ThermalVias
PackageOutline
PowerPad
PackageSolderPad
PackageSolderPad
(BottomTrace)
ThermalVia
ComponentTraces
ThermalIsolation
PowerPlaneOnly
1.5748mm
0.0 0.071-mmBoardBase
andBottomPad
0.5246 0.5606-mm
PowerPlane
(1-ozCu)
1.0142 1.0502-mm
GroundPlane
(1-ozCu)
1.5038 1.5748-mm
ComponentTrace
(2-ozCu)
2Plane
4Plane
Application Using a Single-Layer PCB
TPIC9201
MICROCONTROLLER POWER SUPPLY
AND MULTIPLE LOW-SIDE DRIVER
SLIS115D – APRIL 2005 – REVISED FEBRUARY 2008
To maximize the efficiency of this package for application on a single-layer or multilayer PCB, certain guidelines
must be followed when laying out this part on the PCB.
The following information is to be used as a guideline only.
For further information, see the PowerPAD concept implementation document.
In a multilayer board application, the thermal vias are the primary method of heat transfer from the package
thermal pad to the internal ground plane (see Figure 4 and Figure 5).
The efficiency of this method depends on several factors: die area, number of thermal vias, thickness of copper,
etc. (see the PowerPAD™ Thermally Enhanced Package Technical Brief, literature number SLMA002).
Figure 4. Package and PCB Land Configuration for a Multilayer PCB
Figure 5. Multilayer Board (Side View)
In a single-layer board application, the thermal pad is attached to a heat spreader (copper area) by using the low
thermal-impedance attachment method (solder paste or thermal-conductive epoxy). With either method, it is
advisable to use as much copper trace area as possible to dissipate the heat.
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPIC9201


Similar Part No. - TPIC9201N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC9201N TI-TPIC9201N Datasheet
403Kb / 11P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW SIDE DRIVER IC
TPIC9201N TI-TPIC9201N Datasheet
538Kb / 19P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
More results

Similar Description - TPIC9201N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC9202 TI-TPIC9202 Datasheet
491Kb / 18P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9201 TI-TPIC9201 Datasheet
538Kb / 19P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9202 TI-TPIC9202_07 Datasheet
547Kb / 18P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPL9201 TI-TPL9201 Datasheet
163Kb / 14P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9201N TI-TPIC9201N Datasheet
403Kb / 11P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW SIDE DRIVER IC
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com