Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC9201 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPIC9201
Description  MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC9201 Datasheet(HTML) 1 Page - Texas Instruments

  TPIC9201 Datasheet HTML 1Page - Texas Instruments TPIC9201 Datasheet HTML 2Page - Texas Instruments TPIC9201 Datasheet HTML 3Page - Texas Instruments TPIC9201 Datasheet HTML 4Page - Texas Instruments TPIC9201 Datasheet HTML 5Page - Texas Instruments TPIC9201 Datasheet HTML 6Page - Texas Instruments TPIC9201 Datasheet HTML 7Page - Texas Instruments TPIC9201 Datasheet HTML 8Page - Texas Instruments TPIC9201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
FEATURES
APPLICATIONS
ZVS
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
GND
SYN
V
IN
5V
OUT
SCLK
NCS
MOSI
RST
R
DELAY
EN1
GND
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
NORPWPPACKAGE
(TOPVIEW)
DESCRIPTION/ORDERING INFORMATION
TPIC9201
MICROCONTROLLER POWER SUPPLY
AND MULTIPLE LOW-SIDE DRIVER
SLIS115D – APRIL 2005 – REVISED FEBRUARY 2008
www.ti.com
• Electrical Appliances
2
• Eight Low-Side Drivers With Internal Clamp for
Inductive Loads and Current Limiting for Self
Air Conditioning Units
Protection
Ranges
Seven Outputs Rated at 150 mA and
Dishwashers
Controlled Through Serial Interface
Refrigerators
One Output Rated at 150 mA and
Microwaves
Controlled Through Serial Interface and
Washing Machines
Dedicated Enable Pin
• General-Purpose Interface Circuits, Allowing
• 5-V ± 5% Regulated Power Supply With
Microcontroller Interface to Relays, Electric
Motors, LEDs, and Buzzers
200-mA Load Capability at VIN Max of 18 V
• Internal Voltage Supervisory for Regulated
Output
• Serial Communications for Control of Eight
Low-Side Drivers
• Enable/Disable Input for OUT1
• 5-V or 3.3-V I/O Tolerant for Interface to
Microcontroller
• Programmable Power-On Reset Delay Before
RST Asserted High, Once 5 V Is Within
Specified Range (6 ms Typ)
• Programmable Deglitch Timer Before RST
Asserted Low (40
µs Typ)
• Zero-Voltage Detection Signal
• Thermal Shutdown for Self Protection
The power supply provides regulated 5-V output to power the system microcontroller and drive eight low-side
switches. The ac zero-detect circuitry is monitoring the crossover voltage of the mains ac supply. The resultant
signal is a low-frequency clock output on the ZVS terminal, based on the ac-line cycle. This information allows
the microcontroller to reduce in-rush current by powering loads on the ac-line peak voltage.
A serial communications interface controls the eight low-side outputs; each output has an internal snubber circuit
to absorb the energy in the inductor at turn OFF. Alternatively, the system can use a fly-back diode to VIN to help
recirculate the energy in an inductive load at turn OFF.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
PDIP – N
Tube of 20
TPIC9201N
TPIC9201N
–40
°C to 125°C
Reel of 2000
TPIC9201PWPR
PowerPAD™ – PWP
IC9201
Tube of 70
TPIC9201PWP
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPIC9201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC9201 TI-TPIC9201 Datasheet
538Kb / 19P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9201N TI-TPIC9201N Datasheet
403Kb / 11P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW SIDE DRIVER IC
TPIC9201N TI-TPIC9201N Datasheet
538Kb / 19P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9201PWP TI-TPIC9201PWP Datasheet
538Kb / 19P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9201PWPR TI-TPIC9201PWPR Datasheet
538Kb / 19P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
More results

Similar Description - TPIC9201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC9202 TI-TPIC9202 Datasheet
491Kb / 18P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9201 TI-TPIC9201 Datasheet
538Kb / 19P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9202 TI-TPIC9202_07 Datasheet
547Kb / 18P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPL9201 TI-TPL9201 Datasheet
163Kb / 14P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9201N TI-TPIC9201N Datasheet
403Kb / 11P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW SIDE DRIVER IC
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com