Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C6748 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS320C6748
Description  Fixed/Floating-Point DSP
Download  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6748 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320C6748_1 Datasheet HTML 2Page - Texas Instruments TMS320C6748_1 Datasheet HTML 3Page - Texas Instruments TMS320C6748_1 Datasheet HTML 4Page - Texas Instruments TMS320C6748_1 Datasheet HTML 5Page - Texas Instruments TMS320C6748_1 Datasheet HTML 6Page - Texas Instruments TMS320C6748_1 Datasheet HTML 7Page - Texas Instruments TMS320C6748_1 Datasheet HTML 8Page - Texas Instruments TMS320C6748_1 Datasheet HTML 9Page - Texas Instruments TMS320C6748_1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 254 page
background image
Contents
TMS320C6748 Fixed/Floating-Point DSP
SPRS590A – JUNE 2009 – REVISED AUGUST 2009
www.ti.com
1
TMS320C6748 Fixed/Floating-Point DSP
........... 1
6.8
Power and Sleep Controller (PSC)
.................. 84
1.1
Features
.............................................. 1
6.9
EDMA
............................................... 89
1.2
Trademarks
........................................... 3
6.10
External Memory Interface A (EMIFA)
.............. 95
1.3
Description
............................................ 4
6.11
DDR2/mDDR Controller
............................ 104
1.4
Functional Block Diagram
............................ 5
6.12
MMC / SD / SDIO (MMCSD0, MMCSD1)
......... 117
2
Revision History
......................................... 7
6.13
Serial ATA Controller (SATA)
...................... 120
3
Device Overview
......................................... 8
6.14
Multichannel Audio Serial Port (McASP)
.......... 122
3.1
Documentation Support
.............................. 8
6.15
Multichannel Buffered Serial Port (McBSP)
........ 131
3.2
Device Characteristics
................................ 8
6.16
Serial Peripheral Interface Ports (SPI0, SPI1)
..... 141
3.3
Device Compatibility
................................. 10
6.17
Inter-Integrated Circuit Serial Ports (I2C)
.......... 167
6.18
Universal Asynchronous Receiver/Transmitter
3.4
DSP Subsystem
..................................... 11
(UART)
............................................. 171
3.5
Memory Map Summary
............................. 17
6.19
Universal Serial Bus OTG Controller (USB0)
3.6
Pin Assignments
.................................... 21
[USB2.0 OTG]
..................................... 173
3.7
Pin Multiplexing Control
............................. 24
6.20
Universal Serial Bus Host Controller (USB1)
3.8
Terminal Functions
.................................. 25
[USB1.1 OHCI]
..................................... 180
4
Device Configuration
.................................. 61
6.21
Ethernet Media Access Controller (EMAC)
........ 181
4.1
Boot Modes
......................................... 61
6.22
Management Data Input/Output (MDIO)
........... 189
4.2
SYSCFG Module
.................................... 61
6.23
LCD Controller (LCDC)
............................ 191
5
Device Operating Conditions
........................ 64
6.24
Host-Port Interface (UHPI)
......................... 206
5.1
Absolute Maximum Ratings Over Operating
6.25
Universal Parallel Port (uPP)
...................... 214
Junction Temperature Range
6.26
Video Port Interface (VPIF)
........................ 219
(Unless Otherwise Noted)
................................. 64
6.27
Enhanced Capture (eCAP) Peripheral
............. 225
5.2
Recommended Operating Conditions
............... 65
6.28
Enhanced High-Resolution Pulse-Width Modulator
5.3
Electrical Characteristics Over Recommended
(eHRPWM)
......................................... 228
Ranges of Supply Voltage and Operating Junction
Temperature (Unless Otherwise Noted)
............ 67
6.29
Timers
.............................................. 233
6
Peripheral Information and Electrical
6.30
Real Time Clock (RTC)
............................ 235
Specifications
........................................... 68
6.31
General-Purpose Input/Output (GPIO)
............. 238
6.1
Parameter Information
.............................. 68
6.32
Programmable Real-Time Unit Subsystem
6.2
Recommended Clock and Control Signal Transition
(PRUSS)
........................................... 242
Behavior
............................................. 69
6.33
Emulation Logic
.................................... 245
6.3
Power Supplies
...................................... 69
7
Mechanical Packaging and Orderable
6.4
Reset
................................................ 70
Information
............................................. 247
6.5
Crystal Oscillator or External Clock Input
........... 73
7.1
Device Support
..................................... 247
6.6
Clock PLLs
.......................................... 74
7.2
Thermal Data for ZCE Package
................... 249
6.7
Interrupts
............................................ 78
7.3
Thermal Data for ZWT Package
................... 250
Contents
6
Submit Documentation Feedback


Similar Part No. - TMS320C6748_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6748 TI1-TMS320C6748_14 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_16 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_17 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_18 Datasheet
1Mb / 272P
[Old version datasheet]   Fixed- and Floating-Point DSP
More results

Similar Description - TMS320C6748_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6742 TI-TMS320C6742 Datasheet
1Mb / 167P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI-TMS320C6748 Datasheet
2Mb / 242P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6746 TI-TMS320C6746 Datasheet
1Mb / 216P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI-TMS320C6748_2 Datasheet
2Mb / 254P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_16 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6746 TI1-TMS320C6746_14 Datasheet
1Mb / 248P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_17 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_14 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6742 TI1-TMS320C6742_16 Datasheet
1Mb / 187P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_18 Datasheet
1Mb / 272P
[Old version datasheet]   Fixed- and Floating-Point DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com