Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA6507 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TCA6507
Description  LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA6507 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TCA6507 Datasheet HTML 3Page - Texas Instruments TCA6507 Datasheet HTML 4Page - Texas Instruments TCA6507 Datasheet HTML 5Page - Texas Instruments TCA6507 Datasheet HTML 6Page - Texas Instruments TCA6507 Datasheet HTML 7Page - Texas Instruments TCA6507 Datasheet HTML 8Page - Texas Instruments TCA6507 Datasheet HTML 9Page - Texas Instruments TCA6507 Datasheet HTML 10Page - Texas Instruments TCA6507 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
www.ti.com
B7
B4
B3
B2
B1
B0
B5
B6
TCA6507
LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER
WITH INTENSITY CONTROL AND SHUTDOWN
SCPS164B – MAY 2007 – REVISED NOVEMBER 2007
After the command byte is received, the I2C master starts sending data bytes. The first data byte goes into the
internal register defined by the command byte. Bit B4 in the command byte is used to determine the
programming mode. If B4 is low, all data bytes are written to the register defined by B0, B1, B2, and B3. If B4 is
high, the last four bits of the command byte are automatically incremented after the byte is written, and the next
data byte is stored in the corresponding register. Registers are written in the sequence shown in Table 3. Once
the Initialization register (register 10) is written to, the command byte returns to 0 (Select0 register). Registers 11
to 15 are reserved, and a command byte that references these registers is not acknowledged by the TCA6507.
The upper three bits (B7–B5) of the command byte must be programmed as zeroes for proper operation.
If a Stop condition occurs after the command byte is received, the TCA6507 stores the command byte and then
remains idle until the I2C master sends the next operation.
Figure 6. Control Register Bits
Table 2. Command Byte
BIT
FUNCTION
B7
Reserved. Must be programmed as 0.
B6
Reserved. Must be programmed as 0.
B5
Reserved. Must be programmed as 0.
B4
Auto increment
B3
Register address 3
B2
Register address 2
B1
Register address 1
B0
Register address 0
Table 3. Control Register Description
CONTROL REGISTER BITS
COMMAND
POWER-UP
REGISTER
PROTOCOL
BYTE (HEX)
DEFAULT
B3
B2
B1
B0
0
0
0
0
0x00
Select0
Read/write byte
0000 0000
0
0
0
1
0x01
Select1
Read/write byte
0000 0000
0
0
1
0
0x02
Select2
Read/write byte
0000 0000
0
0
1
1
0x03
Fade-On Time
Read/write byte
0100 0100
0
1
0
0
0x04
Fully-On Time
Read/write byte
0100 0100
0
1
0
1
0x05
Fade-Off Time
Read/write byte
0100 0100
0
1
1
0
0x06
First Fully-Off Time
Read/write byte
0100 0100
0
1
1
1
0x07
Second Fully-Off Time
Read/write byte
0100 0100
1
0
0
0
0x08
Maximum Intensity
Read/write byte
1111 1111
1
0
0
1
0x09
One Shot / Master Intensity
Read/write byte
0000 1111
1
0
1
0
0x10
Initialization
Write byte
N/A
1
0
1
1
0x11
Reserved
N/A
N/A
1
1
0
0
0x12
Reserved
N/A
N/A
1
1
0
1
0x13
Reserved
N/A
N/A
1
1
1
0
0x14
Reserved
N/A
N/A
1
1
1
1
0x15
Reserved
N/A
N/A
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TCA6507


Similar Part No. - TCA6507

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6507 TI-TCA6507 Datasheet
693Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA6507PW TI-TCA6507PW Datasheet
693Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA6507PW TI1-TCA6507PW Datasheet
1Mb / 45P
[Old version datasheet]   Low-Voltage 7-Bit I2C and SMBus LED Driver
TCA6507PWG4 TI-TCA6507PWG4 Datasheet
693Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA6507PWG4 TI1-TCA6507PWG4 Datasheet
1Mb / 45P
[Old version datasheet]   Low-Voltage 7-Bit I2C and SMBus LED Driver
More results

Similar Description - TCA6507

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6507 TI-TCA6507 Datasheet
693Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA6507 TI1-TCA6507_16 Datasheet
1Mb / 45P
[Old version datasheet]   Low-Voltage 7-Bit I2C and SMBus LED Driver
TCA9554A TI-TCA9554A Datasheet
506Kb / 33P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
logo
ATMEL Corporation
MSL3085BT ATMEL-MSL3085BT Datasheet
1Mb / 20P
   8-string White and RGB LED Driver with Adaptive Power Control, EEPROM, and I2C/SMBus Serial Interface
logo
NXP Semiconductors
PCA9574 NXP-PCA9574 Datasheet
180Kb / 32P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 02-27 July 2009
PCA9575 NXP-PCA9575 Datasheet
202Kb / 38P
   16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 03-9 November 2009
PCA9574 NXP-PCA9574_V01 Datasheet
412Kb / 29P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 6.0 - 31 May 2023
PCA9575 NXP-PCA9575_V01 Datasheet
632Kb / 44P
   16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 5.0 - 31 May 2023
logo
Texas Instruments
TCA6408A-Q1 TI1-TCA6408A-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
TCA9539 TI1-TCA9539_15 Datasheet
1Mb / 42P
[Old version datasheet]   Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com