Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP1G14DBVTE4 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74AUP1G14DBVTE4
Description  LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G14DBVTE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74AUP1G14DBVTE4 Datasheet HTML 4Page - Texas Instruments SN74AUP1G14DBVTE4 Datasheet HTML 5Page - Texas Instruments SN74AUP1G14DBVTE4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G14DBVTE4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G14DBVTE4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G14DBVTE4 Datasheet HTML 9Page - Texas Instruments SN74AUP1G14DBVTE4 Datasheet HTML 10Page - Texas Instruments SN74AUP1G14DBVTE4 Datasheet HTML 11Page - Texas Instruments SN74AUP1G14DBVTE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr/tf = 3 ns.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. All parameters and waveforms are not applicable to all devices.
5, 10, 15, 30 pF
VCC/2
VCC
0.15 V
VCC = 1.2 V
± 0.1 V
VCC = 0.8 V
VCC = 1.5 V
± 0.1 V
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
5, 10, 15, 30 pF
VCC/2
VCC
0.1 V
5, 10, 15, 30 pF
VCC/2
VCC
0.1 V
5, 10, 15, 30 pF
VCC/2
VCC
0.1 V
CL
VM
VI
V
5, 10, 15, 30 pF
VCC/2
VCC
0.15 V
5, 10, 15, 30 pF
VCC/2
VCC
0.3 V
Output
Waveform 1
S1 at 2
× VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
VCC
0 V
VOL + V
VOH - V
≈0 V
VCC
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Control
VCC/2
VCC/2
VCC/2
VCC/2
tPLZ/tPZL
tPHZ/tPZH
2
× VCC
GND
TEST
S1
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
S1
GND
5 k
5 k
2
× VCC
SN74AUP1G14
SCES578I – JUNE 2003 – REVISED MAY 2010
www.ti.com
PARAMETER MEASUREMENT INFORMATION
(Enable and Disable Times)
Figure 4. Load Circuit and Voltage Waveforms
8
Submit Documentation Feedback
Copyright © 2003–2010, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP1G14


Similar Part No. - SN74AUP1G14DBVTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G14DBVTE4 TI-SN74AUP1G14DBVTE4 Datasheet
978Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
More results

Similar Description - SN74AUP1G14DBVTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G14_101 TI-SN74AUP1G14_101 Datasheet
978Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
SN74AUP1G14 TI-SN74AUP1G14 Datasheet
194Kb / 11P
[Old version datasheet]   LOW POWER SINGLE SCHMITT TRIGGER INVERTER
SN74AUP1G14_017 TI1-SN74AUP1G14_017 Datasheet
1Mb / 39P
[Old version datasheet]   Low-Power Single Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74AUP1G14 UTC-U74AUP1G14 Datasheet
157Kb / 5P
   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
logo
Texas Instruments
SN74AUP1G14 TI1-SN74AUP1G14_17 Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G14 Low-Power Single Schmitt-Trigger Inverter
logo
NXP Semiconductors
74AUP1G14 NXP-74AUP1G14 Datasheet
112Kb / 19P
   Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
logo
Nexperia B.V. All right...
74AXP1G14 NEXPERIA-74AXP1G14 Datasheet
228Kb / 16P
   Low-power Schmitt trigger inverter
74AUP1G14 NEXPERIA-74AUP1G14 Datasheet
311Kb / 21P
   Low-power Schmitt trigger inverter
Rev. 10 - 14 January 2022
logo
NXP Semiconductors
74AUP1G14 PHILIPS-74AUP1G14_15 Datasheet
443Kb / 24P
   Low-power Schmitt trigger inverter
Rev. 6-28 June 2012
74AUP1G14 PHILIPS-74AUP1G14 Datasheet
101Kb / 20P
   Low-power Schmitt-trigger inverter
Rev. 01-20 July 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com