Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AVC20T245DGGRE4 Datasheet(PDF) 8 Page - Texas Instruments

Part # 74AVC20T245DGGRE4
Description  20-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74AVC20T245DGGRE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button 74AVC20T245DGGRE4 Datasheet HTML 4Page - Texas Instruments 74AVC20T245DGGRE4 Datasheet HTML 5Page - Texas Instruments 74AVC20T245DGGRE4 Datasheet HTML 6Page - Texas Instruments 74AVC20T245DGGRE4 Datasheet HTML 7Page - Texas Instruments 74AVC20T245DGGRE4 Datasheet HTML 8Page - Texas Instruments 74AVC20T245DGGRE4 Datasheet HTML 9Page - Texas Instruments 74AVC20T245DGGRE4 Datasheet HTML 10Page - Texas Instruments 74AVC20T245DGGRE4 Datasheet HTML 11Page - Texas Instruments 74AVC20T245DGGRE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
SN74AVC20T245
20BIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES566F − MAY 2004 − REVISED APRIL 2005
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCCA = 3.3 V ± 0.3 V (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB = 1.2 V
VCCB = 1.5 V
± 0.1 V
VCCB = 1.8 V
± 0.15 V
VCCB = 2.5 V
± 0.2 V
VCCB = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
B
3.4
0.5
5.7
0.5
4.6
0.5
3.4
0.5
2.9
ns
tPHL
A
B
3.4
0.5
5.7
0.5
4.6
0.5
3.4
0.5
2.9
ns
tPLH
B
A
3.3
0.5
3.9
0.5
3.5
0.5
3
0.5
2.9
ns
tPHL
B
A
3.3
0.5
3.9
0.5
3.5
0.5
3
0.5
2.9
ns
tPZH
OE
A
2.2
0.5
4.4
0.5
4.3
0.5
4.2
0.5
4.1
ns
tPZL
OE
A
2.2
0.5
4.4
0.5
4.3
0.5
4.2
0.5
4.1
ns
tPZH
OE
B
4.7
1
9.6
0.5
7.5
0.5
5.1
0.5
4.1
ns
tPZL
OE
B
4.7
1
9.6
0.5
7.5
0.5
5.1
0.5
4.1
ns
tPHZ
OE
A
3.4
0.8
5
0.8
5
0.8
5
0.8
5
ns
tPLZ
OE
A
3.4
0.8
5
0.8
5
0.8
5
0.8
5
ns
tPHZ
OE
B
4.6
1.2
8.1
1.2
6.7
1
5.1
0.8
5
ns
tPLZ
OE
B
4.6
1.2
8.1
1.2
6.7
1
5.1
0.8
5
ns
operating characteristics, TA = 25°C
PARAMETER
TEST
CONDITIONS
VCCA =
VCCB = 1.2 V
VCCA =
VCCB = 1.5 V
VCCA =
VCCB = 1.8 V
VCCA =
VCCB = 2.5 V
VCCA =
VCCB = 3.3 V
UNIT
PARAMETER
CONDITIONS
TYP
TYP
TYP
TYP
TYP
UNIT
A to B
Outputs
Enabled
1
1
1
1
2
CpdA†
A to B
Outputs
Disabled
CL = 0,
f = 10 MHz,
1
1
1
1
1
pF
CpdA†
B to A
Outputs
Enabled
f = 10 MHz,
tr = tf =1 ns
12
13
14
15
16
pF
B to A
Outputs
Disabled
1
1
1
1
1
A to B
Outputs
Enabled
13
13
14
15
16
CpdB†
A to B
Outputs
Disabled
CL = 0,
f = 10 MHz,
1
1
1
1
1
pF
CpdB†
B to A
Outputs
Enabled
L
f = 10 MHz,
tr = tf =1 ns
1
1
1
2
2
pF
B to A
Outputs
Disabled
1
1
1
1
1
† Power-dissipation capacitance per transceiver


Similar Part No. - 74AVC20T245DGGRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AVC20T245DGGRE4 TI-74AVC20T245DGGRE4 Datasheet
425Kb / 19P
[Old version datasheet]   20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVC20T245DGGRE4 TI-74AVC20T245DGGRE4 Datasheet
601Kb / 21P
[Old version datasheet]   20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - 74AVC20T245DGGRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC20T245 TI-SN74AVC20T245_08 Datasheet
601Kb / 21P
[Old version datasheet]   20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC20T245 TI-SN74AVC20T245 Datasheet
425Kb / 19P
[Old version datasheet]   20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH20T245 TI-SN74AVCH20T245 Datasheet
437Kb / 19P
[Old version datasheet]   20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCH20T245 TI-SN74AVCH20T245_07 Datasheet
281Kb / 14P
[Old version datasheet]   20-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH20T245 TI-SN74AVCH20T245_09 Datasheet
607Kb / 21P
[Old version datasheet]   20-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_07 Datasheet
386Kb / 20P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45 TI-SN74AVCH2T45_09 Datasheet
640Kb / 24P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_10 Datasheet
611Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45-Q1 TI1-SN74LVC2T45-Q1 Datasheet
662Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com