Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHCT1G08DCKT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHCT1G08DCKT
Description  single 2-input positive-and gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT1G08DCKT Datasheet(HTML) 2 Page - Texas Instruments

  SN74AHCT1G08DCKT Datasheet HTML 1Page - Texas Instruments SN74AHCT1G08DCKT Datasheet HTML 2Page - Texas Instruments SN74AHCT1G08DCKT Datasheet HTML 3Page - Texas Instruments SN74AHCT1G08DCKT Datasheet HTML 4Page - Texas Instruments SN74AHCT1G08DCKT Datasheet HTML 5Page - Texas Instruments SN74AHCT1G08DCKT Datasheet HTML 6Page - Texas Instruments SN74AHCT1G08DCKT Datasheet HTML 7Page - Texas Instruments SN74AHCT1G08DCKT Datasheet HTML 8Page - Texas Instruments SN74AHCT1G08DCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SN74AHCT1G08
SINGLE 2INPUT POSITIVEAND GATE
SCLS315O − MARCH 1996 − REVISED JUNE 2005
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
−20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): DBV package
206
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DCK package
252
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DRL package
142
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
IOH
High-level output current
−8
mA
IOL
Low-level output current
8
mA
∆t/∆v
Input transition rise or fall rate
20
ns/V
TA
Operating free-air temperature
−40
85
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
VOH
IOH = −50 mA
4.5 V
4.4
4.5
4.4
V
VOH
IOH = −8 mA
4.5 V
3.94
3.8
V
VOL
IOL = 50 mA
4.5 V
0.1
0.1
V
VOL
IOL = 8 mA
4.5 V
0.36
0.44
V
II
VI = 5.5 V or GND
0 V to 5.5 V
±0.1
±1
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
1
10
mA
∆ICC‡
One input at 3.4 V,
Other inputs at VCC or GND
5.5 V
1.35
1.5
mA
Ci
VI = VCC or GND
5 V
4
10
10
pF
‡ This is the increase in supply current for each input at one of the specified TTL voltage levels, rather than 0 V or VCC.


Similar Part No. - SN74AHCT1G08DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G08DCKT TI-SN74AHCT1G08DCKT Datasheet
572Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08DCKT TI1-SN74AHCT1G08DCKT Datasheet
1Mb / 26P
[Old version datasheet]   Single 2-Input Positive-AND Gate
More results

Similar Description - SN74AHCT1G08DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G08 TI-SN74AHCT1G08 Datasheet
69Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74LVC1G08 DIODES-74LVC1G08 Datasheet
199Kb / 11P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev. 1 - 2
74LVC1G08_1010 DIODES-74LVC1G08_1010 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev 2 - 2
logo
Texas Instruments
SN74AUC1G08 TI-SN74AUC1G08 Datasheet
460Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08 TI-SN74LVC1G08_07 Datasheet
597Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08-Q1 TI1-SN74LVC1G08-Q1 Datasheet
342Kb / 11P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHC1G08-Q1 TI-SN74AHC1G08-Q1 Datasheet
276Kb / 8P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_2 Datasheet
572Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74AHCT1G08 DIODES-74AHCT1G08 Datasheet
179Kb / 8P
   SINGLE 2 INPUT POSITIVE AND GATE
74LVCE1G08W5-7 DIODES-74LVCE1G08W5-7 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com