Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZR431LF02 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZR431LF02
Description  ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZR431LF02 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZR431LF02 Datasheet HTML 1Page - Zetex Semiconductors ZR431LF02 Datasheet HTML 2Page - Zetex Semiconductors ZR431LF02 Datasheet HTML 3Page - Zetex Semiconductors ZR431LF02 Datasheet HTML 4Page - Zetex Semiconductors ZR431LF02 Datasheet HTML 5Page - Zetex Semiconductors ZR431LF02 Datasheet HTML 6Page - Zetex Semiconductors ZR431LF02 Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZR431L
ABSOLUTE MAXIMUM RATING
Cathode Voltage (VZ)
10V
Cathode Current
50mA
Operating Temperature
-40 to 85°C
Storage Temperature
-55 to 125°C
Recommended Operating Conditions
Min
Max
Cathode Voltage
VREF
10V
Cathode Current
100
µA25mA
Power Dissipation (Tamb=25°C,
Tjmax=150°C)
SOT23
330mW
TO92
600mW
ELECTRICAL CHARACTERISTICS TEST CONDITIONS (Unless otherwise stated):Tamb=25°C
PARAMETER
SYMBOL
VALUE
UNITS CONDITIONS
MIN
TYP
MAX
Reference Voltage
2.5%
1.0%
Vref
1.209
1.228
1.24
1.24
1.271
1.252
VIL=10mA (Fig1), VZ=Vref
Deviation of Reference
Input Voltage over
Temperature
Vdev
4.0
8.0
mV
IL=10mA, VZ=Vref
Ta=full range (Fig1)
Ratio of the change in
Reference Voltage to the
Change in Cathode
Voltage
Vref
VZ
0.5
2.0
mV/V VZ from Vref to 10V
IZ=10mA (Fig2)
Reference Input Current
Iref
0.02
0.11
0.4
µA
R1=10k,R2=O/C,lL=10mA(Fig2)
Deviation of Reference
Input Current over
Temperature
Iref
0.02
0.2
µA
R1=10k, R2=O/C, IL=10mA
Ta=full range (Fig2)
Minimum Cathode
Current for Regulation
IZmin
30
100
µA
Off-state Current
IZoff
10
30
µA
VZ=10V, Vref =0V (Fig3)
Dynamic Output
Impedance
RZ
0.25
2
VZ=Vref (Fig1), f=0Hz,
IL=10mA
Deviation of reference input voltage, Vdev, is defined as the maximum variation of the
reference input voltage over the full temperature range.
The average temperature coefficient of the
reference input voltage, Vref is defined as:
Vref
(ppm
°C)=
Vdev x 1000000
Vref
(T1−T2)
The dynamic output impedance, Rz, is defined
as:
RZ
=
VZ
IZ
When the device is programmed with two
external resistors, R1 and R2, (fig 2) , the
dynamic output impedance of the overall
circuit, R’, is defined as:
R
=Rz (1+
R1
R2
)
Vmax
Vmin
T1
T2
Vdev = Vmax - Vmin
Temperature


Similar Part No. - ZR431LF02

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZR431LF02TA ZETEX-ZR431LF02TA Datasheet
324Kb / 9P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Diodes Incorporated
ZR431LF02TA DIODES-ZR431LF02TA Datasheet
413Kb / 10P
   Adjustable precision shunt regulator
More results

Similar Description - ZR431LF02

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZR431FTA DIODES-ZR431FTA Datasheet
168Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431 DIODES-ZR431 Datasheet
114Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431F005TA DIODES-ZR431F005TA Datasheet
168Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZH431 DIODES-ZH431 Datasheet
103Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431_17 Datasheet
241Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Zetex Semiconductors
ZR2431 ZETEX-ZR2431 Datasheet
103Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Diodes Incorporated
ZR431GTA DIODES-ZR431GTA Datasheet
152Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR2431 DIODES-ZR2431 Datasheet
101Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Texas Instruments
LM431 TI1-LM431_16 Datasheet
1Mb / 32P
[Old version datasheet]   Adjustable Precision Zener Shunt Regulator
logo
List of Unclassifed Man...
ZH431 ETC-ZH431 Datasheet
106Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com