Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD24D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD24D
Description  Extended Common-Mode RS-485 Transceivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD24D Datasheet(HTML) 1 Page - Texas Instruments

  SN65HVD24D Datasheet HTML 1Page - Texas Instruments SN65HVD24D Datasheet HTML 2Page - Texas Instruments SN65HVD24D Datasheet HTML 3Page - Texas Instruments SN65HVD24D Datasheet HTML 4Page - Texas Instruments SN65HVD24D Datasheet HTML 5Page - Texas Instruments SN65HVD24D Datasheet HTML 6Page - Texas Instruments SN65HVD24D Datasheet HTML 7Page - Texas Instruments SN65HVD24D Datasheet HTML 8Page - Texas Instruments SN65HVD24D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
-20 V
+25 V
-7V
+12 V
SUPER485
RS485
-20V
-15V
-10V
-5V
0
5V
10V
15V
20V
25V
0.1
1
10
100
HVD20
HVD23
HVD24
HVD21
HVD22
10
100
1000
CableLength-m
SN65HVD20, SN65HVD21
SN65HVD22, SN65HVD23, SN65HVD24
www.ti.com
SLLS552E – DECEMBER 2002 – REVISED MAY 2010
Extended Common-Mode RS-485 Transceivers
Check for Samples: SN65HVD20, SN65HVD21, SN65HVD22, SN65HVD23, SN65HVD24
1
FEATURES
DESCRIPTION
Common-Mode Voltage Range (–20 V to 25 V)
More Than Doubles TIA/EIA-485 Requirement
The
transceivers
in
the
HVD2x
family
offer
performance far exceeding typical RS
−485 devices.
Receiver Equalization Extends Cable Length,
In addition to meeting all requirements of the
Signaling Rate (HVD23, HVD24)
TIA/EIA
−485−A standard, the HVD2x family operates
Reduced Unit-Load for up to 256 Nodes
over an extended range of common-mode voltage,
Bus I/O Protection to Over 16-kV HBM
and has features such as high ESD protection, wide
receiver hysteresis, and failsafe operation. This family
Failsafe Receiver for Open-Circuit,
of devices is ideally suited for long-cable networks,
Short-Circuit and Idle-Bus Conditions
and other applications where the environment is too
Low Standby Supply Current 1-µA Max
harsh for ordinary transceivers.
More Than 100 mV Receiver Hysteresis
These devices are designed for bidirectional data
transmission
on
multipoint
twisted-pair
cables.
APPLICATIONS
Example applications are digital motor controllers,
Long Cable Solutions
remote sensors and terminals, industrial process
Factory Automation
control, security stations, and environmental control
systems.
Security Networks
Building HVAC
These devices combine a 3-state differential driver
Severe Electrical Environments
and a differential receiver, which operate from a
single 5-V power supply. The driver differential
Electrical Power Inverters
outputs and the receiver differential inputs are
Industrial Drives
connected internally to form a differential bus port
Avionics
that offers minimum loading to the bus. This port
features an extended common-mode voltage range
making the device suitable for multipoint applications
over long cable runs.
HVD2x APPLICATION SPACE
HVD2x Devices Operate Over a Wider
Common-Mode Voltage Range
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65HVD24D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD24D TI-SN65HVD24D Datasheet
527Kb / 25P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD24D TI-SN65HVD24D Datasheet
581Kb / 28P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD24D TI-SN65HVD24D Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD24DG4 TI-SN65HVD24DG4 Datasheet
581Kb / 28P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD24DG4 TI-SN65HVD24DG4 Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
More results

Similar Description - SN65HVD24D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD21M-EP TI1-SN65HVD21M-EP Datasheet
617Kb / 21P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20 TI-SN65HVD20_07 Datasheet
581Kb / 28P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20_101 TI-SN65HVD20_101 Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD20 TI-SN65HVD20 Datasheet
527Kb / 25P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD1785_101 TI-SN65HVD1785_101 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1785 TI-SN65HVD1785_10 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
logo
FutureWafer Tech Co.,Lt...
FM712 FUTUREWAFER-FM712 Datasheet
946Kb / 5P
   For extended common-mode RS-485
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com