Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD21 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD21
Description  Extended Common-Mode RS-485 Transceivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD21 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65HVD21 Datasheet HTML 5Page - Texas Instruments SN65HVD21 Datasheet HTML 6Page - Texas Instruments SN65HVD21 Datasheet HTML 7Page - Texas Instruments SN65HVD21 Datasheet HTML 8Page - Texas Instruments SN65HVD21 Datasheet HTML 9Page - Texas Instruments SN65HVD21 Datasheet HTML 10Page - Texas Instruments SN65HVD21 Datasheet HTML 11Page - Texas Instruments SN65HVD21 Datasheet HTML 12Page - Texas Instruments SN65HVD21 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
II
IO
IO
VOD
50pF
27
27
VOC
0Vor3V
IO
IO
VOD
60
VTEST
0Vor3V
375
375
VTEST =20Vto25V
VOD
50
RL =54 Ω
CL =50pF
Signal
Generator
1.5V
1.5V
3V
0V
tPLH
tPHL
VOD(H)
VOD(L)
90%
0V
10%
tr
tf
INPUT
OUTPUT
VOC
50
Signal
Generator
A
B
27
27
50pF
D
VA
VB
VOC
VOC(PP)
∆VOC(SS)
≈ 3.25V
≈ 1.75V
SN65HVD20, SN65HVD21
SN65HVD22, SN65HVD23, SN65HVD24
www.ti.com
SLLS552E – DECEMBER 2002 – REVISED MAY 2010
PARAMETER MEASUREMENT INFORMATION
NOTE: Test load capacitance includes probe and jig capacitance (unless otherwise specified). Signal generator
characteristics: rise and fall time <6 ns, pulse rate 100 kHz, 50% duty cycle, Zo = 50
Ω (unless otherwise
specified).
Figure 1. Driver Test Circuit, VOD and VOC Without Common-Mode Loading
Figure 2. Driver Test Circuit, VOD With Common-Mode Loading
Figure 3. Driver Switching Test Circuit and Waveforms
Figure 4. Driver VOC Test Circuit and Waveforms
Copyright © 2002–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): SN65HVD20 SN65HVD21 SN65HVD22 SN65HVD23 SN65HVD24


Similar Part No. - SN65HVD21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD21 TI-SN65HVD21 Datasheet
527Kb / 25P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD21 TI-SN65HVD21 Datasheet
581Kb / 28P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD21 TI-SN65HVD21 Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD21A TI1-SN65HVD21A Datasheet
573Kb / 22P
[Old version datasheet]   6 Mbps, Extended Common-Mode RS-485 Transceiver
SN65HVD21AD TI1-SN65HVD21AD Datasheet
573Kb / 22P
[Old version datasheet]   6 Mbps, Extended Common-Mode RS-485 Transceiver
More results

Similar Description - SN65HVD21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD21M-EP TI1-SN65HVD21M-EP Datasheet
617Kb / 21P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20 TI-SN65HVD20_07 Datasheet
581Kb / 28P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20_101 TI-SN65HVD20_101 Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD20 TI-SN65HVD20 Datasheet
527Kb / 25P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD1785_101 TI-SN65HVD1785_101 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1785 TI-SN65HVD1785_10 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
logo
FutureWafer Tech Co.,Lt...
FM712 FUTUREWAFER-FM712 Datasheet
946Kb / 5P
   For extended common-mode RS-485
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com