Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN2R6-40YS Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PSMN2R6-40YS
Description  N-channel LFPAK 40 V 2.8 m廓 standard level MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN2R6-40YS Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PSMN2R6-40YS Datasheet HTML 5Page - NXP Semiconductors PSMN2R6-40YS Datasheet HTML 6Page - NXP Semiconductors PSMN2R6-40YS Datasheet HTML 7Page - NXP Semiconductors PSMN2R6-40YS Datasheet HTML 8Page - NXP Semiconductors PSMN2R6-40YS Datasheet HTML 9Page - NXP Semiconductors PSMN2R6-40YS Datasheet HTML 10Page - NXP Semiconductors PSMN2R6-40YS Datasheet HTML 11Page - NXP Semiconductors PSMN2R6-40YS Datasheet HTML 12Page - NXP Semiconductors PSMN2R6-40YS Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
PSMN2R6-40YS_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 23 June 2009
10 of 13
NXP Semiconductors
PSMN2R6-40YS
N-channel LFPAK 40 V 2.8 m
Ω standard level MOSFET
7.
Package outline
Fig 18. Package outline SOT669 (LFPAK)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT669
MO-235
04-10-13
06-03-16
0
2.5
5 mm
scale
e
E1
b
c2
A2
A2
bc
A
e
UNIT
DIMENSIONS (mm are the original dimensions)
mm
1.10
0.95
A3
A1
0.15
0.00
1.20
1.01
0.50
0.35
b2
4.41
3.62
b3
2.2
2.0
b4
0.9
0.7
0.25
0.19
c2
0.30
0.24
4.10
3.80
6.2
5.8
H
1.3
0.8
L2
0.85
0.40
L
1.3
0.8
L1
8
°
0
°
wy
D(1)
5.0
4.8
E(1)
3.3
3.1
E1
(1)
D1
(1)
max
0.25
4.20
1.27
0.25
0.1
1
23
4
mounting
base
D1
c
Plastic single-ended surface-mounted package (LFPAK); 4 leads
SOT669
E
b2
b3
b4
H
D
L2
L1
A
A
w M
C
C
X
1/2
e
yC
θ
θ
(A )
3
L
A
A1
detail X
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.


Similar Part No. - PSMN2R6-40YS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN2R6-40YS NEXPERIA-PSMN2R6-40YS Datasheet
733Kb / 13P
   N-channel LFPAK 40 V 2.8 mΩ standard level MOSFET
Rev. 01 - 23 June 2009
More results

Similar Description - PSMN2R6-40YS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN014-40YS NXP-PSMN014-40YS Datasheet
250Kb / 15P
   N-channel LFPAK 40 V, 14 m廓 standard level MOSFET
Rev. 01-18 February 2010
PSMN4R0-40YS NXP-PSMN4R0-40YS Datasheet
229Kb / 13P
   N-channel LFPAK 40 V 4.2 m廓 standard level MOSFET
Rev. 01-25 June 2009
PSMN3R3-40YS NXP-PSMN3R3-40YS Datasheet
255Kb / 15P
   N-channel LFPAK 40 V 3.3 m廓 standard level MOSFET
Rev. 01-8 March 2010
PSMN5R8-40YS NXP-PSMN5R8-40YS Datasheet
252Kb / 15P
   N-channel LFPAK 40 V 5.7 m廓 standard level MOSFET
Rev. 01-8 March 2010
PSMN8R3-40YS NXP-PSMN8R3-40YS Datasheet
220Kb / 13P
   N-channel LFPAK 40 V 8.6 m廓 standard level MOSFET
Rev. 01-25 June 2009
logo
Nexperia B.V. All right...
PSMN2R6-40YS NEXPERIA-PSMN2R6-40YS Datasheet
733Kb / 13P
   N-channel LFPAK 40 V 2.8 mΩ standard level MOSFET
Rev. 01 - 23 June 2009
PSMN2R8-40PS NEXPERIA-PSMN2R8-40PS Datasheet
751Kb / 13P
   N-channel TO220 40 V 2.8 m廓 standard level MOSFET
logo
NXP Semiconductors
PSMN013-80YS NXP-PSMN013-80YS Datasheet
229Kb / 13P
   N-channel LFPAK 80 V 12.9 m廓 standard level MOSFET
Rev. 01-25 June 2009
PSMN069-100YS PHILIPS-PSMN069-100YS Datasheet
232Kb / 15P
   N-channel LFPAK 100 V 72.4 m廓 standard level MOSFET
Rev. 02-25 October 2010
PSMN7R0-60YS NXP-PSMN7R0-60YS Datasheet
247Kb / 15P
   N-channel LFPAK 60 V 6.4 m廓 standard level MOSFET
Rev. 02-30 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com