Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1608X7R1H102K Datasheet(PDF) 5 Page - Texas Instruments

Part # C1608X7R1H102K
Description  Simple Power Solution Using LDOs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

C1608X7R1H102K Datasheet(HTML) 5 Page - Texas Instruments

  C1608X7R1H102K Datasheet HTML 1Page - Texas Instruments C1608X7R1H102K Datasheet HTML 2Page - Texas Instruments C1608X7R1H102K Datasheet HTML 3Page - Texas Instruments C1608X7R1H102K Datasheet HTML 4Page - Texas Instruments C1608X7R1H102K Datasheet HTML 5Page - Texas Instruments C1608X7R1H102K Datasheet HTML 6Page - Texas Instruments C1608X7R1H102K Datasheet HTML 7Page - Texas Instruments C1608X7R1H102K Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.ti.com
Features
(1)
Use three such LDOs to power up DVDDA, DVDDB, DVDDC (It can either be 1.8 V or 3.3 V)
(2)
Rx = 0.499 M
Ω, Ry = 1 MΩ for Vout = 1.8 V
(3)
Rx = 1.8 M
Ω, Ry = 1 MΩ for Vout = 3.3 V
(4)
For proper sequencing of output, enable of the LDOs are fed either from 1.2-V output from TPS74701 if
DVDDX is 1.8 V or from 1.8-V output from TPS71718 if DVDDX is 3.3 V.
Figure 2. Optional Circuit for DVDD_A, DVDD_B, and DVDD_C
5
SLVA342A – June 2009 – Revised May 2010
Simple Power Solution Using LDOs
Copyright © 2009–2010, Texas Instruments Incorporated


Similar Part No. - C1608X7R1H102K

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
C1608X7R1H102K NSC-C1608X7R1H102K Datasheet
1Mb / 10P
   Evaluation Board provides the design engineer with a fully functional
logo
TDK Electronics
C1608X7R1H102K TDK-C1608X7R1H102K Datasheet
70Kb / 7P
   Ceramic Capacitors For General Use SMD
C1608X7R1H102K080AE TDK-C1608X7R1H102K080AE Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1608X7R1H102K080AE TDK-C1608X7R1H102K080AE_17 Datasheet
245Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C1608X7R1H102K

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX25405EVKIT MAXIM-MAX25405EVKIT Datasheet
1Mb / 12P
   Simple yet Flexible Gesture Solution
Rev 0; 4/21
MAX25205EVKIT MAXIM-MAX25205EVKIT Datasheet
975Kb / 11P
   Simple yet Flexible Gesture Solution
Rev 1; 12/20
logo
Vishay Siliconix
AN810 VISHAY-AN810 Datasheet
105Kb / 6P
   A Simple Solution for Switching Multiple Power Sources in Notebook Computers
13-Apr-98
logo
Texas Instruments
SLVA341A TI-SLVA341A Datasheet
166Kb / 9P
[Old version datasheet]   High-Efficiency Power Solution Using DC/DC Converter With DVFS
logo
STMicroelectronics
AN1094 STMICROELECTRONICS-AN1094 Datasheet
237Kb / 9P
   Solution for off-line SMPS using VIPer100-E
logo
Lumileds Lighting Compa...
DS132 LUMILEDS-DS132 Datasheet
1Mb / 18P
   Mid power solution
logo
Texas Instruments
SLVA339A TI-SLVA339A Datasheet
253Kb / 9P
[Old version datasheet]   High-Vin, High-Efficiency Power Solution Using DC/DC Converter With DVFS
SLVA340A TI-SLVA340A Datasheet
214Kb / 9P
[Old version datasheet]   High-Integration, High-Efficiency Power Solution Using DC/DC Converters With DVFS
logo
Panasonic Semiconductor
BQ-345A4K PANASONIC-BQ-345A4K Datasheet
73Kb / 1P
   Your Power Solution
logo
Sumida Corporation
ER2831 SUMIDA-ER2831 Datasheet
122Kb / 1P
   POWER SOLUTION PRODUCT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com