Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC11C12 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LPC11C12
Description  32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC11C12 Datasheet(HTML) 2 Page - NXP Semiconductors

  LPC11C12 Datasheet HTML 1Page - NXP Semiconductors LPC11C12 Datasheet HTML 2Page - NXP Semiconductors LPC11C12 Datasheet HTML 3Page - NXP Semiconductors LPC11C12 Datasheet HTML 4Page - NXP Semiconductors LPC11C12 Datasheet HTML 5Page - NXP Semiconductors LPC11C12 Datasheet HTML 6Page - NXP Semiconductors LPC11C12 Datasheet HTML 7Page - NXP Semiconductors LPC11C12 Datasheet HTML 8Page - NXP Semiconductors LPC11C12 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
LPC11C12_C14_0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 00.05 — 6 May 2010
2 of 49
NXP Semiconductors
LPC11C12/C14
Serial interfaces:
UART with fractional baud rate generation, internal FIFO, and RS-485 support.
Two SPI controllers with SSP features and with FIFO and multi-protocol
capabilities.
I2C-bus interface supporting full I2C-bus specification and Fast-mode Plus with a
data rate of 1 Mbit/s with multiple address recognition and monitor mode.
C_CAN controller. On-chip C_CAN drivers included.
Clock generation:
12 MHz internal RC oscillator trimmed to 1 % accuracy that can optionally be used
as a system clock.
Crystal oscillator with an operating range of 1 MHz to 25 MHz.
Programmable watchdog oscillator with a frequency range of 7.8 kHz to 1.8 MHz.
PLL allows CPU operation up to the maximum CPU rate without the need for a
high-frequency crystal. May be run from the system oscillator or the internal RC
oscillator.
Clock output function with divider that can reflect the system oscillator, IRC, CPU
clock, or the Watchdog clock.
Power control:
Integrated PMU (Power Management Unit) to minimize power consumption during
Sleep, Deep-sleep, and Deep power-down modes.
Three reduced power modes: Sleep, Deep-sleep, and Deep power-down.
Processor wake-up from Deep-sleep mode via a dedicated start logic using 13 of
the GPIO pins.
Power-On Reset (POR).
Brownout detect with four separate thresholds for interrupt and forced reset.
Unique device serial number for identification.
Single 3.3 V power supply (1.8 V to 3.6 V).
Available as 48-pin LQFP package.
3.
Applications
4.
Ordering information
eMetering
Industrial and sensor based networks
Elevator systems
White goods
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC11C12FBD48/301
LQFP48
LQFP48: plastic low profile quad flat package; 48 leads; body 7
× 7 ×
1.4 mm
sot313-2
LPC11C14FBD48/301
LQFP48
LQFP48: plastic low profile quad flat package; 48 leads; body 7
× 7 ×
1.4 mm
sot313-2


Similar Part No. - LPC11C12

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC11C12 NXP-LPC11C12 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
LPC11C12 PHILIPS-LPC11C12 Datasheet
4Mb / 543P
   LPC111x/LPC11Cxx User manual
Rev. 12.1-7 August 2013
LPC11C122FBD48-301 NXP-LPC11C122FBD48-301 Datasheet
290Kb / 2P
   NXP 50-MHz, 32-bit Cortex-M0??MCUs
January 2011
LPC11C12FB301 NXP-LPC11C12FB301 Datasheet
1Mb / 61P
   32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM C_CAN
Rev. 2-3 December 2010
LPC11C12FB301 NXP-LPC11C12FB301 Datasheet
327Kb / 62P
   32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 3.1-15 May 2013
More results

Similar Description - LPC11C12

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC11CX2 NXP-LPC11CX2_11 Datasheet
520Kb / 62P
   32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 3-27 June 2011
LPC11C24FBD48301 NXP-LPC11C24FBD48301 Datasheet
327Kb / 62P
   32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 3.1-15 May 2013
LPC11CX2 NXP-LPC11CX2 Datasheet
1Mb / 61P
   32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM C_CAN
Rev. 2-3 December 2010
LPC11CX2 NXP-LPC11CX2_V01 Datasheet
550Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 3.2-4 January 2016
LPC1102_1106 NXP-LPC1102_1106 Datasheet
301Kb / 39P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011
LPC1102 NXP-LPC1102_V01 Datasheet
683Kb / 43P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 7-26 September 2013
LPC1102 NXP-LPC1102_11 Datasheet
292Kb / 39P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 3-18 April 2011
LPC1102 NXP-LPC1102 Datasheet
255Kb / 38P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 00.04-23 June 2010
LPC1111 NXP-LPC1111 Datasheet
410Kb / 59P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
LPC1111 NXP-LPC1111_11 Datasheet
621Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com