Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS74801 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74801
Description  Simple Power Solution Using LDOs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS74801 Datasheet(HTML) 6 Page - Texas Instruments

  TPS74801 Datasheet HTML 1Page - Texas Instruments TPS74801 Datasheet HTML 2Page - Texas Instruments TPS74801 Datasheet HTML 3Page - Texas Instruments TPS74801 Datasheet HTML 4Page - Texas Instruments TPS74801 Datasheet HTML 5Page - Texas Instruments TPS74801 Datasheet HTML 6Page - Texas Instruments TPS74801 Datasheet HTML 7Page - Texas Instruments TPS74801 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
List of Material
www.ti.com
4
List of Material
Table 2. PMP4980 List of Material
Count
RefDes
Value
Description
Size
Part Number
MFR
Area
1
C1
1.0uF
Capacitor, Ceramic, 25V, X5R, 10%
0603
C1608X5R1E105K
TDK
5650
2
C2
4.7uF
Capacitor, Ceramic, 6.3V, X5R, 10%
0603
C1608X5R0J106M
TDK
5650
2
C3
4.7uF
Capacitor, Ceramic, 6.3V, X5R, 10%
0603
C1608X5R0J475K
TDK
5650
3
C4
4.7uF
Capacitor, Ceramic,4.7uF, 6.3V, X5R
0603
C1608X5R0J475M
TDK
5650
1
C5
1uF
Capacitor, Ceramic,1uF, 16V, X5R
0603
C1608X5R1C105K
TDK
5650
C6
4.7uF
Capacitor, Ceramic,4.7uF, 6.3V, X5R
0603
C1608X5R0J475M
TDK
5650
C7
4.7uF
Capacitor, Ceramic,4.7uF, 6.3V, X5R
0603
C1608X5R0J475M
TDK
5650
1
C8
1nF
Capacitor, Ceramic, 1000pF, 50V, X7R, 10%
0603
C1608X7R1H102K
TDK
5650
2
C9
1uF
Capacitor, Ceramic, 6.3V, X5R, 20%
0603
C1608X5R1E105M
TDK
5650
C10
1uF
Capacitor, Ceramic, 6.3V, X5R, 20%
0603
C1608X5R1E105M
TDK
5650
1
C11
0.01uF
Capacitor, Ceramic, 50V, COG, 10%
0402
Std
Std
2800
1
C12
1.0uF
Capacitor, Ceramic, 25V, X5R, 10%
0603
C1608X5R1E105K
TDK
5650
C13
4.7uF
Capacitor, Ceramic, 6.3V, X5R, 10%
0603
C1608X5R0J106M
TDK
5650
C14
4.7uF
Capacitor, Ceramic, 6.3V, X5R, 10%
0603
C1608X5R0J475K
TDK
5650
1
J1
PEC36SAAN
Header, Male 5-pin, 100mil spacing, (36-pin strip)
0.100 inch × 5
PEC36SAAN
Sullins
60000
1
R1
2.49k
Resistor, Chip, 1/16W, 1%
0603
Std
Std
5650
1
R2
4.99k
Resistor, Chip, 1/16W, 1%
0603
Std
Std
5650
2
R3
10.0k
Resistor, Chip, 1/16W, 1%
0603
Std
Std
5650
1
R4
10k
Resistor, Chip, 10k-Ohms 1/16W, 5%
0603
Std
Std
5,650
1
R5
2.49k
Resistor, Chip, 2k49-Ohms, 1/16W, 5%
0603
Std
Std
5,650
1
R6
4.99k
Resistor, Chip, 4k99-Ohms, 1/16W, 5%
0603
Std
Std
5,650
1
R7
3.57k
Resistor, Chip, 1/16W, 1%
0603
Std
Std
5650
1
R8
1.15k
Resistor, Chip, 1/16W, 1%
0603
Std
Std
5650
R9
10.0k
Resistor, Chip, 1/16W, 1%
0603
Std
Std
5650
2
TP1
5000
Test Point, Red, Thru Hole Color Keyed
0.100 × 0.100
5000
Keyston
10
e
TP2
5000
Test Point, Red, Thru Hole Color Keyed
0.100 × 0.100
5000
Keyston
10
e
1
TP3
5001
Test Point, Black, Thru Hole Color Keyed
0.100 × 0.100 inch
5001
Keyston
10
e
2
U1
TPS74801DRC
IC, 1.5A LDO Regulator with Soft-Start
SON-10
TPS74801DRC
TI
30400
1
U2
TPS74701DRC
IC, 1.5A LDO Regulator with Soft-Start
SON-10
TPS74701DRC
TI
30400
1
U3
TPS71718
IC, 150mA, Low Iq, Wide Bandwidth, LDO Linear
SC70
TPS71718
TI
18600
Regulators
U4
TPS74801DRC
IC, 1.5A LDO Regulator with Soft-Start
SON-10
TPS74801DRC
TI
30400
Notes: 1. These assemblies are ESD sensitive, ESD precautions shall be observed.
2. These assemblies must be clean and free from flux and all contaminants.
Use of unclean flux is unacceptable.
3. These assemblies must comply with workmanship standards IPC-A-610 Class 2.
4. Ref designators marked with an asterisk ('**') cannot be substituted.
All other components can be substituted with equivalent MFG's components.
6
Simple Power Solution Using LDOs
SLVA342A – June 2009 – Revised May 2010
Copyright © 2009–2010, Texas Instruments Incorporated


Similar Part No. - TPS74801

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
[Old version datasheet]   1.5A LDO Linear Regulator with Programmable Soft-Start
TPS74801 TI-TPS74801 Datasheet
3Mb / 45P
[Old version datasheet]   TPS74801-Q1 Automotive, 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED JULY 2023
TPS74801 TI1-TPS74801 Datasheet
3Mb / 45P
[Old version datasheet]   TPS74801-Q1 Automotive, 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED JULY 2023
TPS74801-Q1 TI1-TPS74801-Q1 Datasheet
734Kb / 22P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74801-Q1 TI1-TPS74801-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
More results

Similar Description - TPS74801

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX25405EVKIT MAXIM-MAX25405EVKIT Datasheet
1Mb / 12P
   Simple yet Flexible Gesture Solution
Rev 0; 4/21
MAX25205EVKIT MAXIM-MAX25205EVKIT Datasheet
975Kb / 11P
   Simple yet Flexible Gesture Solution
Rev 1; 12/20
logo
Vishay Siliconix
AN810 VISHAY-AN810 Datasheet
105Kb / 6P
   A Simple Solution for Switching Multiple Power Sources in Notebook Computers
13-Apr-98
logo
Texas Instruments
SLVA341A TI-SLVA341A Datasheet
166Kb / 9P
[Old version datasheet]   High-Efficiency Power Solution Using DC/DC Converter With DVFS
logo
STMicroelectronics
AN1094 STMICROELECTRONICS-AN1094 Datasheet
237Kb / 9P
   Solution for off-line SMPS using VIPer100-E
logo
Lumileds Lighting Compa...
DS132 LUMILEDS-DS132 Datasheet
1Mb / 18P
   Mid power solution
logo
Texas Instruments
SLVA339A TI-SLVA339A Datasheet
253Kb / 9P
[Old version datasheet]   High-Vin, High-Efficiency Power Solution Using DC/DC Converter With DVFS
SLVA340A TI-SLVA340A Datasheet
214Kb / 9P
[Old version datasheet]   High-Integration, High-Efficiency Power Solution Using DC/DC Converters With DVFS
logo
Panasonic Semiconductor
BQ-345A4K PANASONIC-BQ-345A4K Datasheet
73Kb / 1P
   Your Power Solution
logo
Sumida Corporation
ER2831 SUMIDA-ER2831 Datasheet
122Kb / 1P
   POWER SOLUTION PRODUCT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com