Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD8313HFN Datasheet(PDF) 11 Page - Rohm

Part # BD8313HFN
Description  Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8313HFN Datasheet(HTML) 11 Page - Rohm

Back Button BD8313HFN Datasheet HTML 7Page - Rohm BD8313HFN Datasheet HTML 8Page - Rohm BD8313HFN Datasheet HTML 9Page - Rohm BD8313HFN Datasheet HTML 10Page - Rohm BD8313HFN Datasheet HTML 11Page - Rohm BD8313HFN Datasheet HTML 12Page - Rohm BD8313HFN Datasheet HTML 13Page - Rohm BD8313HFN Datasheet HTML 14Page - Rohm BD8313HFN Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
BD8313HFN
Technical Note
11/17
www.rohm.com
2010.06- Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
Output ripple voltage
BD8313HFN is controlled by PWM(Pulse Width
Modulation)mode.
PWM output made by comparison SLOPE with FB(error amp
output) controls switching of IC under the PWM mode.
When FB level is completely lower than SLOPE level, DC/DC
converter switches as non- synchronous step-down switching
mode not to make output voltage level drop quickly caused by
full ON state of Low side Nch FET.
Ripple voltage of output voltage in non-synchronous mode is
larger than that in synchronous mode.
When voltage difference between input and output voltage is large and output current is small, DCDC converter switches as
this non-synchronous mode then ripple voltage of output voltage could be large.
In the reference data above ( output ripple 1 to 4 ), ripple voltage at 12V input 1.2V output , output current is smaller than
100mA is larger than other region.
0.75
0.25
FB
SLOPE
PWMoutput
出力リプル=1 0.4mVp- p
出力リプル=38.4mVp-p
出力リプル= 9.2mVp-p
出力リプル=14 .8mVp- p
Fig.44 Output ripple 1
(VCC=12V, Io=40mA)
Vout(20m/Div)
出力リプル=2 4.4mVp- p
2 0usec/Div
24.4mVpp
Fig.45 Output ripple 2
(VCC=12V, Io=100mA)
Fig.46 Output ripple 3
(VCC=12V, Io=140mA)
Fig.47 Output ripple 4
(VCC=12V, Io=170mA)
Fig.48 Output ripple 5
(VCC=12V, Io=900mA)
38.4mVpp
9.2mVpp
10.4mVpp
14.8mVpp
Vout(20m/Div)
20usec/ Div
Vout(20m/Div)
20usec/ Div
Vout(20m/Div)
20usec/ Div
Vout(20m/Div)
20usec/ Div


Similar Part No. - BD8313HFN

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8313HFN ROHM-BD8313HFN Datasheet
548Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN Datasheet
560Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN Datasheet
1Mb / 31P
   1ch Synchronous Buck Converter Integrated MOSFET
BD8313HFN-TR ROHM-BD8313HFN-TR Datasheet
548Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN-TR ROHM-BD8313HFN-TR Datasheet
560Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results

Similar Description - BD8313HFN

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8312HFN ROHM-BD8312HFN_11 Datasheet
436Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN ROHM-BD8312HFN Datasheet
444Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN_11 Datasheet
560Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9153MUV ROHM-BD9153MUV Datasheet
517Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV_09 Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_09 Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9161FVM ROHM-BD9161FVM Datasheet
405Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_10 Datasheet
606Kb / 17P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com