Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH08T220WAZ Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T220WAZ
Description  16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T220WAZ Datasheet(HTML) 11 Page - Texas Instruments

Back Button PTH08T220WAZ Datasheet HTML 7Page - Texas Instruments PTH08T220WAZ Datasheet HTML 8Page - Texas Instruments PTH08T220WAZ Datasheet HTML 9Page - Texas Instruments PTH08T220WAZ Datasheet HTML 10Page - Texas Instruments PTH08T220WAZ Datasheet HTML 11Page - Texas Instruments PTH08T220WAZ Datasheet HTML 12Page - Texas Instruments PTH08T220WAZ Datasheet HTML 13Page - Texas Instruments PTH08T220WAZ Datasheet HTML 14Page - Texas Instruments PTH08T220WAZ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
APPLICATION INFORMATION
ADJUSTING THE OUTPUT VOLTAGE
R
=10k
x
SET
W
0.69
V
-0.69
O
-1.43kW
(1)
5
3
4
6
7
GND
GND
8
GND
+Sense
VO
−Sense
V Adj
O
PTH08T220W/221W
RSET
1%
0.05W
+Sense
VO
−Sense
CO
PTH08T220W, PTH08T221W
www.ti.com................................................................................................................................................... SLTS252K – NOVEMBER 2005 – REVISED JUNE 2009
The Vo Adjust control (pin 8) sets the output voltage of the PTH08T220/221W. The adjustment range of the
PTH08T220/221W is 0.69 V to 5.5 V. The adjustment method requires the addition of a single external resistor,
RSET, that must be connected directly between the Vo Adjust and – Sense pins. Table 1 gives the standard value
of the external resistor for a number of standard voltages, along with the actual output voltage that this resistance
value provides.
For other output voltages, the value of the required resistor can either be calculated using the following formula,
or simply selected from the range of values given in Table 2. Figure 12 shows the placement of the required
resistor.
Table 1. Standard Values of RSET for Standard Output Voltages
VO (Standard)
RSET (Standard Value)
VO (Actual)
5.0 V (1)
169
5.005 V
3.3 V
1.21 k
3.304 V
2.5 V
2.37 k
2.506 V
1.8 V
4.75 k
1.807 V
1.5 V
6.98 k
1.510 V
1.2 V (2)
12.1 k
1.200 V
1.0 V (2)
20.5 k
1.004 V
0.7 V (2)
681 k
0.700 V
(1)
For VO > 3.6 V, the minimum input voltage is (VO + 2) V.
(2)
For output voltages
≤ 1.2V, at nominal operating frequency, the output ripple may increase (typically
2×) when operating at input voltages greater than (VO × 11). When using the SmartSync feature,
review the SmartSync application section for further guidance.
(1)
RSET: Use a 0.05 W resistor with a tolerance of 1% and temperature stability of 100 ppm/°C (or better). Connect the
resistor directly between pins 8 and 7, as close to the regulator as possible, using dedicated PCB traces.
(2)
Never connect capacitors from VO Adjust to either + Sense, GND, or VO. Any capacitance added to the VO Adjust pin
affects the stability of the regulator.
Figure 12. VO Adjust Resistor Placement
Copyright © 2005–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): PTH08T220W PTH08T221W


Similar Part No. - PTH08T220WAZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T220WAZ TI-PTH08T220WAZ Datasheet
1Mb / 37P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T220WAZ TI-PTH08T220WAZ Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T220WAZ TI-PTH08T220WAZ Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T220WAZT TI-PTH08T220WAZT Datasheet
1Mb / 37P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T220WAZT TI-PTH08T220WAZT Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
More results

Similar Description - PTH08T220WAZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T220W TI-PTH08T220W Datasheet
1Mb / 37P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T220W TI-PTH08T220W_10 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T220W TI-PTH08T220W_07 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T250W TI-PTH08T250W Datasheet
1Mb / 38P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T250W TI-PTH08T250W_15 Datasheet
2Mb / 39P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T230W TI-PTH08T230W Datasheet
56Kb / 3P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T240W TI-PTH08T240W Datasheet
846Kb / 30P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH08T260W TI-PTH08T260W Datasheet
1Mb / 36P
[Old version datasheet]   3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T230W TI-PTH08T230W_07 Datasheet
1Mb / 36P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T260W TI-PTH08T260W_15 Datasheet
1Mb / 38P
[Old version datasheet]   3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com