Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM045C565KHN240 Datasheet(PDF) 7 Page - AVX Corporation

Part # SM045C565KHN240
Description  AVX Advanced Ceramic Capacitors for Power Supply, High Voltage and Tip and Ring Applications
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SM045C565KHN240 Datasheet(HTML) 7 Page - AVX Corporation

Back Button SM045C565KHN240 Datasheet HTML 3Page - AVX Corporation SM045C565KHN240 Datasheet HTML 4Page - AVX Corporation SM045C565KHN240 Datasheet HTML 5Page - AVX Corporation SM045C565KHN240 Datasheet HTML 6Page - AVX Corporation SM045C565KHN240 Datasheet HTML 7Page - AVX Corporation SM045C565KHN240 Datasheet HTML 8Page - AVX Corporation SM045C565KHN240 Datasheet HTML 9Page - AVX Corporation SM045C565KHN240 Datasheet HTML 10Page - AVX Corporation SM045C565KHN240 Datasheet HTML 11Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 112 page
background image
6
AC Ripple Capability
Due to the wide range of product offering in this catalog, the
AC ripple capabilities for switch mode power supply capacitors
and high voltage capacitors are provided in the form of IBM
compatible software package called SpiCalci. It is available
free from AVX and can be downloaded for free from AVX
website: www.avx.com.
SpiCalci program will provide answers to most of the design
engineers’ questions on critical parameters for their specific
applications:
• Equivalent Series Resistance
- function of frequency and temperature
• Equivalent Series Inductance
- function of design
• Self Resonant Frequency
f = 1/ (2 x π
L x C)
• Thermal Characteristics
- function of design
• AC Ripple Capabilities
- function of frequency, temperature and design
TYPICAL ESR -vs- Frequency
FOR SM04 STYLE CAPACITORS
1
μF
4.7
μF9μF
10.000
1.000
0.100
0.010
0.001
1.0
10.0
100.0
1000.0
Frequency (kHz)
MAXIMUM RMS CURRENT FOR 50 VDC, CH - X7R
@ 100 KHz & 25 C Ambient
ASSUMING MAX. CAP. FOR SINGLE CHIP CONSTRUCTION
50
45
40
35
30
25
20
15
10
5
0
6.8
CH41
8.7
CH51
10.4
CH61
16.5
CH71
11.9
CH76
29.9
CH81
26.6
CH86
28.8
CH91
STYLE
MAXIMUM RMS CURRENT FOR 50 WVDC, SM - X7R
@ 100 KHz & 25 C Ambient
ASSUMING MAX. CAP. FOR SINGLE CHIP CONSTRUCTION
50
45
40
35
30
25
20
15
10
5
0
36.8
28.3
22.7
9.7
5.7
33.8
SM01
SM02
SM03
SM04
SM05
SM06
STYLE
MAXIMUM RMS CURRENT FOR 25 WVDC, SK - Z5U
@ 100 KHz & 25 C Ambient
ASSUMING MAX. CAP. FOR EACH STYLE
12
10
8
6
4
2
0
1.7
4.5
6.2
7.4
7.7
11.0
6.7
8.7
SK01
SK04
SK05
SK06
SK07
SK08
SK09
SK10
STYLE
EXAMPLE (SK ONLY)
SMPS Capacitors
Capacitor Performance
EXAMPLE (CH ONLY)
EXAMPLE (SM ONLY)
Examples of Product Performance


Similar Part No. - SM045C565KHN240

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM04522-36 STEALTH_MICROWAVE-SM04522-36 Datasheet
96Kb / 3P
   450-2200 MHz 4 Watt Linear Power Amplifier
SM04548-47L STEALTH_MICROWAVE-SM04548-47L Datasheet
176Kb / 3P
   450-480 MHz 50 Watt Ultra Linear Power Amplifier
More results

Similar Description - SM045C565KHN240

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
05041A0R5CA79A AVX-05041A0R5CA79A Datasheet
6Mb / 135P
   Advanced Ceramic Capacitors for Power Supply, High Voltage and Tip and Ring Applications
logo
Coilcraft lnc.
ST515FRF COILCRAFT-ST515FRF Datasheet
215Kb / 1P
   Tip and Ring Filters for Critical Applications
logo
HolyStone International
SAC HOLYSTONECAPS-SAC Datasheet
192Kb / 2P
   Tip & Ring Capacitors
logo
Coilcraft lnc.
TTTRF2000 COILCRAFT-TTTRF2000 Datasheet
80Kb / 1P
   Surface Mount Tip and Ring Filters
PTRF4000LB COILCRAFT-PTRF4000LB Datasheet
128Kb / 1P
   Surface Mount Tip and Ring Filters
PTRF2000L COILCRAFT-PTRF2000L_16 Datasheet
130Kb / 1P
   Surface Mount Tip and Ring Filters
TRF-2000L COILCRAFT-TRF-2000L Datasheet
159Kb / 1P
   Tip and Ring Common Mode Filters
PTRF2000L COILCRAFT-PTRF2000L Datasheet
77Kb / 1P
   Surface Mount Tip and Ring Filters
TRF2000L COILCRAFT-TRF2000L Datasheet
254Kb / 1P
   Tip and Ring Common Mode Filters
logo
Kemet Corporation
C0805C103KARAC KEMET-C0805C103KARAC Datasheet
98Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com