Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLF6G10-160RN Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLF6G10-160RN
Description  Power LDMOS transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF6G10-160RN Datasheet(HTML) 3 Page - NXP Semiconductors

  BLF6G10-160RN Datasheet HTML 1Page - NXP Semiconductors BLF6G10-160RN Datasheet HTML 2Page - NXP Semiconductors BLF6G10-160RN Datasheet HTML 3Page - NXP Semiconductors BLF6G10-160RN Datasheet HTML 4Page - NXP Semiconductors BLF6G10-160RN Datasheet HTML 5Page - NXP Semiconductors BLF6G10-160RN Datasheet HTML 6Page - NXP Semiconductors BLF6G10-160RN Datasheet HTML 7Page - NXP Semiconductors BLF6G10-160RN Datasheet HTML 8Page - NXP Semiconductors BLF6G10-160RN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BLF6G10-160RN_10LS-160RN_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 21 January 2010
3 of 11
NXP Semiconductors
BLF6G10(LS)-160RN
Power LDMOS transistor
5.
Thermal characteristics
6.
Characteristics
7.
Application information
7.1 Ruggedness in class-AB operation
The BLF6G10-160RN and BLF6G10LS-160RN are capable of withstanding a load
mismatch corresponding to VSWR = 10 : 1 through all phases under the following
conditions: VDS =32 V; IDq = 1200 mA; PL = 160 W (CW); f = 960 MHz.
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Type
Typ
Unit
Rth(j-case)
thermal resistance from
junction to case
Tcase =80 °C;
PL =32W
BLF6G10-160RN
0.5
K/W
BLF6G10LS-160RN
0.44
K/W
Table 6.
Characteristics
Tj = 25 °C unless otherwise specified
Symbol Parameter
Conditions
Min
Typ
Max
Unit
V(BR)DSS drain-source breakdown
voltage
VGS =0V; ID = 0.72 mA
65
--V
VGS(th)
gate-source threshold voltage
VDS =10 V; ID = 216 mA
1.4
1.9
2.4
V
VGSq
gate-source quiescent voltage
VDS =32V;
ID = 1300 mA
1.7
2.2
2.7
V
IDSS
drain leakage current
VGS =0V; VDS = 32 V
--5
μA
IDSX
drain cut-off current
VGS =VGS(th) +3.75 V;
VDS =10V
30.6
39
-
A
IGSS
gate leakage current
VGS =13V; VDS = 0 V
-
-
450
nA
gfs
forward transconductance
VDS =10V; ID =7.5 A
-
13.5
-
S
RDS(on)
drain-source on-state
resistance
VGS =VGS(th) + 3.75 V;
ID =7.5 A
-0.07
-
Ω
Crs
feedback capacitance
VGS =0V; VDS =32V;
f= 1MHz
-4.2
-pF
Table 7.
Application information
Mode of operation: 2-carrier W-CDMA; PAR 7.5 dB at 0.01 % probability on CCDF; 3GPP test
model 1; 1-64 PDPCH; f1 = 922.5 MHz; f2 = 927.5 MHz; f3 = 952.5 MHz; f4 = 957.5 MHz;
RF performance at VDS =32V; IDq = 1200 mA; Tcase =25 °C; unless otherwise specified; in a
class-AB production test circuit.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
PL(AV)
average output power
-
32
-
W
Gp
power gain
PL(AV) = 32 W
21
22.5
-
dB
RLin
input return loss
PL(AV) =32 W
-
−8
−5.5
dB
η
D
drain efficiency
PL(AV) =32 W
25
27
-
%
ACPR
adjacent channel power ratio
PL(AV) =32 W
-
−41
−38
dBc


Similar Part No. - BLF6G10-160RN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G10-160RN NXP-BLF6G10-160RN Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BLF6G10-160RN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
   Power LDMOS transistor
Rev. 01-28 January 2008
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
   Power LDMOS transistor
Rev. 3-18 November 2010
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
   Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
   Power LDMOS transistor
Rev. 03-13 January 2009
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
   Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
   Power LDMOS transistor
Rev. 5-12 November 2013
BLF6G22LS-130 PHILIPS-BLF6G22LS-130_15 Datasheet
87Kb / 11P
   Power LDMOS transistor
Rev. 01-23 May 2008
BLF6G20LS-140 PHILIPS-BLF6G20LS-140_15 Datasheet
74Kb / 8P
   Power LDMOS transistor
Rev. 01-27 February 2009
BLF7G10L-250 PHILIPS-BLF7G10L-250_15 Datasheet
714Kb / 13P
   Power LDMOS transistor
Rev. 4-13 September 2012
BLA6G1011-200R PHILIPS-BLA6G1011-200R_15 Datasheet
185Kb / 13P
   Power LDMOS transistor
Rev. 5-17 March 2015
BLP8G20S-80P PHILIPS-BLP8G20S-80P_15 Datasheet
158Kb / 11P
   Power LDMOS transistor
Rev. 2-13 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com