Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33063ADR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # MC33063ADR
Description  1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MC33063ADR Datasheet(HTML) 10 Page - Texas Instruments

Back Button MC33063ADR Datasheet HTML 6Page - Texas Instruments MC33063ADR Datasheet HTML 7Page - Texas Instruments MC33063ADR Datasheet HTML 8Page - Texas Instruments MC33063ADR Datasheet HTML 9Page - Texas Instruments MC33063ADR Datasheet HTML 10Page - Texas Instruments MC33063ADR Datasheet HTML 11Page - Texas Instruments MC33063ADR Datasheet HTML 12Page - Texas Instruments MC33063ADR Datasheet HTML 13Page - Texas Instruments MC33063ADR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
V
out ) VF
V
in(min) * Vsat * Vout
V
out ) VF
V
in * Vsat
V
out ) VF * Vin(min)
V
in(min) * Vsat
1
f
1
f
1
f
ton ) toff
ton
t
off
) 1
ton ) toff
ton
t
off
) 1
ton ) toff
ton
t
off
) 1
ton ) toff * toff
ton ) toff * toff
ton ) toff * toff
4
10*5 ton
4
10*5 ton
4
10*5 ton
2I
out(max)
2I
out(max)
ton
t
off
) 1
2I
out(max)
ton
t
off
) 1
0.3
I
pk(switch)
0.3
I
pk(switch)
0.3
I
pk(switch)
V
in(min) * Vsat
I
pk(switch)
t
on(max)
V
in(min) * Vsat * Vout
I
pk(switch)
t
on(max)
V
in(min) * Vsat
I
pk(switch)
t
on(max)
9
I
outton
V
ripple(pp)
9
I
outton
V
ripple(pp)
I
pk(switch) ton ) toff
8V
ripple(pp)
1.25(1 )
R2
R1
)
1.25(1 )
R2
R1
)
*1.25(1 )
R2
R1
)
MC33063A
MC34063A
SLLS636L – DECEMBER 2004 – REVISED DECEMBER 2009
www.ti.com
APPLICATION INFORMATION
CALCULATION
STEP UP
STEP DOWN
VOLTAGE INVERTING
ton/toff
(ton + toff)
toff
ton
CT
Ipk(switch)
RSC
L(min)
CO
Vout
See Figure 6
See Figure 8
See Figure 10
Vsat = Saturation voltage of the output switch
VF = Forward voltage drop of the chosen output rectifier
The following power-supply parameters are set by the user:
Vin = Nominal input voltage
Vout = Desired output voltage
Iout = Desired output current
fmin = Minimum desired output switching frequency at the selected values of Vin and Iout
Vripple = Desired peak-to-peak output ripple voltage. The ripple voltage directly affects the line and load
regulation and, thus, must be considered. In practice, the actual capacitor value should be larger than the
calculated value, to account for the capacitor's equivalent series resistance and board layout.
10
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): MC33063A MC34063A


Similar Part No. - MC33063ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC33063ADR TI-MC33063ADR Datasheet
303Kb / 15P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063ADR TI-MC33063ADR Datasheet
494Kb / 16P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063ADR TI1-MC33063ADR Datasheet
1Mb / 30P
[Old version datasheet]   1.5-A Peak Boost/Buck/Inverting Switching Regulators
logo
Guangdong Youtai Semico...
MC33063ADR UMW-MC33063ADR Datasheet
830Kb / 5P
   DC-DC conversion control circuit
logo
ON Semiconductor
MC33063ADR2 ONSEMI-MC33063ADR2 Datasheet
149Kb / 16P
   DC-to-DC Converter Control Circuits
August, 2000 ??Rev. 6
More results

Similar Description - MC33063ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC33063A TI1-MC33063A_16 Datasheet
1Mb / 30P
[Old version datasheet]   1.5-A Peak Boost/Buck/Inverting Switching Regulators
MC33063A TI-MC33063A Datasheet
303Kb / 15P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A_07 Datasheet
494Kb / 16P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A_15 Datasheet
1Mb / 30P
[Old version datasheet]   MC3x063A 1.5-A Peak Boost/Buck/Inverting Switching Regulators
MC33063A-Q1 TI-MC33063A-Q1 Datasheet
282Kb / 14P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATOR
MC33063A-Q1 TI-MC33063A-Q1_15 Datasheet
694Kb / 26P
[Old version datasheet]   MC33063A-Q1 1.5-A Peak Boost, Buck, Inverting Switching Regulator
logo
ON Semiconductor
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com