Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLF3G22-30 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLF3G22-30
Description  UHF power LDMOS transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF3G22-30 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLF3G22-30 Datasheet HTML 1Page - NXP Semiconductors BLF3G22-30 Datasheet HTML 2Page - NXP Semiconductors BLF3G22-30 Datasheet HTML 3Page - NXP Semiconductors BLF3G22-30 Datasheet HTML 4Page - NXP Semiconductors BLF3G22-30 Datasheet HTML 5Page - NXP Semiconductors BLF3G22-30 Datasheet HTML 6Page - NXP Semiconductors BLF3G22-30 Datasheet HTML 7Page - NXP Semiconductors BLF3G22-30 Datasheet HTML 8Page - NXP Semiconductors BLF3G22-30 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
BLF3G22-30_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 21 June 2007
2 of 13
NXP Semiconductors
BLF3G22-30
UHF power LDMOS transistor
1.3 Applications
I RF power amplifiers for W-CDMA base stations and multicarrier applications in the
2000 MHz to 2200 MHz frequency range
I Broadcast drivers
2.
Pinning information
[1]
Connected to flange
3.
Ordering information
4.
Limiting values
Table 2.
Pinning
Pin
Description
Simplified outline
Symbol
1
drain
2
gate
3
source
[1]
1
2
3
sym112
1
3
2
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BLF3G22-30
-
flanged ceramic package; 2 mounting holes; 2 leads
SOT608A
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
-
65
V
VGS
gate-source voltage
-
±15
V
ID
drain current
-
12
A
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
200
°C


Similar Part No. - BLF3G22-30

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF3G21-30 NXP-BLF3G21-30 Datasheet
107Kb / 12P
   UHF power LDMOS transistor
Rev. 01-14 February 2007
BLF3G21-30 NXP-BLF3G21-30 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BLF3G21-6 NXP-BLF3G21-6 Datasheet
103Kb / 12P
   UHF power LDMOS transistor
Rev. 01-25 June 2008
BLF3G21-6 NXP-BLF3G21-6 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BLF3G22-30

ManufacturerPart #DatasheetDescription
logo
Analog Devices
BLC6G20-140 AD-BLC6G20-140 Datasheet
51Kb / 9P
   UHF power LDMOS transistor
logo
NXP Semiconductors
BLF881_1012 PHILIPS-BLF881_1012 Datasheet
202Kb / 18P
   UHF power LDMOS transistor
Rev. 3-7 December 2010
BLF3G21-6 NXP-BLF3G21-6 Datasheet
103Kb / 12P
   UHF power LDMOS transistor
Rev. 01-25 June 2008
BLF4G20LS-130 NXP-BLF4G20LS-130 Datasheet
85Kb / 11P
   UHF power LDMOS transistor
Rev. 01-1 June 2007
BLF4G22-130 NXP-BLF4G22-130 Datasheet
91Kb / 13P
   UHF power LDMOS transistor
Rev. 01-3 July 2007
BLF878 NXP-BLF878 Datasheet
147Kb / 18P
   UHF power LDMOS transistor
Rev. 01-15 December 2008
BLF647 PHILIPS-BLF647 Datasheet
127Kb / 16P
   UHF power LDMOS transistor
2001 Nov 27
BLF2047 PHILIPS-BLF2047 Datasheet
101Kb / 12P
   UHF power LDMOS transistor
1999 Dec 02
BLF2047L PHILIPS-BLF2047L Datasheet
103Kb / 12P
   UHF power LDMOS transistor
1999 Dec 06
BLF6G20-180P PHILIPS-BLF6G20-180P Datasheet
49Kb / 8P
   UHF power LDMOS transistor
Rev. 01-19 April 2006
BLF6G20-45 PHILIPS-BLF6G20-45 Datasheet
46Kb / 8P
   UHF power LDMOS transistor
Rev. 01-20 February 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com