Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLD6G22LS-50 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLD6G22LS-50
Description  W-CDMA 2110 MHz to 2170 MHz fully integrated Doherty transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLD6G22LS-50 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLD6G22LS-50 Datasheet HTML 4Page - NXP Semiconductors BLD6G22LS-50 Datasheet HTML 5Page - NXP Semiconductors BLD6G22LS-50 Datasheet HTML 6Page - NXP Semiconductors BLD6G22LS-50 Datasheet HTML 7Page - NXP Semiconductors BLD6G22LS-50 Datasheet HTML 8Page - NXP Semiconductors BLD6G22LS-50 Datasheet HTML 9Page - NXP Semiconductors BLD6G22LS-50 Datasheet HTML 10Page - NXP Semiconductors BLD6G22LS-50 Datasheet HTML 11Page - NXP Semiconductors BLD6G22LS-50 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
BLD6G22L-50_BLD6G22LS-50_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective data sheet
Rev. 02 — 18 March 2010
8 of 16
NXP Semiconductors
BLD6G22L-50; BLD6G22LS-50
W-CDMA 2110 MHz to 2170 MHz fully integrated Doherty transistor
8.3.2 W-CDMA
VDS =28V; IDq = 170 mA (main); Tcase =25 °C;
f = 2140 MHz; 2-carrier W-CDMA; PAR = 8.3 dB at
0.01 % probability on CCDF.
(1) VGS(amp)peak = 0 V
(2) VGS(amp)peak = 0.2 V
(3) VGS(amp)peak = 0.4 V
(4) VGS(amp)peak = 0.5 V
(5) VGS(amp)peak = 0.6 V
(6) VGS(amp)peak = 0.8 V
VDS =28V; IDq = 170 mA (main); Tcase =25 °C;
f = 2140 MHz; 2-carrier W-CDMA; PAR = 8.3 dB at
0.01 % probability on CCDF.
(1) VGS(amp)peak = 0 V
(2) VGS(amp)peak = 0.2 V
(3) VGS(amp)peak = 0.4 V
(4) VGS(amp)peak = 0.5 V
(5) VGS(amp)peak = 0.6 V
(6) VGS(amp)peak = 0.8 V
Fig 8.
Power gain as a function of average load
power; typical values
Fig 9.
Drain efficiency as a function of average load
power; typical values
PL(AV) (dBm)
20
44
36
28
001aal149
11
13
15
Gp
(dB)
9
(6)
(5)
(4)
(3)
(2)
(1)
001aal150
PL(AV) (dBm)
20
44
36
28
20
30
10
40
50
ηD
(%)
0
(1)
(2)
(3)
(4)
(5)
(6)
VDS =28V; IDq = 170 mA (main); Tcase =25 °C; f = 2140 MHz; 2-carrier W-CDMA; PAR = 8.3 dB
at 0.01 % probability on CCDF.
Fig 10. Power gain and drain efficiency as function of load power; typical values
VGS(amp)peak (V)
0
1.0
0.8
0.4
0.6
0.2
001aal151
14.2
13.6
14.8
15.4
Gp
(dB)
13.0
20
10
30
40
ηD
(%)
0
ηD
Gp


Similar Part No. - BLD6G22LS-50

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLD6G22LS-50 NXP-BLD6G22LS-50 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BLD6G22LS-50

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLD6G21L-50 NXP-BLD6G21L-50 Datasheet
129Kb / 14P
   TD-SCDMA 2010 MHz to 2025 MHz fully integrated Doherty transistor
Rev. 01-28 October 2009
logo
Skyworks Solutions Inc.
SKY66184-11 SKYWORKS-SKY66184-11 Datasheet
1,001Kb / 14P
   2110 to 2170 MHz Linear Power Amplifier
logo
Infineon Technologies A...
PTF210901 INFINEON-PTF210901 Datasheet
266Kb / 8P
   LDMOS RF Power Field Effect Transistor 90 W, 2110-2170 MHz
2004-01-16
PTF211301 INFINEON-PTF211301 Datasheet
449Kb / 9P
   LDMOS RF Power Field Effect Transistor 130 W, 2110-2170 MHz
2004-01-02
PTF210301 INFINEON-PTF210301 Datasheet
337Kb / 8P
   LDMOS RF Power Field Effect Transistor 30 W, 2110-2170 MHz
2003-12-22
PTF211802 INFINEON-PTF211802 Datasheet
169Kb / 8P
   LDMOS RF Power Field Effect Transistor 180 W, 2110-2170 MHz
2004-02-13
PTF210451 INFINEON-PTF210451 Datasheet
406Kb / 8P
   LDMOS RF Power Field Effect Transistor 45 W, 2110-2170 MHz
2003-12-22
logo
WALSIN TECHNOLOGY CORPO...
SF11092140B102T WALSIN-SF11092140B102T Datasheet
734Kb / 8P
   2110~2170 MHz Band Working Frequency
logo
Infineon Technologies A...
PTFB213004F INFINEON-PTFB213004F_16 Datasheet
740Kb / 16P
   High Power RF LDMOS Field Effect Transistor 300 W, 2110 ??2170 MHz
Rev. 05.3, 2016-06-15
PTF210101M INFINEON-PTF210101M Datasheet
276Kb / 8P
   High Power RF LDMOS Field Effect Transistor 10 W, 2110 ??2170 MHz
Rev. 02.1, 2009-02-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com