Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLA1011S-200R Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLA1011S-200R
Description  Avionics LDMOS transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLA1011S-200R Datasheet(HTML) 5 Page - NXP Semiconductors

  BLA1011S-200R Datasheet HTML 1Page - NXP Semiconductors BLA1011S-200R Datasheet HTML 2Page - NXP Semiconductors BLA1011S-200R Datasheet HTML 3Page - NXP Semiconductors BLA1011S-200R Datasheet HTML 4Page - NXP Semiconductors BLA1011S-200R Datasheet HTML 5Page - NXP Semiconductors BLA1011S-200R Datasheet HTML 6Page - NXP Semiconductors BLA1011S-200R Datasheet HTML 7Page - NXP Semiconductors BLA1011S-200R Datasheet HTML 8Page - NXP Semiconductors BLA1011S-200R Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
BLA1011-200R_1011S-200R_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 23 February 2010
5 of 13
NXP Semiconductors
BLA1011-200R; BLA1011S-200R
Avionics LDMOS transistors
VDS = 36 V; IDq = 150 mA; PL = 200 W; tp =50
μs;
δ =2%
VDS = 36 V; IDq = 150 mA; PL = 200 W; tp =50
μs;
δ =2%
Fig 5.
Power gain and drain efficiency a functions of
frequency; typical values
Fig 6.
Input Impedance as a function of frequency
(series components); typical values
VDS = 36 V; IDq = 150 mA; PL = 200 W; tp =50
μs; δ =2%
Fig 7.
Load impedance as a function of frequency (series components); typical values
1020
20
Gp
(dB)
Gp
ηD
(%)
ηD
10
15
5
0
80
40
60
20
0
1040
1100
f (MHz)
mgw037
1060
1080
1020
5
Zi
(W)
ri
xi
3
4
2
0
1
1040
1100
f (MHz)
mgw038
1060
1080
1020
4
ZL
(W)
RL
XL
0
2
−2
−4
1040
1100
f (MHz)
mgw039
1060
1080


Similar Part No. - BLA1011S-200R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLA1011S-200R NXP-BLA1011S-200R Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BLA1011S-200R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLA1011-300 NXP-BLA1011-300 Datasheet
65Kb / 11P
   Avionics LDMOS transistors
Rev. 02-5 February 2008
BLA1011-300 PHILIPS-BLA1011-300 Datasheet
54Kb / 9P
   Avionics LDMOS transistors
Rev. 01-3 April 2007
BLA1011-10 PHILIPS-BLA1011-10 Datasheet
72Kb / 9P
   Avionics LDMOS transistor
2003 Nov 19
BLA1011-2 PHILIPS-BLA1011-2 Datasheet
73Kb / 9P
   Avionics LDMOS transistor
2003 Nov 19
BLA1011-200 PHILIPS-BLA1011-200 Datasheet
74Kb / 13P
   Avionics LDMOS transistor
Rev. 08-26 October 2005
BLA0912-250 PHILIPS-BLA0912-250 Datasheet
77Kb / 12P
   Avionics LDMOS transistor
Rev. 02-22 July 2004
logo
Ampleon Netherlands B.V...
BLA9H0912L-250 AMPLEON-BLA9H0912L-250 Datasheet
1Mb / 14P
   LDMOS avionics power transistor
Rev. 1 ??14 June 2019
BLA9H0912L-1200P AMPLEON-BLA9H0912L-1200P Datasheet
1Mb / 14P
   LDMOS avionics power transistor
Rev. 1 ??1 November 2018
BLA6H0912L-1000 AMPLEON-BLA6H0912L-1000 Datasheet
969Kb / 13P
   LDMOS avionics power transistor
Rev. 5 ??1 September 2015
logo
NXP Semiconductors
BLA6H1011-600 NXP-BLA6H1011-600 Datasheet
140Kb / 13P
   LDMOS avionics power transistor
Rev. 01-22 April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com