Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

191-009-213-L-571 Datasheet(PDF) 11 Page - Analog Devices

Part # 191-009-213-L-571
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

191-009-213-L-571 Datasheet(HTML) 11 Page - Analog Devices

Back Button 191-009-213-L-571 Datasheet HTML 7Page - Analog Devices 191-009-213-L-571 Datasheet HTML 8Page - Analog Devices 191-009-213-L-571 Datasheet HTML 9Page - Analog Devices 191-009-213-L-571 Datasheet HTML 10Page - Analog Devices 191-009-213-L-571 Datasheet HTML 11Page - Analog Devices 191-009-213-L-571 Datasheet HTML 12Page - Analog Devices 191-009-213-L-571 Datasheet HTML 13Page - Analog Devices 191-009-213-L-571 Datasheet HTML 14Page - Analog Devices 191-009-213-L-571 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 75 page
background image
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
xi
Preface
Product Overview
The board features:
• Analog Devices ADSP-BF506F Blackfin processor
Core performance up to 400 MHz
External bus performance up to 80 MHz
120-pin LQFP package
25 MHz crystal
• Programmable VDDINT core power
Analog Devices AD5258 TWI digital potentiometer
Analog Devices ADP1715 low dropout linear regulator
• Internal parallel flash memory
Numonyx M58WT032 – 4 MB (2M x 16 bits)
• SPI flash memory
Numonyx M25P16 – 16 Mb
• Internal ADC
Analog Devices AD7266 2 MSPS, 12-bit, 3-channel SAR
analog-to-digital converter
Twelve single-ended inputs
Six differential inputs
• Universal asynchronous receiver/transmitter (UART)
ADM3202 RS-232 line driver/receiver
DB9 female connector


Similar Part No. - 191-009-213-L-571

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
191-2815-050 AMPHENOL-191-2815-050 Datasheet
753Kb / 2P
   Spectra-Zip짰 1,00mm planar cable 191-2815 series
More results

Similar Description - 191-009-213-L-571

ManufacturerPart #DatasheetDescription
logo
Analog Devices
82-000770-01 AD-82-000770-01 Datasheet
2Mb / 91P
   ADSP-TS201S EZ-KIT Lite Evaluation System
ADZS-TS201S AD-ADZS-TS201S Datasheet
869Kb / 2P
   ADSP-TS201S EZ-KIT Lite Evaluation Kit for the TigerSHARC Processor
ADSP-CM408F AD-ADSP-CM408F Datasheet
594Kb / 87P
   The ADSP-CM408F EZ-KIT Lite is designed
EE-196 AD-EE-196 Datasheet
1Mb / 15P
   ADSP-BF535 Blackfin짰 EZ-KIT Lite??CompactFlash짰 Interface
logo
Texas Instruments
SLAS191A TI1-SLAS191A Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
MSP-EXP430G2 TI-MSP-EXP430G2 Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
logo
Maxim Integrated Produc...
MAX6884 MAXIM-MAX6884 Datasheet
758Kb / 12P
   Evaluation System/Evaluation Kit
Rev 2; 3/21
MAX6652 MAXIM-MAX6652_07 Datasheet
134Kb / 8P
   Evaluation System/Evaluation Kit
Rev 1; 3/07
logo
CML Microcircuits
EV0171 CMLMICRO-EV0171 Datasheet
970Kb / 16P
   Evaluation Kit User Manual
EV6020 CMLMICRO-EV6020 Datasheet
931Kb / 13P
   Evaluation Kit User Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com