Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9601366203AR Datasheet(PDF) 2 Page - 3M Electronics

Part # 9601366203AR
Description  3M??Boardmount Socket
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9601366203AR Datasheet(HTML) 2 Page - 3M Electronics

  9601366203AR Datasheet HTML 1Page - 3M Electronics 9601366203AR Datasheet HTML 2Page - 3M Electronics 9601366203AR Datasheet HTML 3Page - 3M Electronics 9601366203AR Datasheet HTML 4Page - 3M Electronics 9601366203AR Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3MBoardmount Socket
2.54 mm and 2.54 mm x 2.54 mm, Straight, Solder Tail
960 Series
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of the 3M Company
For technical, sales or ordering information
call your Local 3M Service Center
Ordering Information
TS-2187-A
Sheet 2 of 2
960XXX
6X0X
AR
Rows:
1 = 1 Row
2 = 2 Row
Contact Quantity:
02–36 Pins / 1 Row
04–72 Pins / 2 Row
Body Height:
2 = 7.1 mm [.28] / Solder Tail Length 3.0 mm [.12 ]
3 = 8.5 mm [.33 ] / Solder Tail Length 3.5 mm [.14 ]
Plating:
AR = Selective Au 0.25 µm [10 µ“] / Sn
Ref Appendix E1 & C1
Solder Tail Length:
2 = 3.0 mm [.12 ] / Body Height 7.1 mm [.28 ]
3 = 3.5 mm [.14 ] / Body Height 8.5 mm [.33 ]
n = No. of Contacts
ToleranceUnlessNoted[mm]
NominalSize
0.5–3
3–6
6–30
30–120
LinearDim
+/- 0.1
+/- 0.1
+/- 0.2
+/- 0.3
Radii
+/- 0.2
+/- 0.5
+/- 1
+/- 1
PCB Layout
PCB Layout
Height: 7.1 mm (.28)
Height: 8.5 mm (.33)


Similar Part No. - 9601366203AR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
9601 NSC-9601 Datasheet
147Kb / 6P
   Retriggerable One Shot
logo
Peregrine Semiconductor...
9601-00 PEREGRINE-9601-00 Datasheet
258Kb / 14P
   2200 MHz UltraCMOS??Integer-N PLL for Rad Hard Applications
9601-01 PEREGRINE-9601-01 Datasheet
258Kb / 14P
   2200 MHz UltraCMOS??Integer-N PLL for Rad Hard Applications
9601-11 PEREGRINE-9601-11 Datasheet
258Kb / 14P
   2200 MHz UltraCMOS??Integer-N PLL for Rad Hard Applications
logo
ETRI
9601-36 ETRI-9601-36 Datasheet
82Kb / 1P
   PLUGS AND CABLES
More results

Similar Description - 9601366203AR

ManufacturerPart #DatasheetDescription
logo
3M Electronics
950408-5002-AR 3M-950408-5002-AR Datasheet
566Kb / 4P
   3M??Boardmount Socket
37204-62B3-004PL 3M-37204-62B3-004PL Datasheet
1Mb / 6P
   3M??Mini-Clamp Socket 2 mm Boardmount, Straight Solder Tails
7164 3M-7164 Datasheet
33Kb / 2P
   Inverse DIN 41612 Boardmount Socket
8510-4500JL 3M-8510-4500JL Datasheet
34Kb / 2P
   .100,  .100, Polarized Boardmount Socket
451 3M-451 Datasheet
376Kb / 9P
   3M™ Ribbon Cable Wiremount Socket Assembly, 451 Series 3M™ Shrouded Boardmount Header Latch and Eject, 452 Series
Rev F
M3BMK-1618J 3M-M3BMK-1618J Datasheet
1Mb / 4P
   3M Wiremount Socket
logo
List of Unclassifed Man...
SMS24GE3 ETC2-SMS24GE3 Datasheet
223Kb / 4P
   Boardmount Qikmate
logo
3M Electronics
9631032000ARTP 3M-9631032000ARTP Datasheet
429Kb / 5P
   3M??Through-Board Socket
8350 3M-8350 Datasheet
321Kb / 4P
   3M??D Sub Socket
9662046702AR 3M-9662046702AR Datasheet
276Kb / 5P
   3M??Through-Board Socket
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com