Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20KPA60CA-B Datasheet(PDF) 3 Page - Littelfuse

Part # 20KPA60CA-B
Description  Transient Voltage Suppression Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

20KPA60CA-B Datasheet(HTML) 3 Page - Littelfuse

  20KPA60CA-B Datasheet HTML 1Page - Littelfuse 20KPA60CA-B Datasheet HTML 2Page - Littelfuse 20KPA60CA-B Datasheet HTML 3Page - Littelfuse 20KPA60CA-B Datasheet HTML 4Page - Littelfuse 20KPA60CA-B Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
119
©2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Transient Voltage Suppression Diodes
Revision: January 09, 2009
20KPA Series
Axial Leaded – 20000W > 20KPA series
Please refer to http://www.Littelfuse.com/series/20KPA.html for current information.
Ratings and Characteristic Curves (T
A=25°C unless otherwise notedFigure 1 - Peak Pulse Power Rating Curve
0
0
50
100
150
1.0
2.0
3.0
4.0
tr=10μsec
Peak Value
IPPM
IPPM
2
TJ=25°C
Pulse Width(td) is defined
as the point where the peak
current decays to 50% of IPPM
10/1000μsec. Waveform
as defined by R.E.A
td
t-Time (ms)
Half Value
IPPM
( )
0
20
40
60
80
100
0
25
50
75
100
125
150
175
200
T
A-Ambient temperature (ºC)
1
100
10000
0
50
100
150
200
250
300
350
V
BR - Reverse Breakdwon Voltage (V)
Tj=25C
f=1.0MHz
Vsig=50mVp-p
Bi-direct ional @ VR
Uni-direct ional V= OV
Bi-direct ional V= OV
Uni-direct ional @ VR
0
1
2
3
4
5
6
7
8
9
0
25
50
75
100 125 150 175 200
L = 0.375” (9.5mm)
Lead Lengths
T
L- Le a d Te mpe rature (ºC)
Figure 2 - Pulse Derating Curve
Figure 3 - Pulse Waveform
Figure 4 - Typical Junction Capacitance
Figure 5 - Steady State Power Derating Curve
0
50
100
150
200
250
300
350
400
450
1
10
100
Number of Cycles at 60 Hz
Figure 6 - Maximum Non-Repetitive Peak Forward
Surge Current
0.1
1
10
100
1000
t
d- Pulse Width (Sec.)
0.000001
0.00001
0.0001
0.001
Figure 1 - Peak Pulse Power Rating Curve


Similar Part No. - 20KPA60CA-B

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
20KPA60CA TAITRON-20KPA60CA Datasheet
211Kb / 6P
   20KW Transient Voltage Suppressor
logo
Socay Electornics Co., ...
20KPA60CA SOCAY-20KPA60CA Datasheet
1Mb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
December 25, 2017
logo
MDE Semiconductor, Inc.
20KPA60CA MDE-20KPA60CA Datasheet
30Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
20KPA60CA LUGUANG-20KPA60CA Datasheet
116Kb / 2P
   Glass Passivated Junction TVS
logo
MERITEK ELECTRONICS COR...
20KPA60CA MERITEK-20KPA60CA Datasheet
501Kb / 4P
   Transient Voltage Suppressors
More results

Similar Description - 20KPA60CA-B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SA5.0A LITTELFUSE-SA5.0A_09 Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com