Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9602726302AR Datasheet(PDF) 1 Page - 3M Electronics

Part # 9602726302AR
Description  3M??Boardmount Socket
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9602726302AR Datasheet(HTML) 1 Page - 3M Electronics

  9602726302AR Datasheet HTML 1Page - 3M Electronics 9602726302AR Datasheet HTML 2Page - 3M Electronics 9602726302AR Datasheet HTML 3Page - 3M Electronics 9602726302AR Datasheet HTML 4Page - 3M Electronics 9602726302AR Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3MBoardmount Socket
2.54 mm and 2.54 mm x 2.54 mm, Straight, Solder Tail
960 Series
High temperature dielectric
“No lead” wave and reflow solder compatible
Single- and dual row design, 2–36 pins or 4–72 pins
Housing height options: 8.5 mm and 7.1 mm
Mates with pin-strip header products
See Regulatory Information Appendix for chemical
compliance information
Date Modified: February 14, 2008
TS-2187-A
Sheet 1 of 2
Physical
Insulation
Material: High Temperature Thermoplastic
Flammability: UL 94V-0
Color: Black
Contact
Material: Copper Alloy
Plating
Underplating: 1.25–2.5 µm [50–100 µ’’] Nickel
Wiping Area: 0.25 µm [10 µ’’] Gold
Solder Tail Area: 1–3 µm [40–118 µ’’] Matte Tin
Electrical
CurrentRating: 2 A
InsulationResistance: > 5 x 108 Ohm at 100 V
DC
WithstandingVoltage: 1000 V
DC
Environmental
TemperatureRange: -25 °C to +105 °C
ProcessingTemperature: max. 260 °C (Profile per J-STD-020C)
MoistureSensitivityLevel:
1 (per J-STD-020C)
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of the 3M Company
For technical, sales or ordering information
call your Local 3M Service Center


Similar Part No. - 9602726302AR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
9602 NSC-9602 Datasheet
179Kb / 8P
   Dual Retriggerable, Resettable One Shots
logo
List of Unclassifed Man...
9602 ETC2-9602 Datasheet
92Kb / 2P
   WASHERS AND NUTS
logo
Keystone Electronics Co...
9602 KEYSTONE-9602 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
TriQuint Semiconductor
9602-1111-018 TRIQUINT-9602-1111-018 Datasheet
1,005Kb / 8P
   2.4 GHz WLAN/BTLTE Co-Existence Filter
9602-1111-018 TRIQUINT-9602-1111-018 Datasheet
3Mb / 16P
   WiFi/LTE BAW Diplexer
More results

Similar Description - 9602726302AR

ManufacturerPart #DatasheetDescription
logo
3M Electronics
950408-5002-AR 3M-950408-5002-AR Datasheet
566Kb / 4P
   3M??Boardmount Socket
37204-62B3-004PL 3M-37204-62B3-004PL Datasheet
1Mb / 6P
   3M??Mini-Clamp Socket 2 mm Boardmount, Straight Solder Tails
7164 3M-7164 Datasheet
33Kb / 2P
   Inverse DIN 41612 Boardmount Socket
8510-4500JL 3M-8510-4500JL Datasheet
34Kb / 2P
   .100,  .100, Polarized Boardmount Socket
451 3M-451 Datasheet
376Kb / 9P
   3M™ Ribbon Cable Wiremount Socket Assembly, 451 Series 3M™ Shrouded Boardmount Header Latch and Eject, 452 Series
Rev F
M3BMK-1618J 3M-M3BMK-1618J Datasheet
1Mb / 4P
   3M Wiremount Socket
logo
List of Unclassifed Man...
SMS24GE3 ETC2-SMS24GE3 Datasheet
223Kb / 4P
   Boardmount Qikmate
logo
3M Electronics
9631032000ARTP 3M-9631032000ARTP Datasheet
429Kb / 5P
   3M??Through-Board Socket
8350 3M-8350 Datasheet
321Kb / 4P
   3M??D Sub Socket
9662046702AR 3M-9662046702AR Datasheet
276Kb / 5P
   3M??Through-Board Socket
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com