Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

009176001011006 Datasheet(PDF) 5 Page - AVX Corporation

Part # 009176001011006
Description  SSL - Discrete Wire IDC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

009176001011006 Datasheet(HTML) 5 Page - AVX Corporation

  009176001011006 Datasheet HTML 1Page - AVX Corporation 009176001011006 Datasheet HTML 2Page - AVX Corporation 009176001011006 Datasheet HTML 3Page - AVX Corporation 009176001011006 Datasheet HTML 4Page - AVX Corporation 009176001011006 Datasheet HTML 5Page - AVX Corporation 009176001011006 Datasheet HTML 6Page - AVX Corporation 009176001011006 Datasheet HTML 7Page - AVX Corporation 009176001011006 Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
47
Code Slot A Diameter B
Text
016
1.60
1.00
9176 Ø1.6
021
2.10
1.50
9176 Ø2.1
Color
X00
Black
000
White
100
NOTES:
1. CAP FOR IDC WIRE TO BOARD CONNECTION, 2 AND 3 WAY,
THROUGH WIRE.
2. FOR USE WITH STANDARD 9176 IDC CONNECTORS, SEE
PAGE 43 FOR THE CORRECT PART CODE TO MATCH WIRE.
3. CAP MATERIAL: GLASS FILLED NYLON 46, FOR COLORS
SEE TABLE BELOW.
4. DIMENSIONS A, B AND TEXT, SEE TABLE BELOW.
5. CAPS DESIGNED TO ACCOMMODATE WIRE INSULATION
DIAMETERS 1.1MM TO 1.6MM AND 1.6MM TO 2.1MM.
6. ALL DIMENSIONS SHOWN ARE REFERENCE DIMENSIONS.
7. PACKED IN BAGS, 1000 PIECES PER BAG.
SSL - Discrete Wire IDC
Series 9176
60-9176-00X-0XX-X00
ACCESSORY CAP – THROUGH WIRE


Similar Part No. - 009176001011006

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
009176001011806 AVX-009176001011806 Datasheet
1Mb / 11P
   Standard IDC 18-24 AWG: WTB
009176001011906 AVX-009176001011906 Datasheet
1Mb / 11P
   Standard IDC 18-24 AWG: WTB
More results

Similar Description - 009176001011006

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
00917700X001X06 AVX-00917700X001X06 Datasheet
236Kb / 5P
   SSL - Discrete Wire IDC
00917900X001X06 AVX-00917900X001X06 Datasheet
348Kb / 8P
   SSL - Discrete Wire IDC
009175002701106 AVX-009175002701106 Datasheet
374Kb / 6P
   SSL - Discrete Wire IDC
009175003001006 AVX-009175003001006 Datasheet
368Kb / 5P
   SSL - Discrete Wire IDC
00917500X001X06 AVX-00917500X001X06 Datasheet
368Kb / 5P
   SSL - Discrete Wire IDC
009177003033006 AVX-009177003033006 Datasheet
236Kb / 5P
   SSL - Discrete Wire IDC
00-9176-002-001-106 AVX-00-9176-002-001-106 Datasheet
368Kb / 9P
   Discrete Wire IDC
logo
Tyco Electronics
2106003-1 MACOM-2106003-1 Datasheet
969Kb / 6P
   IDC SSL Connector
logo
Omron Electronics LLC
XG5 OMRON-XG5 Datasheet
967Kb / 10P
   IDC Sockets for Discrete Wires
XG5_1011 OMRON-XG5_1011 Datasheet
919Kb / 10P
   IDC Sockets for Discrete Wires
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com