Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9631032000ARRT Datasheet(PDF) 2 Page - 3M Electronics

Part # 9631032000ARRT
Description  3M??Through-Board Socket
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9631032000ARRT Datasheet(HTML) 2 Page - 3M Electronics

  9631032000ARRT Datasheet HTML 1Page - 3M Electronics 9631032000ARRT Datasheet HTML 2Page - 3M Electronics 9631032000ARRT Datasheet HTML 3Page - 3M Electronics 9631032000ARRT Datasheet HTML 4Page - 3M Electronics 9631032000ARRT Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3MThrough-Board Socket
2.54 mm, Single Row, Dual Entry, Surface Mount
963 Series
Ordering Information
TS-2190-C
Sheet 2 of 2
Tolerance Unless Noted [mm]
Nominal Size
0.5–3
3–6
6–30
30–120
Linear Dim
+/- 0.1
+/- 0.1
+/- 0.2
+/- 0.3
Radii
+/- 0.2
+/- 0.5
+/- 1
+/- 1
9631XX
2000
AR
XX
Contact Quantity:
03–30 Pins / 1 Row
Plating:
AR = Selective Au 0.25 m [10 “] / Sn
Ref Appendix E1 & C1
Packaging:
TP = Tube without Pad
(3 to 30 pos)
PT = Tube with Pad
(4 to 30 pos)
PR = Tape & Reel with Pad (4 to 30 pos)
n = No. of Contacts
Tape & Reel Option
Contact
Quantity
4–5
6–7
8–12 13–16 17–21 22–28 29–30
Tape Width
[mm]
24
32
44
56
72
88
104
PCB Layout
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of the 3M Company
For technical, sales or ordering information
call your Local 3M Service Center
PP - Pad (optional)
Through hole (no plating)


Similar Part No. - 9631032000ARRT

ManufacturerPart #DatasheetDescription
logo
Heyco.
9631 HEYCO-9631 Datasheet
118Kb / 1P
   LDPE Sheet Metal Plugs
logo
Schurter Inc.
9631.3100 SCHURTER-9631.3100 Datasheet
270Kb / 3P
   Transipillars, a rugged insulated mounting system
13.05.2020
9631.3200 SCHURTER-9631.3200 Datasheet
270Kb / 3P
   Transipillars, a rugged insulated mounting system
13.05.2020
logo
TE Connectivity Ltd
963142-1 TEC-963142-1 Datasheet
559Kb / 1P
   MCON 1.2 CB (CLEAN BODY)
963142-2 TEC-963142-2 Datasheet
559Kb / 1P
   MCON 1.2 CB (CLEAN BODY)
More results

Similar Description - 9631032000ARRT

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9662046702AR 3M-9662046702AR Datasheet
276Kb / 5P
   3M??Through-Board Socket
9601026202AR 3M-9601026202AR Datasheet
548Kb / 5P
   3M??Boardmount Socket
M3BMK-1618J 3M-M3BMK-1618J Datasheet
1Mb / 4P
   3M Wiremount Socket
950408-5002-AR 3M-950408-5002-AR Datasheet
566Kb / 4P
   3M??Boardmount Socket
8350 3M-8350 Datasheet
321Kb / 4P
   3M??D Sub Socket
3473-6000 3M-3473-6000 Datasheet
461Kb / 3P
   3M Pak 100 Wiremount Socket
3573-1000 3M-3573-1000 Datasheet
451Kb / 4P
   3M D Ribbon Wiremount Socket
355 3M-355 Datasheet
839Kb / 3P
   3M??Power Clamp Wiremount Socket
3435-0 3M-3435-0 Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
89110-0001HA 3M-89110-0001HA Datasheet
412Kb / 3P
   3M Pak 100 Preassembled Wiremount Socket
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com