Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9662046702AR Datasheet(PDF) 5 Page - 3M Electronics

Part # 9662046702AR
Description  3M??Through-Board Socket
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9662046702AR Datasheet(HTML) 5 Page - 3M Electronics

  9662046702AR Datasheet HTML 1Page - 3M Electronics 9662046702AR Datasheet HTML 2Page - 3M Electronics 9662046702AR Datasheet HTML 3Page - 3M Electronics 9662046702AR Datasheet HTML 4Page - 3M Electronics 9662046702AR Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Important Notice
All statements, technical information, and recommendations related to 3M’s products are based on information believed to be reliable, but the accuracy or completeness
is not guaranteed. Before using this product, you must evaluate it and determine if it is suitable for your intended application. You assume all risks and liability associated
with such use. Any statements related to the product which are not contained in 3M’s current publications, or any contrary statements contained on your purchase order
shall have no force or effect unless expressly agreed upon, in writing, by an authorized officer of 3M.
Warranty; Limited Remedy; Limited Liability.
This product will be free from defects in material and manufacture for a period of 90 days from the time of purchase. 3M MAKES NO OTHER WARRANTIES INCLUDING,
BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. If this product is defective within the warranty
period stated above, your exclusive remedy shall be, at 3M’s option, to replace or repair the 3M product or refund the purchase price of the 3M product. Except where
prohibited by law, 3M will not be liable for any indirect, special, incidental or consequential loss or damage arising from this 3M product, regardless of the
legal theory asserted.
Please recycle. Printed in USA.
© 3M 2008. All rights reserved.
RIA-2217A-D
3M Electronics Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
U.S.A.
1-800-225-5373
www.3m.com/interconnects
3M is a trademark of 3M Company.
Appendix C3: China RoHS
Electronic Industry Standard of the People’s Republic of China, SJ/T11363-2006, Requirements for Concentration Limits for
Certain Hazardous Substances in Electronic Information Products.
This symbol, per Marking for the Control of Pollution Caused by Electronic Information Products, SJ/T11364-2006, means that
the product or part does contain a substance, as detailed in the chart below, in excess of the following maximum concentration
values in any homogeneous material: (a) 0.1% (by weight) for lead, mercury, hexavalent chromium, polybrominated biphenyls
or polybrominated diphenyl ethers; or (b) 0.01% (by weight) for cadmium. Unless otherwise stated by 3M in writing, this
information represents 3M’s best knowledge and belief based upon information provided by third party suppliers to 3M.
The numerical reference in the symbol above should not be construed as a representation regarding the product’s life or an
extension of a product warranty. The product warranty is stated below. In the event any product is proven not to conform with
3M’s Regulatory Information Appendix, then 3M’s entire liability and Buyer’s exclusive remedy will be in accordance with the
product Warranty stated below.


Similar Part No. - 9662046702AR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9662 ETC2-9662 Datasheet
1Mb / 16P
   Its a complete tool kit that fits in your palm.
logo
Advantech Co., Ltd.
9662132020E ADVANTECH-9662132020E Datasheet
541Kb / 2P
   2U Rackmount Chassis for ATX/MicroATX Motherboard
9662132020E ADVANTECH-9662132020E Datasheet
785Kb / 2P
   2U Rackmount Chassis for ATX/MicroATX Motherboard
9662132020E ADVANTECH-9662132020E Datasheet
1Mb / 2P
   4U Rackmount Chassis for Full-size SHB/SBC
9662132020E ADVANTECH-9662132020E Datasheet
1Mb / 2P
   4U Rackmount / Tower Chassis for EATX/ATX/MicroATX Motherboard with 8 Hot Swap Drive Trays
6-Aug-2021
More results

Similar Description - 9662046702AR

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9631032000ARTP 3M-9631032000ARTP Datasheet
429Kb / 5P
   3M??Through-Board Socket
9601026202AR 3M-9601026202AR Datasheet
548Kb / 5P
   3M??Boardmount Socket
M3BMK-1618J 3M-M3BMK-1618J Datasheet
1Mb / 4P
   3M Wiremount Socket
950408-5002-AR 3M-950408-5002-AR Datasheet
566Kb / 4P
   3M??Boardmount Socket
8350 3M-8350 Datasheet
321Kb / 4P
   3M??D Sub Socket
3473-6000 3M-3473-6000 Datasheet
461Kb / 3P
   3M Pak 100 Wiremount Socket
3573-1000 3M-3573-1000 Datasheet
451Kb / 4P
   3M D Ribbon Wiremount Socket
355 3M-355 Datasheet
839Kb / 3P
   3M??Power Clamp Wiremount Socket
3435-0 3M-3435-0 Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
89110-0001HA 3M-89110-0001HA Datasheet
412Kb / 3P
   3M Pak 100 Preassembled Wiremount Socket
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com