Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD19TD2WNVX-TL Datasheet(PDF) 1 Page - Rohm

Part # BD19TD2WNVX-TL
Description  Ultra Small Package CMOS LDO Regulators suitable for High-density Mounting
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD19TD2WNVX-TL Datasheet(HTML) 1 Page - Rohm

  BD19TD2WNVX-TL Datasheet HTML 1Page - Rohm BD19TD2WNVX-TL Datasheet HTML 2Page - Rohm BD19TD2WNVX-TL Datasheet HTML 3Page - Rohm BD19TD2WNVX-TL Datasheet HTML 4Page - Rohm BD19TD2WNVX-TL Datasheet HTML 5Page - Rohm BD19TD2WNVX-TL Datasheet HTML 6Page - Rohm BD19TD2WNVX-TL Datasheet HTML 7Page - Rohm BD19TD2WNVX-TL Datasheet HTML 8Page - Rohm BD19TD2WNVX-TL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
1/40
www.rohm.com
2010.02 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
CMOS LDO Regulator Series for Portable Equipments
Ultra Small Package
CMOS LDO Regulators
suitable for High-density Mounting
BU□□TD2WNVX Series
Description
BUTD2WNVX series is high-performance FULL CMOS regulator with 200-mA output, which is mounted on micro
miniature package SSON004X1010 (1.0 mm
 1.0 mm  0.6 mm). It has excellent noise characteristics and load
responsiveness characteristics despite its low circuit current consumption of 35
A. It is most appropriate for various
applications such as power supplies for logic IC, RF, and camera modules. Micro miniature SSON004X1010 with built-in
heatsink is adopted for the package, which contributes to the space-saving design of the set.
Features
1) High-accuracy output voltage of
1% (25 mV on Vout<2.5V products)
2) High ripple rejection: 70 dB (Typ., 1 kHz,)
3) Compatible with small ceramic capacitor (CIN=Co=0.47 µF)
4) Low current consumption: 35 µA
5) ON/OFF control of output voltage
6) With built-in overcurrent protection circuit and thermal shutdown circuit
7) With built-in output discharge circuit
8) Adopting ultra-small package SSON004X1010
Applications
Battery-powered portable equipment, etc.
Line up
200 mA BU□□TD2WNVX Series
Product Name
1.2
1.5
1.8
1.9
2.5
2.6
2.7
Package
BU□□TD2WNVX
SSON004X1010
2.8
3.0
3.1
3.3
-
-
-
-
-
-
Model name:BU□□TD2WNVX
a
Symbol
Contents
Specification of output voltage
a
□□
Output voltage (V)
□□
Output voltage (V))
□□
Output voltage (V)
12
1.2 V(Typ.)
26
2.6 V(Typ.)
33
3.3 V(Typ.)
15
1.5 V(Typ.)
27
2.7 V(Typ.)
-
-
18
1.8 V(Typ.)
28
2.8 V(Typ.)
-
-
19
1.9 V(Typ.)
30
3.0 V(Typ.)
-
-
25
2.5 V(Typ.)
31
3.1 V(Typ.)
-
-
Absolute maximum ratings
Parameter
Symbol
Limits
Unit
Maximum applied power voltage
VMAX
-0.3 ~ +6.5
V
Power dissipation
Pd
560
(*1)
mW
Maximum junction temperature
TjMAX
+125
Operational temperature range
Topr
-40 ~ +85
Storage temperature range
Tstg
-55 ~ +125
(*1) When PCB (70 mm
 70 mm, thickness 1.6-mm glass epoxy) a standard ROHM board is implemented. Reduced to 5.6 mW/℃ when used at Ta=25℃ or higher.
No.10020EAT07


Similar Part No. - BD19TD2WNVX-TL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD190 MOTOROLA-BD190 Datasheet
103Kb / 2P
   PLASTIC MEDIUM POWER SILICON PNP TRANSISTOR
logo
Savantic, Inc.
BD190 SAVANTIC-BD190 Datasheet
108Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
BD190 ISC-BD190 Datasheet
130Kb / 3P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
BD190 SAVANTIC-BD190 Datasheet
110Kb / 3P
   Silicon NPN Power Transistors
logo
BeRex Corporation
BD1926 BEREX-BD1926 Datasheet
373Kb / 4P
   Dual Band 2?륹ay SMT Power Divider
More results

Similar Description - BD19TD2WNVX-TL

ManufacturerPart #DatasheetDescription
logo
Rohm
BHXXRB1WGUT ROHM-BHXXRB1WGUT_09 Datasheet
304Kb / 9P
   Ultra Small Package CMOS LDO Regulators
logo
Shanghai Leiditech Elec...
BZT52C56 LEIDITECH-BZT52C56 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C3V3 LEIDITECH-BZT52C3V3 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C62 LEIDITECH-BZT52C62 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C82 LEIDITECH-BZT52C82 Datasheet
912Kb / 3P
   Small package size suitable for high-density applications
BZT52C5V6 LEIDITECH-BZT52C5V6 Datasheet
928Kb / 3P
   Small package size suitable for high-density applications
logo
Rohm
BU10JA2MNVX-C ROHM-BU10JA2MNVX-C Datasheet
1Mb / 21P
   Ultra-Small Package FULL CMOS LDO Regulator
logo
Torex Semiconductor
XC6213 TOREX-XC6213_1 Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
logo
Micropac Industries
61059 MICROPAC-61059 Datasheet
89Kb / 3P
   Suitable for high-density PC Board mounting
logo
Torex Semiconductor
XC6213 TOREX-XC6213_2 Datasheet
1,014Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com