Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD12TD2WNVX-TL Datasheet(PDF) 8 Page - Rohm

Part # BD12TD2WNVX-TL
Description  Ultra Small Package CMOS LDO Regulators suitable for High-density Mounting
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD12TD2WNVX-TL Datasheet(HTML) 8 Page - Rohm

Back Button BD12TD2WNVX-TL Datasheet HTML 4Page - Rohm BD12TD2WNVX-TL Datasheet HTML 5Page - Rohm BD12TD2WNVX-TL Datasheet HTML 6Page - Rohm BD12TD2WNVX-TL Datasheet HTML 7Page - Rohm BD12TD2WNVX-TL Datasheet HTML 8Page - Rohm BD12TD2WNVX-TL Datasheet HTML 9Page - Rohm BD12TD2WNVX-TL Datasheet HTML 10Page - Rohm BD12TD2WNVX-TL Datasheet HTML 11Page - Rohm BD12TD2WNVX-TL Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
Technical Note
8/40
BU□□TD2WNVX Series
www.rohm.com
2010.02 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Fig.47. Load Response
1.50
1.45
1.40
1.55
50
100
0
IOUT=50mA→100mA
Fig.46. Load Response
IOUT=200mA→0mA
100
200
0
1.60
1.50
1.40
1.70
Fig.48. Load Response
1.55
1.50
1.45
1.60
50
100
0
IOUT=100mA→50mA
●Reference data BU15TD2WNVX (Ta=25ºC unless otherwise specified.)
Fig.43. Load Response
1.50
1.45
1.40
1.55
50
100
0
IOUT=0mA→100mA
Fig.42. Load Response
IOUT=50mA→0mA
1.25
1.20
1.15
1.30
50
100
0
1.55
1.50
1.45
1.60
50
100
0
Fig.41. Load Response
1.50
1.45
1.40
1.55
50
100
0
IOUT=0mA→50mA
Fig.44. Load Response
IOUT=100mA→0mA
50
100
0
1.55
1.50
1.45
1.60
Fig.45. Load Response
1.50
1.40
1.30
1.60
100
200
0
IOUT=0mA→200mA


Similar Part No. - BD12TD2WNVX-TL

ManufacturerPart #DatasheetDescription
logo
ITT Industries
BD12 ITT-BD12 Datasheet
170Kb / 2P
   Standard Profile DIP Switches
logo
C&K Components
BD12 CK-COMPONENTS-BD12 Datasheet
122Kb / 2P
   Standard Profile DIP Switches
BD12 CK-COMPONENTS-BD12 Datasheet
174Kb / 2P
   Standard Profile DIP Switches
BD12 CK-COMPONENTS-BD12 Datasheet
279Kb / 3P
   Standard Profile DIP Switches
1999
logo
Yantel Corporation
BD1200U510-1306 YANTEL-BD1200U510-1306 Datasheet
407Kb / 3P
   Ultra Low Profile 1306 Balun 50廓 to 100廓 Balanced
More results

Similar Description - BD12TD2WNVX-TL

ManufacturerPart #DatasheetDescription
logo
Rohm
BHXXRB1WGUT ROHM-BHXXRB1WGUT_09 Datasheet
304Kb / 9P
   Ultra Small Package CMOS LDO Regulators
logo
Shanghai Leiditech Elec...
BZT52C56 LEIDITECH-BZT52C56 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C3V3 LEIDITECH-BZT52C3V3 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C62 LEIDITECH-BZT52C62 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C82 LEIDITECH-BZT52C82 Datasheet
912Kb / 3P
   Small package size suitable for high-density applications
BZT52C5V6 LEIDITECH-BZT52C5V6 Datasheet
928Kb / 3P
   Small package size suitable for high-density applications
logo
Rohm
BU10JA2MNVX-C ROHM-BU10JA2MNVX-C Datasheet
1Mb / 21P
   Ultra-Small Package FULL CMOS LDO Regulator
logo
Torex Semiconductor
XC6213 TOREX-XC6213_1 Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
logo
Micropac Industries
61059 MICROPAC-61059 Datasheet
89Kb / 3P
   Suitable for high-density PC Board mounting
logo
Torex Semiconductor
XC6213 TOREX-XC6213_2 Datasheet
1,014Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com