Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24091DGQT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24091DGQT
Description  1A, Single-Input, Single Cell Li-Ion Battery Charger
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24091DGQT Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ24091DGQT Datasheet HTML 7Page - Texas Instruments BQ24091DGQT Datasheet HTML 8Page - Texas Instruments BQ24091DGQT Datasheet HTML 9Page - Texas Instruments BQ24091DGQT Datasheet HTML 10Page - Texas Instruments BQ24091DGQT Datasheet HTML 11Page - Texas Instruments BQ24091DGQT Datasheet HTML 12Page - Texas Instruments BQ24091DGQT Datasheet HTML 13Page - Texas Instruments BQ24091DGQT Datasheet HTML 14Page - Texas Instruments BQ24091DGQT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Viset
Vchg
V_0.1
_OUT
W
Vout
BatteryDeclared Absent
t-time-20ms/div
100mV/div
1V/div
1V/div
5V/div
Viset
Vchg
Vout
V_0.1
_OUT
W
Battery
Threshold
Reached
t-time-500ms/div
1V/div
5V/div
1V/div
100mV/div
Viset
Vchg
Vout
V_0.1
_OUT
W
I
ClampedCurrent
OUT
I
ShortDetected
andLatchedOff
SET
t-time-200 s/div
m
1V/div
2V/div
500mV/div
100mV/div
Vin
Viset
Vchg
V_0.1 _OUT
W
t-time-1ms/div
2V/div
2V/div
20mV/div
500mV/div
Vin
Viset
Vchg
V_0.1
_OUT
W
ShortDetectedin100mA
modeandLatchedOff
t-time-5ms/div
2V/div
2V/div
500mV/div
20mV/div
bq24090, bq24091
bq24092, bq24093
www.ti.com
SLUS968A – JANUARY 2010 – REVISED FEBRUARY 2010
TYPICAL OPERATIONAL CHARACTERISTICS (continued)
SETUP: bq2409x typical applications schematic; VIN = 5V, VBAT = 3.6V (unless otherwise indicated)
Figure 7. Battery Removal with fixed TS = 0.5V
PROTECTION CIRCUITS WAVEFORMS
CH4: Iout (1A/Div)
Battery voltage swept from 0V to 4.25V to 3.9V.
CH4: Iout (1A/Div)
Figure 8. Battery Charge Profile
Figure 9. ISET Shorted During Normal Operation
CH4: Iout (0.2A/Div)
CH4: Iout (0.2A/Div)
Figure 10. ISET Shorted Prior to USB Power-up
Figure 11. DPM – Adaptor Current Limits – Vin Regulated
The IC temperature rises to 125°C and enters thermal regulation. Charge current is reduced to regulate the IC at
125°C. VIN is reduced, the IC temperature drops, the charge current returns to the programmed value.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): bq24090 bq24091


Similar Part No. - BQ24091DGQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24091DGQT TI-BQ24091DGQT Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24091DGQT TI-BQ24091DGQT Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24091DGQT TI-BQ24091DGQT Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24091DGQT TI-BQ24091DGQT Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger
More results

Similar Description - BQ24091DGQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_2 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_12 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger
logo
Global Mixed-mode Techn...
G5803 GMT-G5803 Datasheet
76Kb / 1P
   1A Single Cell Li-Ion Battery Linear Charger
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Texas Instruments
BQ24045 TI1-BQ24045 Datasheet
1Mb / 35P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
BQ24210 TI1-BQ24210 Datasheet
679Kb / 26P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
BQ24212 TI1-BQ24212 Datasheet
254Kb / 8P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com