Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD00EA3EFJ-E2 Datasheet(PDF) 3 Page - Rohm

Part # BD00EA3EFJ-E2
Description  500mA Secondary Variable Output LDO Regulators for Local Power Supplies
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD00EA3EFJ-E2 Datasheet(HTML) 3 Page - Rohm

  BD00EA3EFJ-E2 Datasheet HTML 1Page - Rohm BD00EA3EFJ-E2 Datasheet HTML 2Page - Rohm BD00EA3EFJ-E2 Datasheet HTML 3Page - Rohm BD00EA3EFJ-E2 Datasheet HTML 4Page - Rohm BD00EA3EFJ-E2 Datasheet HTML 5Page - Rohm BD00EA3EFJ-E2 Datasheet HTML 6Page - Rohm BD00EA3EFJ-E2 Datasheet HTML 7Page - Rohm BD00EA3EFJ-E2 Datasheet HTML 8Page - Rohm BD00EA3EFJ-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.rohm.com
2010.04 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD00GA5WEFJ
Technical Note
3/11
Reference Data (Unless otherwise noted, Ta=25℃, EN=3V, Vcc=6V, R1=43kΩ, R2=8.2kΩ)
0.0
2.0
4.0
6.0
8.0
-25
0
25
50
75
Ta [℃]
0.0
1.0
2.0
3.0
4.0
5.0
0
2
4
6
8
10
12
14
Vcc [V]
85
4.8
4.9
5.0
5.1
5.2
0
0.1
0.2
0.3
0.4
0.5
Io [A]
400
500
600
700
800
-25
0
25
50
75
Ta [℃]
0.0
0.2
0.4
0.6
0.8
1.0
-25
0
25
50
75
Ta [℃]
4.8
4.9
5.0
5.1
5.2
-25
0
25
50
75
Ta [℃]
85
85
85
Vcc
5V/div
Vo
5V/div
VEN
2V/div
Vcc
5V/div
Vo
5V/div
VEN
2V/div
Vcc
5V/div
Vo
5V/div
VEN
2V/div
40msec/div
1msec/div
40msec/div
Fig.1 Transient Response
(0→0.5A)
Co=1μF
Fig.2 Transient Response
(0.5→0A)
Co=1μF
Fig.3 Input sequence 1
Co=1μF
Fig.4 OFF sequence 1
Co=1μF
Fig.5 Inpurt sequence 2
Co=1μF
Fig.6 OFF sequence 2
Co=1μF
Fig.7 Ta-Vo (Io=0mA)
Fig.8 Ta-Icc
Fig.9 Ta-Isd
(VEN=0V)
Fig.11 Io-Vo
Fig.12 Vcc-Isd
(VEN=0V)
Fig.10 Ta-IEN
Vo
50mV/div
Io
0.5A/div
Vo
50mV/div
Io
0.5A/div
Vcc
5V/div
Vo
5V/div
VEN
2V/div
1msec/div
10usec/div
200usec/div


Similar Part No. - BD00EA3EFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD00EA3EFJ-E2 ROHM-BD00EA3EFJ-E2 Datasheet
523Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00EA3EFJ-E2 ROHM-BD00EA3EFJ-E2 Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00EA3EFJ-E2 ROHM-BD00EA3EFJ-E2 Datasheet
513Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00EA3EFJ-E2 ROHM-BD00EA3EFJ-E2 Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00EA3EFJ-E2 ROHM-BD00EA3EFJ-E2 Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
More results

Similar Description - BD00EA3EFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD00HA5WEFJ ROHM-BD00HA5WEFJ Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BDXXKA5 ROHM-BDXXKA5 Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BD10KASWFP ROHM-BD10KASWFP Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BD00HC5WEFJ ROHM-BD00HC5WEFJ Datasheet
492Kb / 12P
   1.5A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA3WEFJ ROHM-BD00GA3WEFJ Datasheet
523Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HC0WEFJ ROHM-BD00HC0WEFJ Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GC0WEFJ ROHM-BD00GC0WEFJ Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HA3WEFJ ROHM-BD00HA3WEFJ Datasheet
513Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BA3259HFP ROHM-BA3259HFP_09 Datasheet
383Kb / 10P
   Dual-output Secondary Fixed/Variable Output LDO Regulators for Local Power Supplies
BA3258HFP ROHM-BA3258HFP_09 Datasheet
357Kb / 9P
   Dual-output Secondary Fixed Output LDO Regulators for Local Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com