Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCX71 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BCX71
Description  PNP general purpose transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCX71 Datasheet(HTML) 3 Page - NXP Semiconductors

  BCX71 Datasheet HTML 1Page - NXP Semiconductors BCX71 Datasheet HTML 2Page - NXP Semiconductors BCX71 Datasheet HTML 3Page - NXP Semiconductors BCX71 Datasheet HTML 4Page - NXP Semiconductors BCX71 Datasheet HTML 5Page - NXP Semiconductors BCX71 Datasheet HTML 6Page - NXP Semiconductors BCX71 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2004 Feb 16
3
NXP Semiconductors
Product data sheet
PNP general purpose transistors
BCX71 series
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
THERMAL CHARACTERISTICS
Note
1.
Transistor mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−45
V
VCEO
collector-emitter voltage
open base
−45
V
VEBO
emitter-base voltage
open collector
−5
V
IC
collector current (DC)
−100
mA
ICM
peak collector current
−200
mA
IBM
peak base current
−200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
note 1
500
K/W


Similar Part No. - BCX71

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
logo
Infineon Technologies A...
BCX71 INFINEON-BCX71 Datasheet
88Kb / 9P
   PNP Silicon AF Transistor
Jul-10-2001
logo
Diotec Semiconductor
BCX71 DIOTEC-BCX71 Datasheet
184Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Zetex Semiconductors
BCX71 ZETEX-BCX71 Datasheet
204Kb / 2P
   SOT23 PNP SILICON PLANAR SMALL SIGNAL TRANSISTORS
logo
Central Semiconductor C...
BCX71 CENTRAL-BCX71 Datasheet
329Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
More results

Similar Description - BCX71

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com