Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCW61 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BCW61
Description  PNP general purpose transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCW61 Datasheet(HTML) 3 Page - NXP Semiconductors

  BCW61 Datasheet HTML 1Page - NXP Semiconductors BCW61 Datasheet HTML 2Page - NXP Semiconductors BCW61 Datasheet HTML 3Page - NXP Semiconductors BCW61 Datasheet HTML 4Page - NXP Semiconductors BCW61 Datasheet HTML 5Page - NXP Semiconductors BCW61 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1999 Apr 12
3
NXP Semiconductors
Product data sheet
PNP general purpose transistors
BCW61 series
THERMAL CHARACTERISTICS
Note
1.
Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
Note
1.
Pulse test: tp ≤ 300 μs; δ ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = −32 V
−20
nA
IE = 0; VCB = −32 V; Tamb = 150 °C
−20
μA
IEBO
emitter cut-off current
IC = 0; VEB = −4 V
−20
nA
hFE
DC current gain
IC = −10 μA; VCE = −5 V
BCW61B
30
BCW61C
40
BCW61D
100
DC current gain
IC = −2 mA; VCE = −5 V
BCW61B
180
310
BCW61C
250
460
BCW61D
380
630
DC current gain
IC = −50 mA; VCE = −1 V
BCW61B
80
BCW61C
100
BCW61D
110
VCEsat
collector-emitter saturation voltage IC = −10 mA; IB = −0.25 mA
−60
−250
mV
IC = −50 mA; IB = −1.25 mA
−120
−550
mV
VBEsat
base-emitter saturation voltage
IC = −10 mA; IB = −0.25 mA
−600
−850
mV
IC = −50 mA; IB = −1.25 mA
−0.68 −
−1.05 V
VBE
base-emitter voltage
IC = −2 mA; VCE = −5 V
−600
−650
−750
mV
IC = −10 μA; VCE = −5 V
−550
mV
IC = −50 mA; VCE = −1 V
−720
mV
Cc
collector capacitance
IE = ie = 0; VCB = −10 V; f = 1 MHz
4.5
pF
Ce
emitter capacitance
IC = ic = 0; VEB = −0.5 V; f = 1 MHz
11
pF
fT
transition frequency
IC = −10 mA; VCE = −5 V;
f = 100 MHz; note 1
100
MHz
F
noise figure
IC = −200 μA; VCE = −5 V; RS = 2 kΩ;
f = 1 kHz; B = 200 Hz
2
6
dB


Similar Part No. - BCW61

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCW61 PHILIPS-BCW61 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
Siemens Semiconductor G...
BCW61 SIEMENS-BCW61 Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
logo
Infineon Technologies A...
BCW61 INFINEON-BCW61 Datasheet
88Kb / 9P
   PNP Silicon AF Transistor
Jul-10-2001
logo
Diotec Semiconductor
BCW61 DIOTEC-BCW61 Datasheet
183Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Vishay Siliconix
BCW61 VISHAY-BCW61 Datasheet
40Kb / 3P
   Small Signal Transistors (PNP)
09-May-02
More results

Similar Description - BCW61

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com