Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE170CA Datasheet(PDF) 1 Page - Littelfuse

Part # 1.5KE170CA
Description  Transient Voltage Suppression Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1.5KE170CA Datasheet(HTML) 1 Page - Littelfuse

  1.5KE170CA Datasheet HTML 1Page - Littelfuse 1.5KE170CA Datasheet HTML 2Page - Littelfuse 1.5KE170CA Datasheet HTML 3Page - Littelfuse 1.5KE170CA Datasheet HTML 4Page - Littelfuse 1.5KE170CA Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
87
©2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Transient Voltage Suppression Diodes
Revision: January 09, 2009
Axial Leaded – 1500W > 1.5KE series
1.5KE Series
Please refer to http://www.Littelfuse.com/series/1.5KE.html for current information.
AGENCY
AGENCY FILE NUMBER
E128662/E230531
1.5KE Series
TVS devices are ideal for the protection of I/O interfaces,
V
CC bus and other vulnerable circuits used in telecom,
computer, industrial and consumer electronic applications.
Applications
Features
The 1.5KE Series is designed specifically to protect
sensitive electronic equipment from voltage transients
induced by lightning and other transient voltage events.
Description
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation by
10x1000μs test waveform (Fig.1)
(Note 1)
P
PPM
1500
W
Steady State Power Dissipation on
inifinite heat sink at T
L=75ºC (Fig. 5)
P
D
6.5
W
Peak Forward Surge Current, 8.3ms
Single Half Sine Wave Unidirectional
only (Note 2)
I
FSM
200
A
Maximum Instantaneous Forward
Voltage at 100A for Unidirectional
only (Note 3)
V
F
3.5/5.0
V
Operating Junction and Storage
Temperature Range
T
J, TSTG
-55 to 175
°C
Typical Thermal Resistance Junction
to Lead
R
uJL
15
°C/W
Typical Thermal Resistance Junction
to Ambient
R
uJA
75
°C/W
Notes:
1. Non-repetitive current pulse , per Fig. 3 and derated above T
A = 25
O
C per Fig. 2.
2. Measured on 8.3ms single half sine wave or equivalent square wave, duty cycle=4 per
minute maximum.
3. V
F<3.5V for devices of VBR _
<
200V and V
F<5.0V for devices of VBR _
>
201V.
Maximum Ratings and Thermal Characteristics
(T
A=25
O
C unless otherwise noted)
Agency Approvals
temperature coefficient
ΔV
BR = 0.1% x VBR@25°C x ΔT
junction in DO-201
Package
capability at 10×1000μs
waveform, repetition rate
(duty cycles):0.01%
typically less than 1.0ps
from 0 Volts to BV min
capability
resistance
R less than 1μA
above 13V
soldering guaranteed:
260°C/40 seconds /
0.375”,(9.5mm) lead
length, 5 lbs., (2.3kg)
tension
Underwriters Laboratory
Flammability classification
94V-O
RoHS


Similar Part No. - 1.5KE170CA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1.5KE170CA ONSEMI-1.5KE170CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
logo
StarHope
1.5KE170CA SPSEMI-1.5KE170CA Datasheet
323Kb / 3P
   GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
logo
DB Lectro Inc
1.5KE170CA DBLECTRO-1.5KE170CA Datasheet
147Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
logo
Jinan Jing Heng Electro...
1.5KE170CA JINGHENG-1.5KE170CA Datasheet
132Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
1.5KE170CA MCC-1.5KE170CA Datasheet
927Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
More results

Similar Description - 1.5KE170CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SA5.0A LITTELFUSE-SA5.0A_09 Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com