Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA6.5CA Datasheet(PDF) 5 Page - Littelfuse

Part # SA6.5CA
Description  Transient Voltage Suppression Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SA6.5CA Datasheet(HTML) 5 Page - Littelfuse

  SA6.5CA Datasheet HTML 1Page - Littelfuse SA6.5CA Datasheet HTML 2Page - Littelfuse SA6.5CA Datasheet HTML 3Page - Littelfuse SA6.5CA Datasheet HTML 4Page - Littelfuse SA6.5CA Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
75
©2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Transient Voltage Suppression Diodes
Revision: January 09, 2009
Axial Leaded – 500W > SA series
SA Series
Please refer to http://www.Littelfuse.com/series/SA.html for current information.
Part Numbering System
Packaging
Part Number
Component
Package
Quantity
Packaging
Option
Packaging Specification
SAxxxXX
DO-204AC
4000
Tape & Reel
EIA STD RS-296E
SAxxxXX-B
DO-204AC
1000
Bulk
Littelfuse Concord Packing Spec. DM-0016
VOLTAGE CODE
(Refer to the Electrical Characteristics table)
TYPE CODE:
A
Uni-Directional (5% Voltage Tolerance)
CA Bi-Directional
OPTION CODE:
BLANK Reel Tape
-B Bulk Packaging
SERIES CODE
SAxxx XX X
Part Marking System
F
Product Type
Littelfuse Logo
Cathode Band


Similar Part No. - SA6.5CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA6.5CA PANJIT-SA6.5CA Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Ruilongyuan Electronics...
SA6.5CA RUILON-SA6.5CA Datasheet
848Kb / 7P
   Transient Voltage Suppressors
logo
Shanghai Yint Electroni...
SA6.5CA YINT-SA6.5CA Datasheet
843Kb / 5P
   SA Transient Voltage Suppressor Diode Series
logo
Won-Top Electronics
SA6.5CA WTE-SA6.5CA Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Socay Electornics Co., ...
SA6.5CA SOCAY-SA6.5CA Datasheet
475Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
More results

Similar Description - SA6.5CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com