Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM856BS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BCM856BS
Description  PNP/PNP matched double transistors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCM856BS Datasheet(HTML) 3 Page - NXP Semiconductors

  BCM856BS Datasheet HTML 1Page - NXP Semiconductors BCM856BS Datasheet HTML 2Page - NXP Semiconductors BCM856BS Datasheet HTML 3Page - NXP Semiconductors BCM856BS Datasheet HTML 4Page - NXP Semiconductors BCM856BS Datasheet HTML 5Page - NXP Semiconductors BCM856BS Datasheet HTML 6Page - NXP Semiconductors BCM856BS Datasheet HTML 7Page - NXP Semiconductors BCM856BS Datasheet HTML 8Page - NXP Semiconductors BCM856BS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
BCM856BS_BCM856DS_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 7 August 2008
3 of 14
NXP Semiconductors
BCM856BS; BCM856DS
PNP/PNP matched double transistors
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
Table 5.
Marking codes
Type number
Marking code[1]
BCM856BS
*BS
BCM856BS/DG
PB*
BCM856DS
DS
BCM856DS/DG
R9
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor
VCBO
collector-base voltage
open emitter
-
−80
V
VCEO
collector-emitter voltage
open base
-
−65
V
VEBO
emitter-base voltage
open collector
-
−5V
IC
collector current
-
−100
mA
ICM
peak collector current
single pulse;
tp ≤ 1ms
-
−200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
BCM856BS (SOT363)
BCM856BS/DG (SOT363)
[1] -
200
mW
BCM856DS (SOT457)
BCM856DS/DG (SOT457)
[1] -
250
mW
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
BCM856BS (SOT363)
BCM856BS/DG (SOT363)
[1] -
300
mW
BCM856DS (SOT457)
BCM856DS/DG (SOT457)
[1] -
380
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−55
+150
°C
Tstg
storage temperature
−65
+150
°C


Similar Part No. - BCM856BS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BCM856BS NEXPERIA-BCM856BS Datasheet
647Kb / 14P
   PNP/PNP matched double transistors
Rev. 01 - 7 August 2008
logo
NXP Semiconductors
BCM856BS/DG PHILIPS-BCM856BS/DG Datasheet
123Kb / 14P
   PNP/PNP matched double transistors
Rev. 01-7 August 2008
logo
Nexperia B.V. All right...
BCM856BS/DG NEXPERIA-BCM856BS/DG Datasheet
647Kb / 14P
   PNP/PNP matched double transistors
Rev. 01 - 7 August 2008
BCM856BSH NEXPERIA-BCM856BSH Datasheet
236Kb / 10P
   65 V, 100 mA PNP/PNP matched double transistor
22 March 2021
BCM856BSH-Q NEXPERIA-BCM856BSH-Q Datasheet
237Kb / 10P
   65 V, 100 mA PNP/PNP matched double transistor
6 May 2021
More results

Similar Description - BCM856BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCM857BV PHILIPS-BCM857BV_15 Datasheet
135Kb / 15P
   PNP/PNP matched double transistors
Rev. 06-28 August 2009
logo
Nexperia B.V. All right...
BCM856BS NEXPERIA-BCM856BS Datasheet
647Kb / 14P
   PNP/PNP matched double transistors
Rev. 01 - 7 August 2008
logo
NXP Semiconductors
BCM857BV NXP-BCM857BV Datasheet
123Kb / 15P
   PNP/PNP matched double transistors
Rev. 06-28 August 2009
logo
Nexperia B.V. All right...
BCM857BV NEXPERIA-BCM857BV Datasheet
2Mb / 15P
   PNP/PNP matched double transistors
Rev. 06 - 28 August 2009
PMP5501G NEXPERIA-PMP5501G Datasheet
118Kb / 14P
   PNP/PNP matched double transistors
Rev. 03 - 28 August 2009
logo
NXP Semiconductors
PMP5501V NXP-PMP5501V Datasheet
119Kb / 14P
   PNP/PNP matched double transistors
Rev. 03-28 August 2009
BCM856BS PHILIPS-BCM856BS_15 Datasheet
123Kb / 14P
   PNP/PNP matched double transistors
Rev. 01-7 August 2008
PMP5201V NXP-PMP5201V Datasheet
119Kb / 14P
   PNP/PNP matched double transistors
Rev. 03-28 August 2009
logo
Nexperia B.V. All right...
BCM62B NEXPERIA-BCM62B Datasheet
2Mb / 13P
   PNP/PNP matched double transistor
Rev. 02 - 28 August 2009
logo
NXP Semiconductors
BCM62B PHILIPS-BCM62B_15 Datasheet
131Kb / 13P
   PNP/PNP matched double transistor
Rev. 02-28 August 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com