Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM847BS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BCM847BS
Description  NPN/NPN matched double transistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCM847BS Datasheet(HTML) 2 Page - NXP Semiconductors

  BCM847BS Datasheet HTML 1Page - NXP Semiconductors BCM847BS Datasheet HTML 2Page - NXP Semiconductors BCM847BS Datasheet HTML 3Page - NXP Semiconductors BCM847BS Datasheet HTML 4Page - NXP Semiconductors BCM847BS Datasheet HTML 5Page - NXP Semiconductors BCM847BS Datasheet HTML 6Page - NXP Semiconductors BCM847BS Datasheet HTML 7Page - NXP Semiconductors BCM847BS Datasheet HTML 8Page - NXP Semiconductors BCM847BS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
BCM847BV_BS_DS_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 28 August 2009
2 of 15
NXP Semiconductors
BCM847BV/BS/DS
NPN/NPN matched double transistors
[1]
The smaller of the two values is taken as the numerator.
[2]
The smaller of the two values is subtracted from the larger value.
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
Per device
hFE1/hFE2
hFE matching
VCE =5V;
IC =2mA
[1] 0.9
1
-
VBE1−VBE2
VBE matching
VCE =5V;
IC =2mA
[2] --2
mV
Table 2.
Quick reference data …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 3.
Pinning
Pin
Description
Simplified outline
Symbol
1
emitter TR1
2
base TR1
3
collector TR2
4
emitter TR2
5
base TR2
6
collector TR1
001aab555
6
4
5
1
3
2
sym020
2
1
3
5
6
TR1
TR2
4
Table 4.
Ordering information
Type number
Package
Name
Description
Version
BCM847BV
-
plastic surface-mounted package; 6 leads
SOT666
BCM847BS
SC-88
plastic surface-mounted package; 6 leads
SOT363
BCM847DS
SC-74
plastic surface-mounted package (TSOP6); 6 leads
SOT457
Table 5.
Marking codes
Type number
Marking code[1]
BCM847BV
3A
BCM847BS
M1*
BCM847DS
R6


Similar Part No. - BCM847BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCM847BS PHILIPS-BCM847BS Datasheet
45Kb / 8P
   NPN matched double transistor; DhFE = 10 %
Rev. 02-6 April 2005
BCM847BS PHILIPS-BCM847BS Datasheet
115Kb / 15P
   NPN/NPN matched double transistors
Rev. 05-27 June 2006
BCM847BS PHILIPS-BCM847BS Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Diotec Semiconductor
BCM847BS DIOTEC-BCM847BS Datasheet
151Kb / 2P
   SMD Matched NPN Transistors
logo
Nexperia B.V. All right...
BCM847BS NEXPERIA-BCM847BS Datasheet
242Kb / 10P
   NPN/NPN matched double transistor
27 December 2022
More results

Similar Description - BCM847BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMP4201V NXP-PMP4201V Datasheet
123Kb / 14P
   NPN/NPN matched double transistors
Rev. 04-28 August 2009
logo
Nexperia B.V. All right...
PMP4501G NEXPERIA-PMP4501G Datasheet
122Kb / 14P
   NPN/NPN matched double transistors
Rev. 04 - 28 August 2009
logo
NXP Semiconductors
BCM847BV PHILIPS-BCM847BV_15 Datasheet
138Kb / 15P
   NPN/NPN matched double transistors
Rev. 06-28 August 2009
BCM847BV PHILIPS-BCM847BV Datasheet
115Kb / 15P
   NPN/NPN matched double transistors
Rev. 05-27 June 2006
PMP4501V NXP-PMP4501V Datasheet
123Kb / 14P
   NPN/NPN matched double transistors
Rev. 04-28 August 2009
logo
Nexperia B.V. All right...
BCM846BS NEXPERIA-BCM846BS Datasheet
687Kb / 12P
   NPN/NPN matched double transistor
BCM847DS NEXPERIA-BCM847DS Datasheet
241Kb / 10P
   NPN/NPN matched double transistor
27 December 2022
BCM61B NEXPERIA-BCM61B Datasheet
2Mb / 13P
   NPN/NPN matched double transistor
Rev. 02 - 28 August 2009
BCM847BS NEXPERIA-BCM847BS Datasheet
242Kb / 10P
   NPN/NPN matched double transistor
27 December 2022
logo
NXP Semiconductors
BCM61B PHILIPS-BCM61B_15 Datasheet
144Kb / 13P
   NPN/NPN matched double transistor
Rev. 02-28 August 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com