Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS8421-DZZ Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS8421-DZZ
Description  32-bit, 192-kHz Asynchronous Sample Rate Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8421-DZZ Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS8421-DZZ Datasheet HTML 3Page - Cirrus Logic CS8421-DZZ Datasheet HTML 4Page - Cirrus Logic CS8421-DZZ Datasheet HTML 5Page - Cirrus Logic CS8421-DZZ Datasheet HTML 6Page - Cirrus Logic CS8421-DZZ Datasheet HTML 7Page - Cirrus Logic CS8421-DZZ Datasheet HTML 8Page - Cirrus Logic CS8421-DZZ Datasheet HTML 9Page - Cirrus Logic CS8421-DZZ Datasheet HTML 10Page - Cirrus Logic CS8421-DZZ Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
DS641F4
7
CS8421
Pin Name
#
Pin Description
XTO
1
Crystal Out
(Output) - Crystal output for Master clock. See “Master Clock” on page 21.
XTI
2
Crystal/Oscillator In
(Input) - Crystal or digital clock input for Master clock. See “Master Clock”
on page 21.
VD
3
Digital Power
(Input) - Digital core power supply. Typically +2.5 V.
GND
4
Ground
(Input) - Ground for I/O and core logic.
RST
5
Reset
(Input) - When RST is low, the CS8421 enters a low-power mode and all internal states are
reset. On initial power-up, RST must be held low until the power supply is stable and all input
clocks are stable in frequency and phase.
BYPASS
6
Sample Rate Converter Bypass
(Input) - When BYPASS is high, the sample rate converter will
be bypassed, and any data input through the serial audio input port will be directly output on the
serial audio output port. When BYPASS is low, the sample rate converter will operate normally.
ILRCK
7
Serial Audio Input Left/Right Clock
(Input/Output) - Word-rate clock for the audio data on the
SDIN pin.
ISCLK
8
Serial Audio Bit Clock
(Input/Output) - Serial-bit clock for audio data on the SDIN pin.
SDIN
9
Serial Audio Input Data Port
(Input) - Audio data serial input pin.
MCLK_OUT
10
Master Clock Output
(Output) - Buffered and level-shifted output for Master clock. If MCLK_OUT
is not required, this pin should be pulled high through a 47 kΩ resistor to turn the output off. See
“Master Clock” on page 21.
TDM_IN
11
Serial Audio TDM Input
(Input) - Time Division Multiplexing serial audio data input. Grounded
when not used. See “Time Division Multiplexing (TDM) Mode” on page 22.
SDOUT
12
Serial Audio Output Data Port
(Output) - Audio data serial output pin. Optionally this pin may be
pulled low through a 47 kΩ resistor, but should not be pulled high.
OSCLK
13
Serial Audio Bit Clock
(Input/Output) - Serial-bit clock for audio data on the SDOUT pin.
OLRCK
14
Serial Audio Input Left/Right Clock
(Input/Output) - Word-rate clock for the audio data on the
SDOUT pin.
MS_SEL
15
Master/Slave Select
(Input) - Used to select Master or Slave for the input and output serial audio
ports at startup and reset. See Table 1 on page 19 for settings.
GND
16
Ground
(Input) - Ground for I/O and core logic.
VL
17
Logic Power
(Input) - Input/Output power supply. Typically +3.3 V or +5.0 V.
SAOF
18
Serial Audio Output Format Select
(Input) - Used to select the serial audio output format at star-
tup and reset. See Table 3 on page 19 for format settings.
SAIF
19
Serial Audio Input Format Select
(Input) - Used to select the serial audio input format at startup
and reset. See Table 2 on page 19 for format settings.
SRC_UNLOCK
20
SRC Unlock Indicator
(Output) - Indicates when the SRC is unlocked. See “SRC Locking and
Varispeed” on page 20.


Similar Part No. - CS8421-DZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8421-DZZ CIRRUS-CS8421-DZZ Datasheet
646Kb / 36P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421-DZZ CIRRUS-CS8421-DZZ Datasheet
658Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421-DZZ CIRRUS-CS8421-DZZ Datasheet
563Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421-DZZR CIRRUS-CS8421-DZZR Datasheet
646Kb / 36P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421-DZZR CIRRUS-CS8421-DZZR Datasheet
658Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
More results

Similar Description - CS8421-DZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8421 CIRRUS-CS8421_06 Datasheet
658Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_09 Datasheet
563Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421 Datasheet
646Kb / 36P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
logo
Analog Devices
AD1895 AD-AD1895 Datasheet
1Mb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1896 AD-AD1896_15 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896 AD-AD1896 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
logo
Cirrus Logic
CS8422 CIRRUS-CS8422 Datasheet
1Mb / 82P
   24-bit, 192 kHz, Asynchronous Sample Rate Converter with
logo
Analog Devices
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1895 AD-AD1895_15 Datasheet
860Kb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com